Part Number Hot Search : 
005057 HA1V6 BZX84C15 TAR5S27U P6KE600C AK200B5 IR3510M TMEGA1
Product Description
Full Text Search
 

To Download AP153309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Features
* * * * * * * * * * Input voltage: 4V to 23V Output voltage: 0.8V to VCC Output current: 1.8A up to peak 2A Duty ratio: 0% to 99% PWM control Oscillation frequency: 300KHz typ. Soft-start like, Current limit and Enable function Thermal Shutdown function Built-in internal SW P-channel MOS SOP-8L: Available in "Green" Molding Compound (No Br, Sb) Lead Free Finish/ RoHS Compliant (Note 1)
General Description
AP1533 consists of step-down switching regulator with PWM control. These devices include a reference voltage source, oscillation circuit, error amplifier, internal PMOS. AP1533 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to vary the duty ratio linearly from 0 up to 99%. This converter also contains an error amplifier circuit as well as a soft-start circuit that prevents overshoot at startup. An enable function, an over current protect function and a short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be reduced from 300KHz to 50KHz. Also, an internal compensation block is built in to minimum external component count. With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode connected externally, these ICs can function as step-down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L mini-package, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 23V, it is also suitable for the operation via an AC adapter.
Applications
* * * * * * * * PC Motherboard LCD Monitor Graphic Card DVD-Video Player Telecom Equipment ADSL Modem Printer and other Peripheral Equipment Microprocessor core supply
Typical Application Circuit
L1 Output 33uH CC Optional FB VSS D1* RB 1.3K RA 6.8K VOUT=5V/1.8A
VIN ROCSET COCSET 3.3K Option C IN 470uF CVcc 0.1uF R EN 100K C EN 0.1uF
Vcc
AP1533
OCSET EN
+ -
C
+ -
COUT 470uF
0.1uF
VOUT = V FB x (1+ R A /RB ) R B= 0.7K~5K ohm
* Suggested DIODES Power Schottky P/N: B340 series or PDS340.
AP1533 Rev. 4 DS31192
1 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Ordering Information
AP 1 5 3 3 S G - 13
Package S : SOP-8L Green G : Green Packing
13 : Tape & Reel
Device AP1533SG-13
Notes:
Package Code S
Packaging (Note 2) SOP-8L
13" Tape and Reel Quantity Part Number Suffix 2500/Tape & Reel -13
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignments
( Top View ) FB 1 EN 2 AP1533 OCSET 3 VCC 4 SOP-8L 6 5 Output Output 8 7 VSS VSS
Pin Descriptions
Pin Name FB Pin No. 1 Description Feedback pin Power-off pin H: Normal operation (Step-down operation) L: Step-down operation stopped (All circuits deactivated) Add an external resistor to set max output current IC power supply pin Switch Pin. Connect external inductor/diode here. Minimize trace area at this pin to reduce EMI GND Pin
EN
2
OCSET VCC Output VSS
3 4 5, 6 7, 8
AP1533 Rev. 4 DS31192
2 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Block Diagram
Output Oscillation Circuit VCC PWM-Switched Control Circuit Thermal Shutdown VEN 90uA VSS + FB Reference Voltage Source
EN
OCSET
Absolute Maximum Ratings
Symbol ESD MM VCC VFB VEN VOUT PD TJ TST
Caution:
Parameter Machine Model ESD Protection VCC Pin Voltage Feedback Pin Voltage EN Pin Voltage Switch Pin Voltage Power Dissipation Operating Junction Temperature Range Storage Temperature Range
Rating 8 500 VSS - 0.3 to VSS + 24 VSS - 0.3 to VCC VSS - 0.3 to VIN + 0.3 VSS - 0.3 to VIN + 0.3 Internally limited -20 to +125 -65 to +150
Unit KV V V V V V mW
o o
ESD HBM Human Body Model ESD Protection
C C
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Symbol VIN IOUT TA Parameter Input Voltage Output Current Operating Ambient Temperature Min 4 0 -25 Max 23 1.8 85 Unit V A o C
AP1533 Rev. 4 DS31192
3 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Electrical Characteristics
(VIN = 12V, TA = 25C, unless otherwise specified) Symbol Parameter Conditions VFB Feedback Voltage IOUT = 0.1A IFB Feedback Bias Current IOUT = 0.1A Current Consumption During ISHDN VEN = 0V Power Off VOUT Line Regulation / VIN VOUT Load Regulation / VOUT fOSC Oscillation Frequency Frequency of Current Limit or fOSC1 Short Circuit Protection VIH EN Pin Input Voltage VIL ISH EN Pin Input Leakage Current ISL IOCSET OCSET Pin Bias Current RDS(ON) Internal MOSFET RDS(ON) EFFI Efficiency VIN = 5V~23V IOUT = 0.1 to 1.8A Measure waveform at SW pin Measure waveform at SW pin Evaluate oscillation at SW pin Evaluate oscillation stop at SW pin EN Pin High EN Pin Low -VIN=5V, VFB=0V VIN=12V, VFB=0V VIN=12V, VOUT = 5V IOUT=1.8A
Min 0.784 240 2.0 75 -
Typ. 0.8 0.1 10 1 0.2 300 50 20 -10 90 110 80 91 150 55 134 22
Max 0.816 0.5 2 0.5 400 0.8 105 150 110 -
Unit V A A % % KHz KHz V A A A m % C C
o
TSHDN Thermal shutdown threshold THYS Thermal shutdown hysteresis Thermal Resistance JA SOP-8L (Note 3) Junction-to-Ambient Thermal Resistance JC SOP-8L (Note 3) Junction-to-Case
Notes:
C/W C/W
o
3. Test condition: Device mounted on FR-4 PCB, 2"x2", 2oz copper, minimum recommended pad layout, single side. For better thermal performance, larger copper pad for heatsink is needed.
AP1533 Rev. 4 DS31192
4 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Typical Performance Characteristics
VIN vs. Frequency
320 318 316 314 312 310 308 306 304 302 300 0 2 4 (VOUT=3.3V; IOUT=0.2A)
(Continued)
VIN vs. VFB
0.820 0.815 0.810 VFB (V) 0.805 0.800 0.795 0.790 0.785 0.780 (VOUT=3.3V; IOUT=0.2A)
FOSC (kHz)
6
8
10 12 14 16 18 VIN (V)
20 22 24
0
2
4
6
8
10 12 14 16 18 20 22 24 VIN (V)
Line Regulation
3.40 3.35 3.30 VOUT (V) 3.20 3.15 3.10 3.05 3.00 0 2 4 6 8 10 12 14 16 18 20 22 24 VIN (V) VOUT (V) 3.25 (VOUT=3.3V; IOUT=0.2A) 3.25 3.24 3.23 3.22 3.21 3.20 3.19 3.18 3.17 3.16 3.15 0 0.5
Load Regulation
(VIN=12V)
1 IOUT (A)
1.5
2
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 0.5
Efficiency
Efficiency (%)
VOUT=3.3V VOUT=5V
1 IOUT (A)
1.5
2
AP1533 Rev. 4 DS31192
5 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Typical Performance Characteristics
VOUT Ripple ( VIN = 12V; VOUT = 3.3V; IOUT = 0.1A )
(Continued)
VOUT Ripple (VIN = 12V; VOUT = 3.3V; IOUT = 1.8A )
Test Circuit
Oscillation open VCC OUTPUT FB open
A +
VCC
OUTPUT
FB
OCSET
A
EN
VSS
-
OCSET EN
VSS
Enable function test
Feedback function test
VCC
+ -
OUTPUT
FB
OCSET EN VSS
+ V
Operation function test
AP1533 Rev. 4 DS31192
6 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Functional Description
PWM Control The AP1533 is a DC/DC converter that employs pulse width modulation (PWM) scheme. Its pulse width varies in the range of 0% to 99%, based on the output current loading. The output ripple voltage caused by the PWM high frequency switching can easily be reduced through an output filter. Therefore, this converter provides a low ripple output supply over a broad range of input voltage & output current loading Under Voltage Lockout The under voltage lockout circuit of the AP1533 assures that the high-side MOSFET driver remains in the off state whenever the supply voltage drops below 3.3V. Normal operation resumes once VCC rises above 3.5V. Current Limit Protection The current limit threshold is set by external resistor ROCSET connected from VCC supply to OCSET pin. The internal sink current IOCSET (90A typical) across this resistor sets the voltage at OCSET pin. When the PWM voltage is less than the voltage at OCSET, an over-current condition is triggered. The current limit threshold is given by the following equation: Inductor Selection For most designs, the operation range with inductors is from 22H to 33H. The inductor value can be derived from the following equation:
L=
VIN - VOUT VOUT x fs x I VIN
Where IL is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high ripple current. Choose inductor ripple current approximately 15% of the maximum load current 1.8A, IL=0.27A. The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation (1.8A+0.135A). Input Capacitor Selection This capacitor should be located close to the IC using short leads and the voltage rating should be approximately 1.5 times the maximum input voltage. The RMS current rating requirement for the input capacitor of a buck regulator is approximately 12 the DC load current. A low ESR input capacitor sized for maximum RMS current must be used. A 470F low ESR capacitor for most applications is sufficient. Output Capacitor Selection The output capacitor is required to filter the output voltage and provides regulator loop stability. The important capacitor parameters are the 100KHz Equivalent Series Resistance (ESR), the RMS ripples current rating, voltage rating and capacitance value. For the output capacitor, the ESR value is the most important parameter. The output ripple can be calculated from the following formula.
IPEAK x R DS(ON) = IOCSET x R OCSET
(I) IPEAK > IOUT(MAX) + 2
where,
I =
VIN - VOUT VOUT x fs x L VIN
V RIPPLE = IL x ESR
The bulk capacitor's ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the capacitance and its voltage rating. In most case, higher voltage electrolytic capacitors have lower ESR values. Most of the time, capacitors with much higher voltage ratings may be needed to provide the low ESR values required for low output ripple voltage. PCB Layout Guide If you need low TC & TJ or large PD (Power Dissipation), The dual SW pins(5& 6) and Vss pins(7& 8)on the SOP-8L package are internally connected to die pad, The evaluation board should be allowed for maximum copper area at output (SW) pins. 1. 2. 3. 4. Connect FB circuits as closely as possible and keep away from inductor flux for pure VFB. Connect input capacitor to Vcc and Vss pin as closely as possible to get good power filter effect. Connect ROCSET to Vcc and OCSET pin as closely as possible. Connect ground side of the input capacitor & Schottky & output capacitor as closely as possible and use ground plane for best performance.
IPEAK is the output peak current; RDS (ON) is the MOSFET ON resistance; fS is the PWM frequency (300KHz typical). Also, the inductor value will affect the ripple current I. The above equation is recommended for input voltage range of 5V to 18V. For input voltage lower than 5V or ambient temperature over 100C, higher ROCSET is recommended. The recommended minimum ROCSET value is summarized below: VIN (V) 4 5 12 18 23 VOUT (V) 0.8 3.3 5 12 12 ROCSET () 3.9K 3.3K 3.3K 3.3K 4.7K
The maximum ROCSET value should not exceed AP1533 maximum current output.
AP1533 Rev. 4 DS31192
7 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
Marking Information
(1) SOP-8L
( Top View )
8 5
Logo Part Number AP1533 YY WW X X
1 4
G : Green YY : Year : 08, 09,10~ WW : Week : 01~52; 52 represents 52 and 53 week X : Internal Code
Package Information
(1) Package Type: SOP-8L
( All Dimensions in mm )
3.85/3.95
5.90/6.10
0.10/0.20
0.254 0.62/0.82
Gauge Plane Seating Plane
Detail "A"
7~9 1.30/1.50 1.75max. 0.15/0.25
0.35max. 45
7~9
Detail "A"
0/8
1.27typ 4.85/4.95
0.3/0.5
8x-0.60 5.4 6x-1.27 8x-1.55
Land Pattern Recommendation (Unit: mm)
AP1533 Rev. 4 DS31192
8 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
AP1533 Rev. 4 DS31192
9 of 9 www.diodes.com
JULY 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AP153309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X