Part Number Hot Search : 
OV7141 63AYA6A MUPTB10 A1360 5KP28A MBR16100 MTD9N10D HCT08
Product Description
Full Text Search
 

To Download 87808-3001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878083001 Active
extreme_powerplus_ssi 5.08mm (.200") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM S-P(B) Receptacle, Through Hole, Right Angle, Beveled Metal Pins, 0.76m (30") Gold(Au) Plating, 22 Circuits, Power Beta 6, Signal 16, No Recessed Power Circuit, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87805-006 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 87808 Board-to-Board Recessed Power Circuit Position: NIL extreme_powerplus_ssi EXTreme PowerPlusTM
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part 22 22 Power Beta 6, Signal 16 Black 100 94V-0 No Yes Yes High Performance Alloy (HPA), Phosphor Bronze Gold Tin High Temperature Thermoplastic 1 Right Angle 0.135 In 3.43 mm Yes Yes 0.062 In 1.57 mm Tray 0.100 In, 0.200 In 2.54 mm, 5.08 mm 0.100 In, 0.200 In 2.54 mm, 5.08 mm 30.4 0.76 101.6 2.54 Yes
Search Parts in this Series 87808Series Mates With 878072002
Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes No Yes -20C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 30A 250V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87805-006 SD-87808-001
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87808-3001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X