![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0875681073 Active 2.00mm (.079") Pitch Milli-GridTM Cable-to-Board Receptacle, Dual Row, IDT, Lead-free, 10 Circuits, 0.38mm (.015") Gold (Au) Selective Plating, without Center Polarization Key, with Locking Friction Ramp Documents: 3D Model Drawing (PDF) Product Specification PS-87568-004 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Crimp Quality Equipment MolexKits Product Name Use With IDT and Solder Connectors 87568 Yes Yes Milli-GridTM 87569-1010 Strain Relief (Optional) Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 10 Black 100 94V-0 Female No Yes Copper Alloy Polyester 2 Tray No 0.079 In 2.00 mm Yes No -20C to +85C IDT or Pierce 28 Search Parts in this Series 87568Series Mates With 87831 Vertical PCB Header, 87832 Surface Mount PCB Header, 87833 Right Angle PCB Header Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Press with 0621002200 IDT Ribbon Cable Tool Kit IDT Ribbon Cable 0621002400 Adapter Kit For 2.00mm Milli-GridTM IDT - Manual 0621002000 Handtool Electrical Current - Maximum per Contact Voltage - Maximum 1A 125V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-87568-004 SD-87568-003 IDT - Manual - Tool 0621003200 Kit This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 87568-1073
![]() |