![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0757840108 Active ipass 0.80mm (.031") Pitch, iPassTM I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38m (15") Gold (Au), Retention Shell, Right Key Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Comments Component Type Overview Product Name Type I/O Connectors 75784 Wire-to-Board Positive or passive latching cable available Receptacle ipass iPassTM, PCI Express*, SAS, Serial ATA N/A Physical Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating N/A 36 36 Black 50 94V-0 Female Yes None Copper-Nickel-Zinc, High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Embossed Tape on Reel No 0.031 In 0.80 mm 0.031 In 0.80 mm 15.2 0.38 101.6 2.54 Yes Yes 1 Yes -40C to +80C Search Parts in this Series 75784Series Mates With iPassTM Cable Assemblies, 79575 , 79576 , 74562 , 74563 , 79536 Termination Interface: Style Waterproof / Dustproof Surface Mount, Through Hole - Kinked Pin No Electrical Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.5A None Full Shield Yes 30V AC (RMS)/DC Solder Process Data Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 260 Material Info Reference - Drawing Numbers Application Specification Packaging Specification Sales Drawing AS-75783-001 PK-75783-001 SD-75784-001 This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 75784-0108
![]() |