Part Number Hot Search : 
M39432NC 2SB566AK DS128 R3003 2SK1553 LM100 VUO50 VUO50
Product Description
Full Text Search
 

To Download 530VW6C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No./530VW6C
Features/
l Single color/ l High bright output/ l Low power consumption/ l High reliability and long life/ l Cuprum lead/
Descriptions/
l Dice material/GaInN l Emitting Color/ Super Bright White/ l Device Outline/ 5mm Round Type/5mm l Lens Type/Water Clear/
NOTE/:
l l
All dimensions are millimeters/mm Tolerance is +/-0.25mmunless otherwise noted/0.25mm
DIRECTIVITY
1.0 0 Ta=25 C IF=20mA 30
Relative Luminous
0.5
60
0
90
60
30
0
0.5
90 1.0
Radiation Angle
www.ledz.com
1/4
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No./530VW6C
Absolute maximum ratings/Ta = 25
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition IR = 30A ------Duty=0.1mS1kHz ------Value Min. 5 ----------40 -40 Max. -25 100 100 +85 +100 Unit V mA mW mA
Electrical and optical characteristics /Ta = 25
Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Symbol VF IR IV 21/2 Test Condition IF = 20mA VR = 5V IF = 20mA IF = 20mA Value Min. ------------Typ. 3.6 ---2500 25 Max. 4.0 30 ------Unit V A mcd Deg.
Luminous Intensity Bins Chart/Ta = 25
Bin Min Max T 1000 1500 U 1500 2000 V 2 00 0 3 00 0 W 3000 4000
www.ledz.com
2/4
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No./530VW6C
Chromaticity Coordinates Ranks /(IF=20mA
Wa1 Wa3 Wb2 Wc2 Wc4 Wd2 X Y X Y X Y X Y X Y X Y 0.243 0.200 0.246 0.236 0.264 0.267 0.287 0.295 0.306 0.332 0.330 0.360 0.215 0.230 0.230 0.250 0.248 0.286 0.283 0.305 0.298 0.350 0.321 0.379 0.230 0.250 0.248 0.286 0.275 0.321 0.330 0.360 0.321 0.379 0.366 0.419 0.263 0.220 0.264 0.267 0.283 0.305 0.330 0.339 0.330 0.360 0.361 0.385 Wa2 Wb1 Wc1 Wc3 Wd1 Wf X Y X Y X Y X Y X Y X Y 0.263 0.220 0.280 0.248 0.296 0.276 0.283 0.305 0.330 0.318 0.356 0.351
Ta=25)
0.246 0.236 0.264 0.267 0.287 0.295 0.275 0.321 0.330 0.360 0.366 0.419 0.264 0.267 0.283 0.305 0.330 0.339 0.298 0.350 0.361 0.385 0.391 0.436 0.280 0.248 0.296 0.276 0.330 0.318 0.306 0.332 0.356 0.351 0.380 0.381
CIE 1931 Chromaticity diagram
Y
IF=20mATa=25 C
W d2 W c4 W d1 W c3 W b2 W b1 W a3 W a2 W a1
Wf
WW c1 c2
x
www.ledz.com
3/4
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
Part No./530VW6C
Typical electrical/optical characteristic curves/
Fig.1 Vs.
50 40 30 20 10 0 3.0 Luminous Intensity Relative Value at IF=20mA 3.2 3.4 3.6 3.8 Forward Voltage(V) 4.0 Forward Current(mA) 2.5 2.0 1.5 1.0 0.5 0 0 40 10 20 30 IF-Forward Current (mA) 50
Fig.2 Vs.
Fig.3 Vs.
40 30 20 10 0 0 20 40 60 80 100 Relative Luminous Intensity 50 Forward Current(mA) 2.5 2.0 1.5 1.0 0.5
Fig.4 Vs.
0 -40
Ambient Temperature TA () 1.2
-20 0 20 40 60 Ambient Temperature TA ()
80 90
Relative Luminous Intensity
Ta=25 1.0 0.8 0.6 0.4 0.2 0 400 450 500 550 600 650 700
Wa v el e ng t h
www.ledz.com
(n m)
4/4


▲Up To Search▲   

 
Price & Availability of 530VW6C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X