Part Number Hot Search : 
KBJ6J 1010A CEE125 HMC55010 Z8D64U 1N4148 KS0678 T24C0
Product Description
Full Text Search
 

To Download 52885-1274 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0528851274 Active
0.635mm (.025") Pitch SlimStackTM Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape with Cover Packaging, 120 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-52760-015 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
UL E29179
General
Product Family Series Application Comments Product Name PCB Receptacles 52885 Board-to-Board Stacking-Type SlimStackTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Robotic Placement Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 120 Natural 50 94V-0 No 10.00 mm, 5.00 mm, 6.00 mm, 7.00 mm, 8.00 mm, 9.00 mm Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Embossed Tape on Reel 0.025 In 0.64 mm 10 0.25 80 2 Yes Pick and Place Cap N/A -55C to +85C Surface Mount
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 52885Series Mates With 55091 , 53649 , 53643 , 53475 , 53627 , 53553 , 5 3552, 53647 , 53551 , 53481 , 53625
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 100V
Material Info Reference - Drawing Numbers
Product Specification
Sales Drawing
PS-52760-015, RPS-52760-017, RPS-52760-018, RPS-52760-020, RPS-52760-021, RPS-52760-029, RPS-52885-007, RPS-52885-008, RPS-52885-009 SD-52885-003, SD-52885-004
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52885-1274

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X