|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0528851074 Active 0.635mm (.025") Pitch SlimStackTM Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape with Cover Packaging, 100 Circuits, Lead-free Documents: 3D Model Drawing (PDF) Product Specification PS-52760-015 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Series Agency Certification UL E29179 General Product Family Series Application Comments Product Name PCB Receptacles 52885 Board-to-Board Stacking-Type SlimStackTM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Robotic Placement Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 100 Natural 50 94V-0 No 10.00 mm, 5.00 mm, 6.00 mm, 7.00 mm, 8.00 mm, 9.00 mm Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Embossed Tape on Reel 0.025 In 0.64 mm 10 0.25 80 2 Yes Pick and Place Cap N/A -55C to +85C Surface Mount EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 52885Series Mates With 55091 , 53649 , 53643 , 53475 , 53627 , 53553 , 5 3552, 53647 , 53551 , 53481 , 53625 Electrical Current - Maximum per Contact Voltage - Maximum 0.5A 100V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-52760-015, RPS-52760-017, RPS-52760-018, RPS-52760-020, RPS-52760-021, RPS-52760-029, RPS-52885-007, RPS-52885-008, RPS-52885-009 SD-52885-003, SD-52885-004 This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 52885-1074 |