Part Number Hot Search : 
TPCA80 E30A2CDS SBP13 D471K SMB5361 KBPC6 TLP25 2SC18
Product Description
Full Text Search
 

To Download 2SD2113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD2113
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 120V(Min) *Collector-Emitter Saturation Voltage: VCE(sat)= 1.5V(Max) @IC= 1.5A *High DC Current Gain : hFE= 1000(Min) @ IC= 1.5A, VCE= 3V
APPLICATIONS *Designed for low frequency power amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC ICM
Collector Current-Continuous
w
ww
scs .i
VALUE 120 V 120 V 7 V 3 A 6 A 25 W 2
UNIT
.cn mi e
Collector Current-Peak Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD2113
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA ; RBE=
120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 3mA
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 3A; IB= 30mA
B
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 1.5A; IB= 3mA
VBE(sat)-2
Base-Emitter Saturation Voltage
ICBO
Collector Cutoff Current
ICEO
Collector Cutoff Current
hFE
DC Current Gain
w w
scs .i w
B
IC= 3A; IB= 30mA
VCB= 100V; IE= 0
VCE= 100V; RBE=
.cn mi e
1000
2.0
V
3.5
V A
10
10
A
IC= 1.5A; VCE= 3V
20000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD2113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X