Part Number Hot Search : 
HAT2043 ST232AB 2SC111 TCMZ8V2 61MEL 043045 C1660 TM12864
Product Description
Full Text Search
 

To Download 2SD1716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1716
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 160V(Min.) *Good Linearity of hFE *Wide Area of Safe Operation *Complement to Type 2SB1161
APPLICATIONS *Designed for high power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w
ww
scs .i
160 V 160 V 5 V 12 A 20 A 120 W
UNIT
.cn mi e
ICP
Collector Current-Pulse Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 3
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1716
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 8A; IB= 0.8A
B
2.0
V
VBE(on) ICBO
Base -Emitter On Voltage
IC= 8A; VCE= 5V
1.8
V A A
Collector Cutoff Current
VCB= 160V; IE= 0
50
IEBO hFE-1
Emitter Cutoff Current
VEB= 3V; IC= 0 IC= 20mA; VCE= 5V 20
50
DC Current Gain
hFE-2
DC Current Gain
IC= 1A; VCE= 5V
hFE-3
DC Current Gain
COB
Collector Output Capacitance
fT
Current-Gain--Bandwidth Product
hFE-2 Classifications Q 60-120 S 80-160
w
P
ww
scs .i
IC= 8A; VCE= 5V
IE= 0; VCB= 10V; f= 1MHz
IC= 0.5A; VCE= 5V
.cn mi e
60 20
200
250
pF
20
MHz
100-200
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X