Part Number Hot Search : 
LM139 TEA1098 MAX6820 WJ1511CF MB91F4 KP200A BA596 AP9466GM
Product Description
Full Text Search
 

To Download 2SC1971 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC1971
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2SC1971 is Designed for RF power amplifiers on VHF band mobile radio applications.
FEATURES INCLUDE:
* * * Replaces Original 2SC1971 in Most Applications High Gain Reduces Drive Requirements Economical TO-220CE Package
PACKAGE STYLE TO-220AB (COMMON EMITTER)
MAXIMUM RATINGS
IC VCBO PDISS TSTG JC 2.0 A 35 V 12.5 W @ TC = 25 C -55 C to +150 C 10 C/W
1 = BASE 2 = EMITTER 3 = COLLECTOR TAB = EMITTER
CHARACTERISTICS
SYMBOL
BVCEO BVCBO BVEBO ICBO IEBO hFE COB GPE POUT IC = 50 mA IC = 10 mA
TC = 25 C
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
17 35 4.0 500 500
UNITS
V V V A A --pF dB % W
IE = 5.0 mA VCES = 25 V VEB = 3.0 V VCE = 10 V VCB = 30 V VCC = 13.5 V PIN = 0.6 W IC = 100 mA f = 1.0 MHz f =175 MHz
10
50 15
180
10 60 6.0
70 7.0
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 2SC1971

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X