Part Number Hot Search : 
RM21B CPC1908J PA2047NL 60B683C KIC6983T UE200013 STRRP MP1011E
Product Description
Full Text Search
 

To Download 2N5038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5038
MECHANICAL DATA
Dimensions in mm (inches)
25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 1.52 (0.06) 3.43 (0.135) 6.35 (0.25) 9.15 (0.36)
Bipolar NPN Device in a Hermetically Sealed TO3 Metal Package
38.61 (1.52) 39.12 (1.54)
0.97 (0.060) 1.10 (0.043)
APPLICATIONS
22.23 (0.875) max.
29.9 (1.177) 30.4 (1.197)
16.64 (0.655) 17.15 (0.675)
1
2
Intended for High Current Switching Applications.
3 (case) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50)
TO3 (TO204AA) Pin 1 = Base Pin 2 = Emitter Case = Collector
ABSOLUTE MAXIMUM RATINGS TCASE = 25 unless otherwise stated C
VCBO VCEX VCEO VEBO IC IB Ptot Tstg Collector - Base Voltage Collector - Emitter Voltage (VBE = -1.5V RBE = 100 ) Collector - Emitter Voltage Emitter - Base Voltage Continuous Collector Current Base Current Total Power Dissipation at Tcase = 25 C Derate above 25 C Storage Temperature 150V 150V 90V 7V 20A 5A 140W 0.8W/ C -65 to 200 C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7365, ISSUE 1
2N5038
THERMAL CHARACTERISTICS
Rth j-case Thermal resistance to case
Max.
1.25
Unit
C/W
ELECTRICAL CHARACTERISTICS (Tcase=25C unless otherwise stated)
Parameter
hFE* Forward-current transfer ratio Collector to Emitter Saturation Voltage Base to Emitter Saturated Voltage Collector to Emitter Breakdown Voltage Collector to Emitter Breakdown Voltage
Test Conditions
IC = 2A IC = 12A IC = 12A IC = 20A IC = 20A IC = 0.2A IC = 0.2A VBE = -1.5V VCE = 140V VBE = -1.5V VBE = -1.5V IB = 0 IC = 0 IC = 12A VCE = 100V TCase = 150 C VCE = 70V VEB = 7V VEB = 5V VCE = 5.0V RBE = 100 VCE = 5.0V IB = 1.2A IB = 5A IB = 5A
Min. Typ. Max.
50 20 250 100 1.0 2.5 3.3 90 150 50 10 20 50 5 1.8
Unit
VCE(sat)* VBE(sat)* V(BR)CEO* V(BR)CEX*
V
ICEV
Collector Cut-Off Current
ICEO IEBO VBE*
Collector Cut-Off Current Emitter Cut-Off Current Base-Emitter Voltage
mA
V
DYNAMIC CHARACTERISTICS
tr ts tf Cob Rise Time Storage Time Fall Time Output Capacitance VCC = 30V IB1=-IB2=1.2A IE = 0 f = 1.0MHz IC = 2A f = 5MHz VCE = 10V 12 VCB = 10V IC=12A 0.5 1.5 0.5 500 pF s
|hfe|
Small Signal Current Gain
* Pulse test tp = 300s, < 2%
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7365, ISSUE 1


▲Up To Search▲   

 
Price & Availability of 2N5038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X