Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download 1SS355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS355
SURFACE MOUNT SWITCHING DIODE VOLTAGE
FEATURES
* Small surgace mounting type (SOD-323)
.045(1.15) .054(1.35)
.078(1.95) .068(1.75)
90 Volts
POWER
200 mW
SOD-323
Unit: inch (mm)
.014(.35)
* High reliability with surge current handing capability * In compliance with EU RoHS 2002/95/EC directives
.009(.25)
* High Speed (TRR=1.2ns Typ)
.038(.95) .027(.70)
.006(.15)
.107(2.7) .090(2.3)
MECHANICAL DATA
Case: SOD-323 plastic Terminals : Solderable per MIL-STD-750,Method 2026 Polarity : Color band cathode Approx Weight: 0.0041 grams Silicon epitaxial planar
.012(.30)MIN.
1
2
Cathode
Anode
MAXIMUM RATINGS
PA RA ME TE R M a xi m um Re c ur r e nt P e a k Re ve rs e Vo lta g e M a xi m um D C Re ve r s e Vo lta g e Ma xi mum P e a k F o r wa r d C ur re nt Me a n Re c ti fyi ng C urr e nt S urg e C ur re nt tp = 1 0 0 0 ms ( 1 s e c ) Op e r a ti ng J unc ti o n a nd S to ra g e Te mp e r a tur e Ra ng e
S YMB OL V RM VR IF M IO IF S M T J ,T S TG
L IMITS 90 80 225 100 0 .5 - 5 5 to + 1 5 0
.002(.05)
UNITS V V mA mA A
O
C
ELECTRICAL CHARACTERISTICS
PA RA M E TE R
F o rwa rd Vo lta g e R e ve r s e C ur r e nt C a p a c i t a n c e B e t w e e n Te r m i n a l s R e v e r s e R e c o v e r y Ti m e
S YM B O L
VF IR CT TRR
M IN .
-----
T YP.
-----
MA X .
1 .2 0 .1 3 .0 4 .0
U N IT S
V A pF ns
C O N D IT O N S
IF = 1 0 0 m A V R= 8 0 V V R= 0 V, f = 1 M H Z V R = 6 V , IF = 1 0 m A , R L = 1 0 0
Note : 1.Mounted on min pad conditions using FR-4 PCB REV.0.5-MAR.5.2010 PAGE . 1
1SS355
300
P D, POWER DISSIPATION (mW)
10
TJ =125 OC
REVERSE CURRENT, u A
200
1.0
0.1
TJ =75 OC
100
0.01
TJ =25 OC
0
50
100
150
200
AMBIENT TEMPERATURE( C)
O
0.001
0
20
40
60
80
100
REVERSE VOLTAGE, Volts
FIG. 1 POWER DERATING CURVE
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
100
100
IFSM
Forward Current, IF, Amperes
TJ = 150C
Peak Surge Forward Current (IFSM), A
10
TJ = 25C TJ = 75C
10
t
1
1
0.1 0 0.2 0.4 0.6 0.8 Forward Voltage, VF, Volts 1
0.1 0.1 1 10 Pulse width, ms 100 1000
FIG. 3 TYPICAL FORWARD CHARACTERISTIC
FIG.4-SURGE CURRENT
REV.0.5-MAR.5.2010
PAGE . 2
1SS355
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.5-MAR.5.2010
PAGE . 3


▲Up To Search▲   

 
Price & Availability of 1SS355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X