Part Number Hot Search : 
WP711 936818 SBR10 TLC154P NTE127 UAA3500 35507 33100
Product Description
Full Text Search
 

To Download 0015921440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0015921440 Active
1.27mm (.050") Pitch EBBITM 50D Receptacle, Vertical, 40 Circuits
Product Specification PS-71660 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179 image - Reference only
Series
General
Product Family Series Application Application Tooling Part Link Application Tooling Part Link Product Name PCB Receptacles 71660 Board-to-Board 622004600 622005500 EBBITM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 40 Black 2,000 94V-0 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 30 0.75 10 0.25 Yes -40C to +105C Through Hole
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 71660Series Mates With 71661 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # IDT - Manual Press 0622004600 IDT - Manual Press 0622005500
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V
Solder Process Data
Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260
Material Info
Old Part Number A716601340
Reference - Drawing Numbers
Product Specification Sales Drawing PS-71660 SDA-71660-1***, SDA-71660-1****
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0015921440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X