Part Number Hot Search : 
A0510 LA7835 PBM99090 FDC6305 MJE5851 E4689 SBC327 2SC55
Product Description
Full Text Search
 

To Download UPL33PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
FEATURE
*Sm al l S u r f ac e M o u n t i n g T y p e. (SMP) * Low forward voltage, high current capability * Low leakage current * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
0.081 (2.05) 0.077 (1.95) (3)
UPL31PT THRU UPL38PT
PROVISIONAL SPEC.
SMP
0.170 (4.31) 0.163 (4.15)
(1) 0.077 (1.95) 0.073 (1.85) 0.005 (0.15 Min.)
(2) 0.019 (0.50 Min.) 0.045 (1.16) 0.042 (1.07)
0.019 (0.50 Min.) 0.264 (6.70) 0.254 (6.46) 0.212 (5.38) 0.208 (5.29)
CIRCUIT
2
1
0.055 (1.40) 0.051 (1.30)
3
Dimensions in inches and (millimeters)
SMP
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL = 90 C Peak Forward Surge Current 8.3 ms single half sine-wave IFSM superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range CJ TJ, TSTG 50 -65 to +150 30 pF
o o
SYMBOL VRRM VRMS VDC IO
UPL31PT UPL32PT UPL33PT UPL34PT UPL35PT UPL36PT UPL37PT UPL38PT
50 35 50
100 70 100
200 140 200
300 210 300 3.0
400 280 400
600 420 600
800 560 800
1000 700 1000
80
Amps
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A @ TA = 25oC @ TA = 100oC IR 200 trr 35 45 uAmps nSec 2004-7 SYMBOL VF
UPL31PT UPL32PT UPL33PT UPL34PT UPL35PT UPL36PT UPL37PT UPL38PT
UNITS Volts uAmps
0.95 5.0
1.27
1.75
RATING CHARACTERISTIC CURVES ( UPL31PT THRU UPL38PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 10 nS/cm -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
3.0 2.5 2.0 1.5 1.0 0.5 0 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
25 50 75 100 125 150 175
LEAD TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
T~
L3
UP
1P
L3
UP
TJ =75oC
1.0
0.1
.1
TJ =25oC
TJ =25oC
.01
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.001 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, ( V ) 1.8
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 105 JUNCTION CAPACITANCE, ( pF ) 90 75 60 45 30 15 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC
UPL3 1PT~ UPL3
UPL3
5PT
6PT~
UPL3
8PT
UP
L3
6P
T~
10
1.0
UP
L3
8P
T
TJ =100oC
L3
4P
T
Pulse Width = 300uS 1% Duty Cycle
UP
5P
T


▲Up To Search▲   

 
Price & Availability of UPL33PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X