Part Number Hot Search : 
WS100 AK4683 25LC640 70M6T 2N301 D78014 20204 PJ20168L
Product Description
Full Text Search
 

To Download TS600-200-RA-B-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PolySwitch(R) PTC Devices
Overcurrent Protection Device Raychem Circuit Protection Products
PRODUCT: TS600-200-RA-B-0.5 DOCUMENT: SCD 24211 PCN: 045845, C02530 REV LETTER: J REV DATE: MAY 8, 2007 PAGE NO.: 1 OF 1
Specification Status: RELEASED
Max Electrical Rating at 20C Operating Voltage: 60VDC Interrupt Current: 3ARMS Fault Voltage: 600VRMS Terminal Material: Tin plated brass Case Material: 1000 V Dielectric rating Marking:
Raychem Logo
T20
Part Identification Lot Identification
TABLE I. DIMENSIONS:
mm: in*: A B MIN MAX MIN MAX 18.29 19.43 11.56 12.32 (0.720) (0.765) (0.455) (0.485) *Rounded off approximation C MIN 7.24 (0.285) MAX 8.26 (0.325) MIN 1.65 (0.065) D MAX 2.41 (0.095) MIN 9.91 (0.390) E MAX 10.41 (0.410) MIN 1.52 (0.060) F MAX 2.29 (0.090)
TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted):
IHOLD (A) 20C 0.200 70C 0.110 R MIN 4.0 RESISTANCE () R MAX 7.5 R1Inst* 13.5 TIME TO TRIP(s) OPERATING @ 1A Temperature (C) R1 MAX** TYP MIN MAX 13.5 12 -40 85 Power Dissipation Watts, Typical 2.5
*Post Reflow Resistance, measured after one hour. **Maximum device resistance at 20C measured 1 hour post trip.
Resistance Matched
0.5 Ohm
Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION:
CSA, UL Recognition file #E74889 PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
(c) 2006, 2007 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of TS600-200-RA-B-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X