Part Number Hot Search : 
4AHC1 9B5DG IRFP450 SDZ18VD 225AC IRFP450 IRFP450 PS9121
Product Description
Full Text Search
 

To Download SP20200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP20200
VOLTAGE 200V Elektronische Bauelemente 20.0 AMP Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
ITO-220
FEATURES
. Low forward voltage drop . High current capability . High reliability . High surge current capability . Epitaxial construction
3.7
0.2
10
0.5
3.2
0.2 0.1
4.5
0.2 0.3
2.8
0.2
2.7
MECHANICAL DATA
2.54
0.2
0.7 2.54
PIN 1 PIN 3
0.2 0.2
13Min
1.3
0.2
15
0.3
0.5 2.6
0.2 0.2
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
CASE PIN 2
Dimensions in millimeters
. Polarity: As Marked . Mounting position: Any . Weight: 2.24 grams(Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 oC ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, See Fig. 1 Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 10 Amps, TA = 25 C ) Maximum Instantaneous Forward Voltage (IF = 10 Amps, TA = 125 C ) Maximum DC Reverse Current Ta=25 At Rated DC Blocking Voltage Ta=125 Typical Junction Capacitance (Note 1) Typical Thermal Resistance R JA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
O O
SP20200 200 200 200 20.0 180 0.95 0.80 0.02 10 350 2.0 -50 ~ +150 -65 ~ +175
UNITS V V V A A V mA pF /W
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 1 of 2
SP20200
Elektronische Bauelemente
VOLTAGE 200V 20 .0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
15
Typical Forward Characteristic
100
Average Forward Current (A); per Leg
10
Instantaneous Forward Current (A),Per Leg
10
5
125J
75J 25J 1
0 20 50 100 150 190
Tc, Case Temperature (J)
Typical Junction Capacitance
800
0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Forward Voltage (V)
Junction Capacitance (pF)
600
400
Typical Reverse Characteristic
200
100 125J
0
0.1
1
10
100
100J
Revise Voltage (%)
10
Reverse Current(uA)
Maximum Non- Repetitive Forward Surge Current
200
75J
Peak Forwad surge Current (A)
1
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
120
50J 0.1
80
25J
40
0.01 10 40 80 120 18 220
0 0 10 100
Reverse Voltage(V)
Number of Cycles at 60Hz
Any changing of specification will not be informed individua l
http://www.SeCoSGmbH.com
01-Jun-2006 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SP20200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X