Part Number Hot Search : 
P202W SD101 1N400 SD101 ENA1202A MSC23 NTE1547 CA3130BT
Product Description
Full Text Search
 

To Download SMAZ10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
SMAZ5V1 - SMAZ39
VZ : 5.1 - 39 Volts PD : 1 Watt
* Complete Voltage Range 5.1 to 39 Volts * High Surge Capability * Ideally Suited for Automatic Assembly * Standard VZ Tolerance is 5% * Pb / RoHS Free
SURFACE MOUNT SILICON ZENER DIODES
SMA
1.3 0.2 5.3 0.35 4.2 0.25 2.3 0.2
FEATURES :
1.6 0.25 2.6 0.15
MECHANICAL DATA :
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.060 gram (Approximately)
1.6 0.25
Dimensions in millimeters
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at Ta = 50 C (Note1) Maximum Forward Voltage at I F = 200 mA Temperature Resistance Junction to Ambient (Note 1) Junction and Storage Temperature Range
Symbol
PD VF RJA TSTG
Value
1.0 1.2 125 - 65 to + 150
Unit
W V C C
Note :
(1) P.C.B. Mounted on 1.0" x 0.85" x 0.062" copper areas pads. Fig. 1 MAXIMUM CONTINUOUS POWER DERATING PD, MAXIMUM DISSIPATION (WATTS) 1.25 1.00 0.75 0.50 0.25 0 0 25 50 75 100 125 150 Ta, AMBIENT TEMPERATURE (C) 175
P.C.B. Mounted on 1.0x0.85x0.062 copper areas pads
Page 1 of 2
Rev. 05 : September 18, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Zener Voltage (2) Type Number Nom (V)
SMAZ5V1 SMAZ5V6 SMAZ6V2 SMAZ6V8 SMAZ7V5 SMAZ8V2 SMAZ9V1 SMAZ10 SMAZ12 SMAZ15 SMAZ16 SMAZ18 SMAZ20 SMAZ22 SMAZ24 SMAZ27 SMAZ30 SMAZ33 SMAZ36 SMAZ39 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 12.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0
Maximum Zener Impedance IZT (mA)
100 100 100 100 100 100 50 50 50 50 25 25 25 25 25 25 25 25 10 10
Maximum Reverse Leakage Current, IR IZK (mA)
1.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximum DC Zener Current
(1)
VZ @ I ZT Min (V)
4.84 5.32 5.89 6.46 7.13 7.79 8.65 9.50 11.40 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05
Max (V)
5.40 5.88 6.51 7.14 7.88 8.61 9.56 10.50 12.60 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95
ZZT @ I ZT ()
5.0 2.0 2.0 2.0 2.0 2.0 4.0 4.0 7.0 10 15 15 15 15 15 15 15 15 40 40
ZZk @ I ZK ()
500 250 200 200 450 200 200 200 150 150 150 150 180 180 180 200 250 300 350 450
IR (A)
2.5 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
@
VR (V)
1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 9.1 11.4 12.2 13.7 15.2 16.7 18.2 20.5 22.8 25.1 27.4 29.6
IZM (mA)
196 179 161 147 133 122 10 100 83 67 63 56 50 45 42 37 33 30 28 26
Notes :
(1) P.C.B. Mounted on 1.0" x 0.85" x 0.062" copper areas pads. (2) Short duration test pulse used to minimize self-heating effect. (3) "SMA" will be omitted in marking on the diode.
Page 2 of 2
Rev. 05 : September 18, 2008


▲Up To Search▲   

 
Price & Availability of SMAZ10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X