Part Number Hot Search : 
AH055 NM50F PVI5033R E1307 1SMB40A PUMA6 HD7485P P15N06
Product Description
Full Text Search
 

To Download SEMIX404GB12E4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMIX404GB12E4S
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 3xICnom VCC = 800 V VGE 20 V VCES 1200 V VGES tpsc Tj Inverse diode IF
SEMIX404GB12E4S
Conditions
Values
1200
Unit
V A A A A V s C A A A A A C A C V
Tj = 175 C
Tc = 25 C Tc = 80 C
618 475 400 1200 -20 ... 20
SEMiX(R)4s
Trench IGBT Modules
Tj = 150 C
10 -40 ... 175
Tj = 175 C
Tc = 25 C Tc = 80 C
440 329 400 1200 1980 -40 ... 175 600 -40 ... 125
IFnom
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * High short circuit capability * UL recognised file no. E63532
IFRM IFSM Tj Module It(RMS) Tstg Visol
IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C
Typical Applications
* AC inverter drives * UPS * Electronic Welding
AC sinus 50Hz, t = 1 min
4000
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint td(on) tr Eon td(off) tf Eoff Rth(j-c) IC = 400 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 24.6 1.62 1.38 2260 1.88 Tj = 150 C Tj = 150 C Tj = 150 C 296 67 27 634 137 59.7 0.072 1.8 2.2 0.8 0.7 2.5 3.8 5.8 0.12 2.05 2.4 0.9 0.8 2.9 4.0 6.5 0.36 V V V V m m V mA mA nF nF nF nC ns ns mJ ns ns mJ K/W
Conditions
min.
typ.
max.
Unit
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended RGoff > 25 * Dynamic values apply to the following combination of resistors: RGon,main = 1,0 RGoff,main = 1,0 RG,X = 2,2 RE,X = 0,5
VGE=VCE, IC = 15.2 mA VGE = 0 V VCE = 1200 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C VCC = 600 V IC = 400 A
RG on = 1.7 Tj = 150 C RG off = 1.7 di/dton = 5800 A/s Tj = 150 C di/dtoff = 3700 A/s Tj = 150 C per IGBT
GB (c) by SEMIKRON Rev. 1 - 20.02.2009 1
SEMIX404GB12E4S
Characteristics Symbol Conditions
Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C rF Tj = 25 C Tj = 150 C IF = 400 A Tj = 150 C di/dtoff = 4900 A/s T = 150 C j VGE = -15 V Tj = 150 C VCC = 600 V per diode 1.1 0.7 2.0 2.6
min.
typ.
2.2 2.1 1.3 0.9 2.3 3.1 315 63 26.4
max.
2.52 2.5 1.5 1.1 2.5 3.4
Unit
V V V V m m A C mJ
Inverse diode VF = VEC IF = 400 A VGE = 0 V chip VF0
SEMiX(R)4s
Trench IGBT Modules
SEMIX404GB12E4S
IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE'
0.14 22
K/W nH m m K/W
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * High short circuit capability * UL recognised file no. E63532 Rth(c-s) Ms Mt w
res., terminal-chip per module to heat sink (M5)
TC = 25 C TC = 125 C 3 to terminals (M6) 2.5
0.7 1 0.03 5 5 400
Nm Nm Nm g K
Typical Applications
* AC inverter drives * UPS * Electronic Welding
Temperatur Sensor R100 B100/125 Tc=100C (R25=5 k) R(T)=R100exp[B100/125(1/T-1/T100)]; T[K]; 493 5% 3550 2%
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended RGoff > 25 * Dynamic values apply to the following combination of resistors: RGon,main = 1,0 RGoff,main = 1,0 RG,X = 2,2 RE,X = 0,5
GB 2 Rev. 1 - 20.02.2009 (c) by SEMIKRON
SEMIX404GB12E4S
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 1 - 20.02.2009
3
SEMIX404GB12E4S
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Typ. transient thermal impedance
Fig. 10: Typ. CAL diode forward charact., incl. RCC'+EE'
Fig. 11: Typ. CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode recovery charge
4
Rev. 1 - 20.02.2009
(c) by SEMIKRON
SEMIX404GB12E4S
SEMiX 4s
GB
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
(c) by SEMIKRON
Rev. 1 - 20.02.2009
5


▲Up To Search▲   

 
Price & Availability of SEMIX404GB12E4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X