Part Number Hot Search : 
R3709Z CS937 6670AL 4953A 80515 SSM3K ANTXV BA7623
Product Description
Full Text Search
 

To Download SDMG0340L-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SDMG0340L /LA /LC /LS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Please click here to visit our online spice models database.
Features
* * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
Mechanical Data
* * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable Per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Terminal Connections: See Diagram Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.006 grams (approximate)
Top View
SDMG0340L
SDMG0340LA
SDMG0340LC
SDMG0340LS
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFSM Value 40 28 30 200 Unit V V mA mA
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current
@ t = 8.3ms
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 200 625 -40 to +125 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Leakage Current (Note 2) Total Capacitance
Notes:
@TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 40 Typ 295 150 2.0 Max 370 1000 Unit V mV nA pF Test Condition IR = 10A IF = 1.0mA VR = 10V VR = 1V, f = 1.0MHz
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
SDMG0340L /LA /LC /LS
Document number: DS30248 Rev. 12 - 2
1 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
SDMG0340L /LA /LC /LS
1 IF, INSTANTANEOUS FORWARD CURRENT (A)
100m
10m
1m
IR, INSTANTANEOUS REVERSE CURRENT (A)
0.8 1.0 1.2 1.4
100n
10n
0
0.2
0.4
0.6
1n 0 5 10 15 20 25 30 35 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
10
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
100 trr, REVERSE RECOVERY TIME (ns)
5
CT, TOTAL CAPACITANCE (pF)
10
2
1 0.5
1
0.2 0.1
0.1 0 5 10 15 20 25 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Total Capacitance, per Element
0
4
8
12
16
20
24
28
IF, FORWARD CURRENT (mA) Fig. 4 Typical Reverse Recovery Time Characteristics
250 PD, POWER DISSIPATION (mW)
200
150
100
50
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE (C) Fig. 5 Power Derating Curve, Total Package
SDMG0340L /LA /LC /LS
Document number: DS30248 Rev. 12 - 2
2 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
SDMG0340L /LA /LC /LS Ordering Information
(Notes 5 & 6) Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Device SDMG0340L-7-F SDMG0340LA-7-F SDMG0340LC-7-F SDMG0340LS-7-F
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxx = Product Type Marking Code KSM = SDMG0340L KSQ = SDMG0340LA KSP = SDMG0340LC KSN = SDMG0340LS YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) 2007 U Jun 6 2008 V 2009 W Jul 7 2010 X Aug 8 2011 Y Sep 9 2012 Z Oct O 2013 A 2014 B Nov N 2015 C Dec D
xxx
Date Code Key Year 2001 Code M Month Code Jan 1
2002 N Feb 2
2003 P
2004 R Mar 3
2005 S Apr 4
2006 T May 5
Package Outline Dimensions
A
YM
TOP VIEW
BC
G H K M
J
D
F
L
SOT-323 Dim Min Max Typ A 0.25 0.40 0.30 B 1.15 1.35 1.30 C 2.00 2.20 2.10 D 0.65 F 0.30 0.40 0.425 G 1.20 1.40 1.30 H 1.80 2.20 2.15 J 0.0 0.10 0.05 K 0.90 1.00 1.00 L 0.25 0.40 0.30 M 0.10 0.18 0.11 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z C
Dimensions Value (in mm) Z 2.8 X 0.7 Y 0.9
C
E
1.9 1.0
X
E
SDMG0340L /LA /LC /LS
Document number: DS30248 Rev. 12 - 2
3 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
SDMG0340L /LA /LC /LS
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SDMG0340L /LA /LC /LS
Document number: DS30248 Rev. 12 - 2
4 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SDMG0340L-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X