Part Number Hot Search : 
5KP78C CM162 4391KZ C3225 PM534 40ST1041 F405K C68HC11
Product Description
Full Text Search
 

To Download SB2060FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2020FCT SERIES
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
0.112(2.85) 0.100(2.55)
20 to 60 Volts
CURRENT
20 Amperes
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low forward voltage, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives * Low power loss, high efficiency.
0.272(6.9) 0.248(6.3)
0.406(10.3) 0.381(9.7) 0.134(3.4) 0.118(3.0)
0.189(4.8) 0.165(4.2) 0.130(3.3) 0.114(2.9)
0.606(15.4) 0.583(14.8)
MECHANCAL DATA
* Case: ITO-220AB full Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.055 ounces, 1.5615 grams.
0.055(1.4) 0.039(1.0) 0.055(1.4) 0.039(1.0) 0.028(0.7) 0.019(0.5) 0.100(2.55)
0.177(4.5) 0.137(3.5)
0.543(13.8) 0.512(13.0)
0.114(2.9) 0.098(2.5)
0.100(2.55)
0.027(0.67) 0.022(0.57)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA ME TE R Ma xi mum Re c ur r e nt P e a k Re ve r s e Vo lta g e Ma xi mum RMS Vo lta g e Ma xi mum D C B lo c k i ng Vo lta g e Ma xi mum A ve ra g e F o r wa r d C ur r e nt a t Tc = 7 5 O C P e a k F o rwa r d S urg e C ur r e nt :8 .3 ms s i ng le ha lf s i ne - wa ve s up e r i mp o s e d o n r a te d lo a d (J E D E C me tho d ) Ma xi mum F o r wa r d Vo lta g e a t 1 0 A p e r le g Ma xi mum D C Re ve r s e C ur r e nt a t Ra te d D C B lo c k i ng Vo lta g e Typ i c a l The r m a l Re s i s ta nc e p e r d i o d e Op e r a ti ng J unc ti o n Te m p e r a tur e Ra ng e S to r a g e Te m p e r a tur e Ra ng e TJ = 2 5 OC TJ = 1 0 0 OC
S YM B OL V RRM V RMS V DC IF (AV ) IF S M VF IR R J C TJ T S TG
SB2020F C T S B2030F CT SB 2040FC T SB 2045FC T SB2050F C T SB2060F C T
UNITS V V V A
20 14 20
30 21 30
40 28 40 2 0 .0
45 31 45
50 35 50
60 42 60
200
A
0 .5 5 0 .2 50 2 - 5 5 to +1 2 5 - 5 5 to +1 5 0 -5 5 to + 1 5 0
0 .7 5
V
mA
O
C/W
O
C C
O
Note: Both Bonding and Chip structure are available.
August 25,2010-REV.04
PAGE . 1
SB2020FCT SERIES
RATING AND CHARACTERISTIC CURVES
25
20-30V 40-60V
PEAK FORWARD SURGE CURRENT AMPERES
AVERAGE FORWARD CURRENT AMPERES
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Sine-Wave JEDEC Method
20 15 10 5 0 0 50 100 150
CASE TEMPERATURE, OC
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
INSTANTANEOUS REVERSE CURRENT, mA
INSTANTANEOUS FORWARD CURRENT AMPERES
10
40
20-45V
TJ=100 C
1.0
O
10 8 6 4 2 1.0
50-60V
0.1
TJ=75 C
O
0.8 0.6 0.4 0.2 0.1 0.3 0.4
0.01
TJ=25 OC
1% Duty Cycle Pulse Width=300 m s T J =25 OC
0.001
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
140
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
August 25,2010-REV.04
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2060FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X