Part Number Hot Search : 
20ESK6 IE0505S 1SV302 A5801024 043045 W86L387D N4751 BU508D
Product Description
Full Text Search
 

To Download RVQ24YN03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RVQ24YN03 Series
TOCOS
PA N E L C O N T R O L S
(R)
Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RVQ24YN03
Features
Long life 24mm diameter, single-turn industrial panel controls Carbon film element Single unit, single shaft High quality, 2,000,000 cycle rotational life Low cost Independent linearity, 3% max. Metal shaft and bushing Linear taper 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length Panel mount style Right angle ear-lug terminals Continuous rotation units available as special order
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 1k to 100k Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Independent Linearity . . . . . . . . . . . . . . . . . . . . Power Rating . . . . . . . . 0.5 watt at 3% max. 85 C Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max. 40 C, 0 watt at Maximum Input Voltage . . . . . . . . 200VDC or power rating, whichever is smaller Insulation Resistance . . . . . 100M minimum at 1,000VDC Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . Temperature Characteristics . . . . . . . . . . . 10 C to 85 C 80 C, 5 hours T/R ) 5%
Temperature Cycle . . . . . . . . . . . . . . . . . . . . 10 C , 80 C, 30 minutes each, 5 cycles T/R ) 10% Load Life . . . . . . . . . . . . . . . . . . 40 C, 0.5 watt, 1,000 hours T/R ) 10% 40 C, 90-95%RH, 0.5 watt, 500 hours T/R ) 20%
Moisture and Load Life . . . . . . . . . . . .
Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions T/R ) 5% Soldering Heat Resistance . . . . . . . 350 C 5 C, 3 seconds T/R ) 2% Rotational Life . . . . . . . . . . . . 2,000,000 cycles without load T/R ) 15%
T/R = Total Resistance Change
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300 5 Shaft Torque . . . . . . . . . . . . . . 100 gf*cm (1.386 oz*in) max. Stop Strength . . . . . . . . . . . . . 9 kgf* cm (124.76 oz*in) min. Shaft Strength (push) . . . . . . . . . . . . 125 N (12.75 kgf ) min. Shaft Strength (tensile) . . . . . . . . . . 125 N (12.75 kgf ) min. Shaft End Play . . . . . . . . 0.4 (shaft length/30) mm max. Mounting Nut Torque . . . . . . 15 kgf*cm (207.94 oz*in) min. Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code
Note: A long life panel control should only be used in a circuit as a potentiometer (3-terminal voltage divider ).
98
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RVQ24YN03 Series
RVQ24YN03
Panel Mount, Single Unit, Single Shaft Right Angle Ear-Lug Terminals
Dimensions
Unit: mm
Recommended Panel Mounting Holes
Part Numbering System
RV Q 24 Y N 03 15 S B 104 K
NOTE: FMS = From Mounting Surface
Resistance Tolerance: K =
10% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 104 = 100,000 ). See table for standard resistance values. Resistance Taper: B = Linear. Shaft End Style: S = Slotted. F = Flatted. R = Round. Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 50mm shaft length available (special order ). Design Type: 03 = Design Variation of 24mm Size. Style: N = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. Operating Temperature Range: Y = Size: 24 = 24mm Diameter. Rotational Life: Q = Long Life, 2,000,000 cycles. TOCOS Series Name: RV = Carbon Film Element. 10 C to 85 C.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 Code 104
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
99


▲Up To Search▲   

 
Price & Availability of RVQ24YN03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X