Part Number Hot Search : 
0805C VRF157 LBN12008 ICS87 03002 M514260C 851933 FJX4012R
Product Description
Full Text Search
 

To Download RB520S-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Diode
SMD Diodes Specialist
RB520S-30 (RoHS Device)
Io = 200 mA VR = 30 Volts Features
Low reverse current. Designed for mounting on small surface. Extremely thin / leadless package. Majority carrier conduction.
0.014(0.35) 0.010(0.25) 0.033(0.85) 0.030(0.75)
SOD-523
0.051(1.30) 0.043(1.10)
0.067(1.70) 0.059(1.50)
Mechanical data
Case: SOD523 standard package, molded plastic. Terminals: Gold plated, solderable per MIL-STD-750,method 2026. Marking code: cathode band & B Mounting position: Any Weight: 0.0012 gram(approx.).
0.031(0.77) 0.020(0.51) 0.003(0.07) 0.001(0.01) 0.006(0.15) 0.003(0.08) 0.008(0.20) REF
Dimensions in inches and (millimeter)
Circuit Diagram
Maximum Rating (at TA=25C unless otherwise noted)
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward current Forward current,surge peak Storage temperature Junction temperature 8.3ms single half sine-wave superimposed on rate load(JEDEC method)
Conditions
Symbol Min Typ Max Unit
VRRM VR IO IFSM TSTG Tj -40 35 30 200 V V mA
1 +125 +125
A
O
C C
O
Electrical Characteristics (at TA=25C unless otherwise noted)
Parameter
Forward voltage Reverse current IF = 200 mA VR = 10 V
Conditions
Symbol Min Typ Max Unit
VF IR 0.6 1 V uA
REV:A
QW-BB023
Page 1
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (RB520S-30)
Fig.1 Forward Characteristics
1 100m 1m
125 C
O
Fig. 2 - Reverse characteristics
100u
IF, Forward Current (A)
=1 25 O C
10m
Reverse current ( A )
10u
75 C
O
TA
=7 5 TA
C
25 C
O
1m
O
TA=
1u
25 C
O
TA
100
=-2 5
C
O
100n
-25 C
O
10
10n 1n 0 5 10 15 20 25 30
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VF, Forward Voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals (PF)
100
Fig.4 - Current derating curve
Average forward current(%)
f = 1 MHz Ta = 25 C
100
80
10
60
40
20
1 0 5 10 15 20 25 30
0 0 25 50 75 100 125 150
Reverse voltage (V)
Ambient temperature (C)
REV:A
QW-BB023
Page 2
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
Reel Taping Specification
T P0
P1
d Index hole E
F B
Polarity
W
P
A
C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... ..... ..
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
0.96 0.05
0.038 0.002
B
1.94 0.05
0.076 0.002
C
0.73 0.05
0.029 0.002
d
1.50 0.10
0.059 0.004
D
178 1
7.008 0.04
D1
54.4 0.4
2.142 0.016
D2
1.30 0.05
0.512 0.002
SOD-523
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
2.00 0.05
0.079 0.002
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
T
0.18 0.02
0.007 0.001
W
8.00 0.40
0.315 0.016
W1
12.3 0.20
0.484 0.008
SOD-523
(mm) (inch)
REV:A
QW-BB023
Page 3
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
Marking Code
Part Number RB520S-30 Marking Code
B
B
Suggested PAD Layout
SOD-523 SIZE (mm) A B C D E 1.40 0.60 0.70 2.00 0.80 (inch) 0.055 0.024 0.028
C D A E
0.079
B
0.031
Standard Package
Qty per Reel Case Type (Pcs) SOD-523 3000 Reel Size (inch) 7
REV:A
QW-BB023
Page 4
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of RB520S-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X