Part Number Hot Search : 
2SK3561 EGA16 M62354P ASI10597 AR2502 1N3671A 2N002 STU12L01
Product Description
Full Text Search
 

To Download PD001-CADG13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PD001 Series Single Digit Mini 7 Segment 0.3" Display
Features
*Single Digit .3" (7.62mm) Green Display with 10 Pins *Space Saving Small Body Size *Low Current Requirements *High Light Output *IC Compatible *High Reliability *Gray Face, White Segments *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation............................................................................... 78mW Reverse Voltage (<100A)........................................................................... 5.0V Max Forward Current............................................................................ 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)..................................... 100mA Operating Temperature Range........................................................ -25C to +85C Storage Temperature Range......................................................... -40C to +100C Soldering Temperature (1.6 mm below body)..................................... 260C for 5 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Common Anode PD001-CADG13 Common Cathode PD001-CCDG13 Green GaP Emitting Color Chip Material Peak Wave Length nm 567 Dominant Wave Length nm 572 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Luminous Intensity @10mA (mcd) Min 2.5 Typ 5.0
All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. The Slope Angle of any Pin may be 5 max.
10.0
4.2
+1 A F B G E D +5 DP 6+ C 10+
6.05
0.5
7.62
0.8
12.7
2.54x4=10.16
O0.9
Pin Function
7.6
Common Anode Pin # 1 Common Anode 2 Cathode F 3 Cathode G 4 Cathode E 5 Cathode D 6 Common Anode 7 Cathode DP 8 Cathode C 9 Cathode B 10 Cathode A
Common Cathode. Pin # 1 Common Cathode 2 Anode F 3 Anode G 4 Anode E 5 Anode D 6 Common Cathode 7 Anode DP 8 Anode C 9 Anode B 10 Anode A 02-21-07 Rev 0 RS
3.5Min. 5.08
0.25


▲Up To Search▲   

 
Price & Availability of PD001-CADG13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X