Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download MMST5551-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMST5551
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * * Epitaxial Planar Die Construction Complementary PNP Type Available (MMST5401) Ideal for Low Power Amplification and Switching Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
A C
SOT-323 Dim A
BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18
B C D E G
M
B G H
E
0.65 Nominal
Mechanical Data
* * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: K4N, See Page 3 Ordering & Date Code Information: See Page 3 Weight: 0.006 grams (approximate)
K
H J K
J
D
E
L
L M
C
0 8 All Dimensions in mm
B E
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG Value 180 160 6.0 200 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 5) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 5) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
Notes:
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min 180 160 6.0 80 80 30 50 100 Max 50 50 250 0.15 0.20 1.0 6.0 250 300 8.0 Unit V V V nA A nA Test Condition IC = 100A, IE = 0 IC = 1.0mA, IB = 0 IE = 10A, IC = 0 VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100C VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 10V, f = 1.0MHz, IE = 0 VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 200A, RS = 1.0k, f = 1.0kHz
hFE VCE(SAT) VBE(SAT) Cobo hfe fT NF
V V pF MHz dB
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. Short duration pulse test used to minimize self-heating effect.
DS30173 Rev. 8 - 2
1 of 3 www.diodes.com
MMST5551
(c) Diodes Incorporated
200
Note 1
0.15 0.14 VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V) 0.13 0.12 0.11 0.10 0.09 0.08 0.07 0.06 0.05 0.04
0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs. Ambient Temperature 200
TA = -50C TA = 25C TA = 150C IC IB = 10
PD, POWER DISSIPATION (mW)
150
100
50
0
1
10 100 1,000 IC, COLLECTOR CURRENT (mA) Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current
1,000
VCE = 5V
1.0 VBE(ON), BASE EMITTER VOLTAGE (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
TA = 150C
hFE, DC CURRENT GAIN
100
TA = 25C T A = -50C
10
1 1
10 IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs. Collector Current
100
1 10 IC, COLLECTOR CURRENT (mA) Fig. 4, Base Emitter Voltage vs. Collector Current
100
1,000 fT, GAIN BANDWIDTH PRODUCT (MHz)
100
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 5, Gain Bandwidth Product vs. Collector Current 100
DS30173 Rev. 8 - 2
2 of 3 www.diodes.com
MMST5551
(c) Diodes Incorporated
Ordering Information
Device MMST5551-7-F
Notes:
(Note 4 & 6) Packaging SOT-323 Shipping 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K4N
K4N= Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code
1998 J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
YM
2002 N Apr 4
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30173 Rev. 8 - 2
3 of 3 www.diodes.com
MMST5551
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMST5551-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X