Part Number Hot Search : 
2N2204 WOST04C 107KP FF100 BAS17 STF1360 DG333ADJ 4ALVC1
Product Description
Full Text Search
 

To Download ISL9491 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
ISL9491, ISL9491A
These devices are designed for supplying power and control signals from advanced satellite set-top box (STB) modules to the low noise blocks (LNBs) of single antenna ports. Each device consists of a current-mode boost converter and a low-noise linear regulator along with the circuitry required for tone injection and pin controllable interface. The device makes the total LNB supply design simple, efficient and compact with low external component count. The current-mode boost converters provide the linear regulator with input voltage that is set to the voltage at the VOUT pin plus a minimal drop to insure minimum power dissipation across the internal LDO. This maintains constant voltage drop across the linear pass element while permitting adequate voltage range for tone injection. The final regulated output voltage is available at the cathode of the back diode to support the operation of an antenna port for a single tuner. The outputs can be set to various voltage level for the desired polarization reception by means of the logic presented to the VSET0 and VSET1 pins. An EN pin is to be driven high to enable the outputs for the PWM and linear combination; setting EN low disables the output, forcing a shutdown mode. The external modulation input (EXTM) can accept a tone modulated DiSEqC command and transfer it symmetrically to the output to meet DiSEqC 1.x protocol. An external DiSEqC tank circuit can also be implemented to support DiSEqC 2.x.
ISL9491, ISL9491A
Features
* Single Chip Power Solution - Operation for 1-Tuner/1-Dish Applications * Switch-Mode Power Converter for Lowest Dissipation - Boost PWMs with >92% Efficiency - Pin Controllable Enable and Output * 2.5V/3.3V/5V Logic Compatible * FAULT Signal * DIRECTV SWM Compliant * VSET Pin to Toggle between Vertical and Horizontal Polarizations * External Tone Input * Internal Overcurrent and Over-Temperature Protection * Pb-Free (ROHs Compliant)
Applications
* LNB Power Supply and Control for Satellite Set-Top Box
Pin Configuration
ISL9491, ISL9491A (16 LD QFN) TOP VIEW
FAULT 13 12 ILIMIT 11 TCAP 10 VSET1 9 5 BYPASS 6 VOUT 7 VSENSE 8 SGND VSET0 EXTM VSW 14 EN 15
16 VCC 1 2 3 4
Ordering Information
PART NUMBER (Note) ISL9491ERZ* PART MARKING
94 91ERZ
TEMP. RANGE (C)
PACKAGE (Pb-free)
PKG. DWG. # L16.4x4 L16.4x4
CS PGND GATE
-20 to +85 16 Ld QFN -20 to +85 16 Ld QFN
ISL9491AERZ* 94 91AERZ
*Add "-T" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
October 13, 2009 FN6531.0
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL9491, ISL9491A
Functional Pin Description
SYMBOL VSW PGND CS SGND TCAP BYPASS VCC GATE VOUT VSENSE EXTM VSET0, VSET1 EN FAULT ILIMIT Input of the linear post-regulator. Dedicated ground for the output gate driver of respective PWM. Current sense input; connect the sense resistor RSC at this pin for desired peak overcurrent value for the boost FET. Small signal ground for the IC. Capacitor for setting rise and fall time of the output voltage. Typical value is 0.1F. Connect a bypass capacitor of 1F for the internal 5V. Main power supply to the chip. This pin connects to the Gate of the Boost FET. Output voltage for the LNB meant to be connected to the anode of a back diode in series with the LNB output. This pin provides for a sensing and pull-down function for the VLNB and is meant to be connected to the cathode of the back diode. This is an input for externally modulated DiSEqC tone signal, which is transferred symmetrically onto VLNB. Output voltage selection pins. When this pin is low, the output is disabled in a low power standby state. Setting EN = 1 enables the output voltage. This an open drain output to be pulled up to the logic high through a resistor. A low indicates that the output voltage is out of regulation. The ILIMIT is used to set the value of the output current limit from the linear. A resistor from ILIMIT to GND programs this limit. FUNCTION
2
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Block Diagram
10 OLF DCL OC1 CLK1 OSCILLATOR 9 15
COUNTER
OVERCURRENT PROTECTION LOGIC SCHEME 1 PWM LOGIC Q S
VSET1
VSET0
4
GATE
3
PGND OTF ILIM1 CS AMP SLOPE COMPENSATION BAND GAP REF VOLTAGE BGV + REF VOLTAGE ADJ1 ILIMIT 12 + THERMAL SHUTDOWN
2
CS
VREF1
14 6 7
VSW VOUT VSENSE U AND L FET DRIVE
VREF2
EN
+ -
TONE SHAPE/INJ CKT
1 8
VCC SGND
ON CHIP LDO UVLO POR SOFT-START BYPASS FAULT EXTM 16 INT 5V SOFT-START EN
5
13
3
TCAP
11
FN6531.0 October 13, 2009
Typical Application Schematic QFN
VIN 2 + C36 56F 0 + 1 D9 B230A EXTM C35 100F 0 C31 10F 0 R20 10k 3.3/5V EN FAULT RTN
0 L8 10H
16
15
14 VSW
0
BYPASS
6 5 4
SGND
VOUT
TPC6002 Q1
VSENSE
R18 18
0
R21 91.1k 12 ILIMIT C40 R23 0.22F U1 11 2 CS TCAP ISL9491ER, or 10K ISL9491AER 10 3 PGND VSET1 9 4 VSET0 GATE 1 VCC
EXTM
EN
C37 1F 1 2 3
FAULT 13
5
6
7
8
4
NOTES:
FN6531.0 October 13, 2009
D11 B230A 0 VSET1 VSET0 DISEqC FET On
ISL9491, ISL9491A
R22 0 15 L2 220H C41 0.1F R19 3.3k C42 0.1F D10 1.5SMC22A RTN 0
R17 470 R16 0.100
VBYPASS C39 1F C34 100pF 0
D12 B230A
VLNB
1. The output voltage level for the desired polarization reception can be selected by means of the logic presented to VSET0 and VSET1 pins.
ISL9491, ISL9491A
Absolute Maximum Ratings
VCC (Input Voltage) . . . . . . . . . VOUT, VSW . . . . . . . . . . . . . . . . BYPASS . . . . . . . . . . . . . . . . . . . EN, VSET0/1, EXTM (Logic Control All Pins Referenced to Ground .... .... .... Pins) . . . . . . . . . . . . . . . . . . . . 8.0V to 18.0V -0.3V to 24V -0.3V to 5.5V -0.3V to 5.5V
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) QFN Package (Notes 2, 3) . . . . . . . 47 9.5 Maximum Junction Temperature (Note 4) . . . . . . . +150C Maximum Storage Temperature Range . . . -40C to +150C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature. . . . . . . . . . . . . . . . . . . . . . . -20C to +85C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside. 4. The device junction temperature should be kept below +150C. Thermal shut-down circuitry turns off the device if junction temperature exceeds +130C typical.
Electrical Specifications
PARAMETER Operating Supply Voltage Range
VCC = 12V, TA = -20C to +85C, unless otherwise noted. Typical values are at TA = +25C. SYMBOL ISL9491 ISL9491A TEST CONDITIONS MIN 8 8 TYP 12 10 4 MAX 14 11 8 UNITS V V mA
Supply Current (Ivcc current)
IIN
EN = 1, Boost disconnected, and ext. 14.5V supply on VSW when VOUT = 13.3V, No Load
UNDERVOLTAGE LOCKOUT Stop Threshold Start Threshold Output Voltage, ISL9491 VO Input voltage falling from above 8V Input voltage rising from 0V EN = 1, VSET1 = 0, VSET0 = 0 EN = 1, VSET1 = 0, VSET0 = 1 EN = 1, VSET1 = 1, VSET0 = 0 EN = 1, VSET1 = 1, VSET0 = 1 Output Voltage, ISL9491A VO EN = 1, VSET1 = 0, VSET0 = 0 EN = 1, VSET1 = 0, VSET0 = 1 EN = 1, VSET1 = 1, VSET0 = 0 EN = 1, VSET1 = 1, VSET0 = 1 Line Regulation DVO1, DVO2 DVO1, DVO2 VIN = 8V to 14V; VO = 13.30V VIN = 8V to 14V; VO = 18.30V IO = 0mA to 350mA, VOUT = 13.3V IO = 0mA to 500mA, VOUT = 13.3V (Note 4) R at ILIMIT = 148k (Note 8) Output Shorted to GND, RILIM = 0 12.8 17.7 13.8 19.4 10.5 14.5 11.5 15.5 270 4.4 4.9 13.3 18.3 14.3 20.0 11.0 15.0 12.0 16.0 4 4 125 190 350 13.6 18.7 14.6 20.4 11.3 15.3 12.3 16.3 40 60 180 260 435 860 V V V V V V V V V V mV mV mV mV mA mA
Load Regulation
Output Overcurrent Threshold Internal Regulator Overcurrent Clamp
IOCT IOCLMP
5
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Electrical Specifications
PARAMETER Dynamic Overload Protection Off-Time Dynamic Overload Protection On-Time TCAP Charging Current TCAP Discharging Current LINEAR REGULATOR Drop-out Voltage Output Backward Leakage Current Output Undervoltage (After Initial Power-up ) Output Overvoltage (After Initial Power-up) EN, VSET, EXTM INPUT PINS (Note 5) Asserted LOW Asserted HIGH Input Current Tone Input Frequency ISL9491 ISL9491A VOUT Tone Amplitude ISL9491 ISL9491A VOUT Tone Rise (Note 10) ISL9491 ISL9491A VOUT Tone Fall (Note 10) ISL9491 EXTM input EXTM input EXTM input = 22kHz square wave Vmax = 2.5V, Vmin = 0V, Duty = 50%, EXTM input = 44kHz square wave Vmax = 2.5V, Vmin = 0V, Duty = 50% EXTM input = 22kHz square wave VHmax = 2.5V, VLmin = 0V, RL = 1k EXTM input = 44kHz square wave VHmax = 2.5V, VLmin = 0V, RL = 1k EXTM input = 22kHz square wave VHmax = 2.5V, VLmin = 0V, Duty = 50%, RL = 1k EXTM input = 44kHz square wave VHmax = 2.5V, VLmin = 0V, Duty = 50%, RL = 1k 400 400 5 4 5 2.5 25 22 44 650 650 10 6 10 900 900 15 8 15 0.8 V V A kHz kHz mV mV s s s IBKLK IOUT = 500mA, with a Schottky b/w Vsw and VOUT (Note 4) EN = 0; VOBK = 24V (Note 9) FAULT asserted for typical VOUT = 13.3V FAULT asserted for typical VOUT = 13.3V -12 +1 1.2 2.0 1.4 3.0 -1 +12 V mA % % VCC = 12V, TA = -20C to +85C, unless otherwise noted. Typical values are at TA = +25C. (Continued) SYMBOL tOFF tON TCAPC TCAPD TCAP Pin = 0V TCAP Pin = 2V TEST CONDITIONS Output Shorted to GND (Note 6) MIN TYP 900 50 22 21 MAX UNITS ms ms A A
ISL9491A
4
6
8
s
CURRENT SENSE (CS PIN) Overcurrent Threshold BYPASS Voltage at BYPASS pin PWM Maximum Duty Cycle Minimum Pulse Width 90 93 20 % ns VBYPASS (Note 7) 5 V VCS 380 445 510 mV
6
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Electrical Specifications
PARAMETER OSCILLATOR Oscillator Frequency Thermal Shutdown Temperature Shutdown Threshold Temperature Shutdown Hysteresis (Note 4) (Note 4) 130 20 C C fsw Boost switching frequency 380 440 480 kHz VCC = 12V, TA = -20C to +85C, unless otherwise noted. Typical values are at TA = +25C. (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
5. VSET, EXTM, EN pins have 200k internal pull-down resistors. 6. In the Dynamic current limit mode, the output is ON for 50ms and OFF for 900ms but it remains continuously ON when RILIM=0. 7. This pin is to connect a bypass capacitor in order to decouple the internal LDO and is not designed to source external circuits. 8. The value of the RLIMIT resistor will determine the overcurrent threshold at which the 50ms timer is activated. 9. This defines the back voltage applicable to the VSENSE pin. The VOUT pin will not support back bias and hence will need the use of a back diode for protection.
Tone Waveform
EXTM PIN VOUT PIN
22kHz
22kHz
EXTERNAL TONE tr = 5/10s TYPICAL
RETURNS TO NOMINAL VOUT ~1.5 PERIOD
AFTER THE LAST EXTM RISING EDGE
t_ISL9491~68s / t_ISL9491A)~34s
NOTES: 10. The tone rise and fall times are not shown due to resolution of graphics. It is 5/10s typical. 11. The EXTM pins have input thresholds of Vil(max) = 0.8V and Vih(min) = 2.5V FIGURE 1. TONE WAVEFORM
Typical Performance Curves
100 80 60 40 20 00 100 80 EFFICIENCY (%) 0.1 0.2 0.3 0.4 ILOAD (A) 0.5 0.6 0.7 60 40 20 0
EFFICIENCY (%)
0
0.1
0.2
0.3 ILOAD (A)
0.4
0.5
0.6
FIGURE 2. BOOST EFFICIENCY FOR 12VIN TO 14.3VOUT
FIGURE 3. SYSTEM EFFICIENCY (BOOST + LDO) FOR 12VIN TO 13.3VOUT
7
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Typical Performance Curves (Continued)
FIGURE 4. VLNB RISE TIME WITH TCAP = 0.22F is 13ms
FIGURE 5. VLNB RISE TIME WITH TCAP = 0.44F is 32ms
FIGURE 6. BOOST SWITCH NODE AT 0A (DISCONTINUOUS)
FIGURE 7. BOOST SWITCH NODE AT 100mA (PARTIAL CONTINUOUS)
FIGURE 8. BOOST SWITCH NODE AT 300mA (CONTINUOUS MODE)
FIGURE 9. VLBNB TRANSITIONS FROM 13.3V TO 18.3V
8
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Typical Performance Curves (Continued)
FIGURE 10. VLNB TRANSITIONS FROM 18.3V TO 13.3V
FIGURE 11. 22kHz TONE ON 13.3VOUT WITH 50mA LOAD
FIGURE 12. 22kHz TONE ON 13.3VOUT WITH 500mA LOAD
FIGURE 13. AC NOISE ON 13.3VOUT AT 500mA OF LOAD
LOAD CURRENT
OUTPUT CURRENT
VLNB
OUTPUT VOLTAGE
FIGURE 14. VLNB CONNECTED TO 350mA LOAD WITH RILIM = 148k
FIGURE 15. VLNB SHORTED TO GND, 200mA2
9
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Typical Performance Curves (Continued)
OUTPUT CURRENT
OUTPUT VOLTAGE
FIGURE 16. OUTPUT CURRENT AND VOLTAGE WITH OUTPUT SHORTED TO GND, RILIM = 0
FIGURE 17. THE ISL9491 ENTERING THERMAL SHUTDOWN WITH RILIM = 0
FIGURE 18. THE ISL9491 IN THERMAL EQUILIBRIUM WITH RILIM = 0
\
10
FN6531.0 October 13, 2009
ISL9491, ISL9491A
Functional Description
The ISL9491 or ISL9491A single output voltage regulator makes an ideal choice for advanced satellite set-top box and personal video recorder applications. The device utilizes built-in DC/DC step-up converters, which operate from a single supply source ranging from 8V to 14V and generate the voltage needed to enable the linear post-regulator to work with minimum dissipated power. An undervoltage lockout circuit disables the device when VCC drops below a fixed threshold (4.5V typical).
13.3ms and 26.6ms. The difference between measured and calculated values is due to capacitor tolerance of 20%. Since the output voltage uses TCAP voltage as a reference, it is recommended to use a 10k resistor in series to filter out some of the switching noise from injecting on this pin.
Dynamic and Static Current Limiting
When the LDO current exceeds the preset overcurrent threshold set by means of a resistor from the ILIMIT pin to GND for a period of 50ms, the device enters a tON = 50ms/tOFF = 900ms routine. This type of current limiting is also called "Dynamic Current Limiting", which is used extensively on other Intersil LNB controllers. A linear overcurrent will drive the FAULT pin low during the tOFF = 900ms period. This operation continues until the fault is removed. Upon removal of the fault, the device returns to normal operation after a successful soft-start cycle. Figure 14 shows the output current and voltage waveforms with an ILIMIT resistor of 148k and a load current of 350mA. It can be seen that under this loading condition, the chip stays powered up and sources load current for 50ms and turns-off for approximately 900ms. The output voltage ramps up to programmed output voltage during the on time.This cycle repeats itself until load current is reduced below the current limit value of 350mA. Equation 2 shows the relationship between ILIMIT resistor and load current:
ILIMIT = 52, 000 x -------------------R ILIMIT (EQ. 2)
DiSEqC Encoding
The EXTM accepts an externally modulated tone command and in turn modulates the VLNB symmetrically to meet the DiSEqC 1.0 and DiSEqC 2.0 transmit protocol. Burst coding of the tone can be accomplished due to the fast response of the EXTM pin.
Linear Regulator
The output linear regulator is designed to source 500mA continuous current and 750mA peak. The sink feature is limited and thus requires a bleeder resistor of 3.3k to be connected at the VLNB to enable proper tone modulation capability into capacitive loads as high as 0.22F. In order to minimize the power dissipation, the output voltage of the internal step-up converter is adjusted to allow the linear regulator to work at a minimum dropout of 1.2V typical (Load current = 500mA) between the VSW and VOUT pin. The VOUT pin drives the anode of the back diode and the VSENSE pin drives the cathode of the back diode. The VSENSE pin is capable of withstanding a back voltage of 24V. When the device is put in the shutdown mode (EN = LOW), the PWM power block is disabled. When the regulator blocks are active (EN = HIGH), the output can be controlled by the VSET0 and VSET1 pins to be 13.3V, 14.3V, 18.3V or 20V (typical ISL9491) or 11V, 12V, 15V, or 16V (typical ISL9491A) for remote controlling of nonDiSEqC LNBs. A separate open-drain FAULT pin serves as an interrupt and is driven low by undervoltage, overvoltage and linear overcurrent and over-temperature faults.
ILIMIT is the programmed load current in mA before the chip goes into current limit where RILIMIT is in k . Alpha () is a gain term which is shown in Figure 19 and has a value of one at 350mA. It is a good design practice to use a 1% tolerance resistor and allow for at least 20% higher margin on the maximum load current when calculating the RILIMIT resistor value.
1.05 1.00 0.95 ALPHA () 0.90 0.85 0.80 0.75 0.70 100 150 200 250 300 350 400 450 500 550 ILIMIT (mA)
Output Voltage Rise and Fall TimeTiming
The output voltage rise and fall times or soft-start time can be set by an the external capacitor on the TCAP pin. The output rise and fall times are given by Equation 1:
220trise C = -------------------V (EQ. 1)
Where C is the TCAP value in nF, trise the required transition time in ms and V is the differential transition voltage from low output voltage range to the high output range in Volts. Too large a value of TCAP prevents the output from rising to the nominal value, within a reasonable time. Too small a value of the TCAP can cause high peak currents in the boost circuit. Figures 4 and 5 show the output voltage rise time for TCAP value of 0.22F and 0.44F as 13.6ms and 32ms which according to Equation 1 should be 11
FIGURE 19. ALPHA CONSTANT
Figure 15 shows the output current and voltage for RILIMIT =148k when the output voltage is shorted to GND. Under this condition, the chip still exhibits the 50ms on and 900ms off pulse to minimize power dissipation, however, current gets internally clamped to approximately 750mA. The output voltage stays at 0V
FN6531.0 October 13, 2009
ISL9491, ISL9491A, ISL9491A
due to hard short on the output. The current limiting described so far is called "Dynamic Current" limiting which limits current to approximately 750mA for 50ms and turns off the output for 900ms. RILIM is used to program the current level at which the ISL9491 enters into this protection mode. On the other hand, the ISL9491 can also be programmed in "Static Current Limit" mode which defeats the 50ms/900ms(on/off) pulse by delivering constant 750mA load current to the system by using a 0 RILIMIT resistor. In this mode the chip will deliver this current to the load for as long as the die junction temperature is less than 130oC. Figure 16 shows the static current limit by shorting the output to GND. It also shows that initially the chip delivers 750mA but the junction starts heating up since approximately 10W (13.3V*0.75A) is being dissipated internally. The thermal shutdown circuitry takes over and shuts the output LDO stage-off after approximately 50ms and the load current drops to zero as seen in Figure 17. The chip restarts as soon as the junction temperature drops below the thermal shutdown level but quickly shuts off in 15ms as seen in Figure 18. The CS pin provides peak current protection for the Boost FET on a pulse-by-pulse basis. Once the voltage on the FET source sense resistor crosses 0.45V typical, the Boost FET drive is set to low. The sense resistor can be sized to limit the peak current through the FET. It is highly recommended to have a boost current limit of 200% when sizing the sense resistor to accommodate high current transients in the boost circuit.
External Output Voltage Selection
The pin VSET0 and VSET1 are provided for switching between typical output voltages, as indicated in Table 1.
TABLE 1. EN 0 1 1 1 1 VSET1 X 0 0 1 1 VSET0 X 0 1 0 1 VLNB ISL9491 Disabled 13.3V 18.3V 14.3V 20.0V VLNB ISL9491A Disabled 11.0V 15.0V 12.0V 16.0V
Output Over/Undervoltage Fault and EXTM
The recommended start-up sequence is Vcc going high followed by ENABLE while EXTM is pulled low. This will start the output voltage to ramp up with a dv/dt which is based on the TCAP value. Once ENABLE is pulled high, allow a 50ms delay before applying 22kHz/44kHz, 50% square pulse on EXTM pin to generate the DISEQ tone on the output. At this point, FAULT should also be high, indicating that output voltage is in regulation. FAULT is designed to stay high when the output voltage is commanded to transition between the values listed in Table 1, and also when passing the DiSEQ tone on the output. FAULT will immediately pull low if there is a short on the output or if the voltage falls outside the 10% window indicating that the voltage is out of regulation. FAULT signal is armed after the first initial power-up when output voltage is in steady-state. If tone is applied to the EXTM pin before the chip is ENABLED, it causes the FAULT to remain low even after the output voltage reaches steady state. This issue can be resolved by pulling the EXTM low for 2 cycles which is 90ms of ISL9491 and 45ms for ISL9491A.
Thermal Protection
This IC is protected against overheating. When the junction temperature exceeds +130C (typical), the step-up converter and the linear regulator are shut-off. When the junction is cooled down to +110C (typical), normal operation is resumed.
For additional products, see www.intersil.com/product_tree Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 12
FN6531.0 October 13, 2009
ISL9491, ISL9491A, ISL9491A
Package Outline Drawing
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 6, 02/08
4X 1.95 4.00 A B 6 PIN 1 INDEX AREA 13 12X 0.65 16 6 PIN #1 INDEX AREA
12
1
4.00
2 . 10 0 . 15
9
4
(4X)
0.15 8
TOP VIEW
5 0.10 M C A B 4 0.28 +0.07 / -0.05
BOTTOM VIEW
+0.15 16X 0 . 60 -0.10
SEE DETAIL "X" 1.00 MAX ( 3 . 6 TYP ) ( 2 . 10 )
SIDE VIEW
0.10 C
C
BASE PLANE
SEATING PLANE 0.08 C
( 12X 0 . 65 )
( 16X 0 . 28 ) ( 16 X 0 . 8 )
C
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
13
FN6531.0 October 13, 2009


▲Up To Search▲   

 
Price & Availability of ISL9491

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X