Part Number Hot Search : 
4100B 16C60 BCX51 3189EE BA5417 PCA95 PCA95 COLOR
Product Description
Full Text Search
 

To Download IPI60R099CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPI60R099CP
CoolMOSTM Power Transistor
Features * Worldwide best R ds,on in TO220 * Ultra low gate charge * Extreme dv/dt rated * High peak current capability * Qualified according to JEDEC1) for target applications * Pb-free lead plating; RoHS compliant
Product Summary V DS @ Tj,max R DS(on),max Q g,typ 650 0.099 60 V nC
PG-TO262
CoolMOS CP is designed for: * Hard switching SMPS topologies for Server and Telecon
Type IPI60R099CP
Package PG-TO262
Marking 6R099
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, repetitive t AR2),3) Avalanche current, repetitive t AR2),3) MOSFET dv /dt ruggedness Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V DS=0...480 V static AC (f >1 Hz) Power dissipation Operating and storage temperature P tot T j, T stg T C=25 C T C=25 C I D=11 A, V DD=50 V I D=11 A, V DD=50 V Value 31 19 93 800 1.2 11 50 20 30 255 -55 ... 150 W C A V/ns V mJ Unit A
Rev. 1.0
page 1
2007-01-25
IPI60R099CP
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous diode forward current Diode pulse current 2) Reverse diode dv /dt 4) Symbol Conditions IS I S,pulse dv /dt T C=25 C Value 18 93 15 V/ns Unit A
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient Soldering temperature, wavesoldering only allowed at leads R thJC R thJA T sold leaded 1.6 mm (0.063 in.) from case for 10 s 0.5 62 260 C K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V GS(th) V DS=V GS, I D=1.2 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=18 A, T j=25 C V GS=10 V, I D=18 A, T j=150 C Gate resistance RG f =1 MHz, open drain 600 2.5 3 3.5 V
Zero gate voltage drain current
I DSS
-
-
5
A
-
50 0.09
100 0.099 nA
-
0.24 1.3
Rev. 1.0
page 2
2007-01-25
IPI60R099CP
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Effective output capacitance, energy related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current
1)
Values typ. max.
Unit
C iss C oss C o(er)
V GS=0 V, V DS=100 V, f =1 MHz
-
2800 130 130
-
pF
V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=400 V, V GS=10 V, I D=18 A, R G=3.3 340 10 5 60 5 ns
Q gs Q gd Qg V plateau V DD=400 V, I D=18 A, V GS=0 to 10 V
-
14 20 60 5.0
80 -
nC
V
V SD t rr Q rr I rrm
V GS=0 V, I F=18 A, T j=25 C
-
0.9 450 12 70
1.2 -
V ns C A
V R=400 V, I F=I S, di F/dt =100 A/s
-
J-STD20 and JESD22 Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. ISD<=ID, di/dt<=100A/s,VDClink = 400V, Vpeak2)
3)
4)
5)
6)
Rev. 1.0
page 3
2007-01-25
IPI60R099CP
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
300 102
limited by on-state resistance 10 s 1 s
100 s
200
101
DC
1 ms
P tot [W]
I D [A]
10 ms
100
100
0 0 40 80 120 160
10-1 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance Z thJC=f(t P) parameter: D=t p/T
100
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
10 V 20 V 8V
105
0.5
90
7V
75
Z thJC [K/W]
0.2
10-1
0.1
I D [A]
60
6V
0.05 0.02 0.01 single pulse
45
5.5 V
30
5V
15
4.5 V
10-2 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 1.0
page 4
2007-01-25
IPI60R099CP
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
50
8V 10 V 20 V 6V 5.5 V 7V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
0.5
40
0.4
5.5 V
6V
6.5 V
7V
R DS(on) []
30
0.3
5V 20 V
I D [A]
5V
20
4.5 V
0.2
10
0.1
0 0 5 10 15 20
0 0 10 20 30 40 50
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=18 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
0.3
160
0.25 120 0.2
C 25
R DS(on) []
0.15
98 %
I D [A]
80
0.1
typ
C 150
40 0.05
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 1.0
page 5
2007-01-25
IPI60R099CP
9 Typ. gate charge V GS=f(Q gate); I D=18 A pulsed parameter: V DD
10
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
25 C, 98%
150 C, 98%
8
120 V 400 V 150 C
25 C
101
6
V GS [V]
4 100
2
I F [A]
0 0 10 20 30 40 50 60 10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche energy E AS=f(T j); I D=11 A; V DD=50 V
12 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA
1000
700
750
660
500
V BR(DSS) [V]
20 60 100 140 180
E AS [mJ]
620
250
580
0
540 -60 -20 20 60 100 140 180
T j [C]
T j [C]
Rev. 1.0
page 6
2007-01-25
IPI60R099CP
13 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz 14 Typ. Coss stored energy E oss= f(V DS)
105
20
104
Ciss
16
Coss
10
2
E oss [J]
8 4 0 200 300 400 500
103
12
C [pF]
101
Crss
100 0 100
0
100
200
300
400
500
600
V DS [V]
V DS [V]
Rev. 1.0
page 7
2007-01-25
IPI60R099CP
Definition of diode switching characteristics
Rev. 1.0
page 8
2007-01-25
IPI60R099CP
PG-TO262-3-1: Outlines
Dimensions in mm/inches: Rev. 1.0 page 9 2007-01-25
IPI60R099CP
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions o characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typica values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties o non-infringement of intellectual property rights of any third party Information For further information on technology, delivery terms and conditions and prices please contact your neares Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 10
2007-01-25


▲Up To Search▲   

 
Price & Availability of IPI60R099CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X