Part Number Hot Search : 
M67799M DC147 SD2942 C3216 CNX62A ODUCT STTA812 CR100
Product Description
Full Text Search
 

To Download IPD220N06L3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type
IPD220N06L3 G
OptiMOS(TM)3 Power-Transistor
Features * Ideal for high frequency switching and sync. rec. * Optimized technology for DC/DC converters * Excellent gate charge x R DS(on) product (FOM) * N-channel, logic level * 100% avalanche tested * Pb-free plating; RoHS compliant * Qualified according to JEDEC1) for target applications IPD220N06L3 G
Product Summary V DS R DS(on),max ID 60 22 30 V m A
Type
Package Marking
PG-TO-252-3 220N06L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse3) Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 30 21 120 13 20
Unit A
I D,pulse E AS V GS P tot T j, T stg
T C=25 C I D=20 A, R GS=25
mJ V W C
T C=25 C
36 -55 ... 175 55/175/56
J-STD20 and JESD22 See figure 3 for more detailed information 3) See figure 13 for more detailed information
Rev. 2.0
page 1
2008-12-09
IPD220N06L3 G
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient R thJC R thJA minimal footprint 6 cm cooling area 4) 4.2 62 40 K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=11 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=30 A V GS=4.5 V, I D=15 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A 60 1.2 1.7 0.1 2.2 1 A V
16
10 1 17.8 27.4 0.9 32
100 100 22.0 39.8 S nA m
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
4)
Rev. 2.0
page 2
2008-12-09
IPD220N06L3 G
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 5) Gate to source charge Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
5)
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=30 A, R G=3 V GS=0 V, V DS=30 V, f =1 MHz
-
1200 270 16 9 3 19 3
1600 360 -
pF
ns
Q gs Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=30 A, V GS=0 to 4.5 V
-
5 2 5 7 4.1 13
10 17
nC
V nC
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=30 V, I F=30A, di F/dt =100 A/s
-
1.0 27 23
30 120 1.2 -
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 2.0
page 3
2008-12-09
IPD220N06L3 G
1 Power dissipation P tot=f(T C)
2 Drain current I D=f(T C); V GS10 V
40
40
30
30
P tot [W]
20
I D [A] 0 50 100 150 200
20
10
10
0
0 0 50 100 T C [C] 150 200
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
102
limited by on-state resistance
1 s 10 s
0.5
Z thJC [K/W]
I D [A]
101
100 s 1 ms DC
100
0.2 0.1 0.05 0.02 0.01 single pulse
10
0
10-1 10-1 100 101 102
10-1 10-5 10-4 10-3 10-2 10-1
V DS [V]
t p [s]
Rev. 2.0
page 4
2008-12-09
IPD220N06L3 G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
40
100
6V
4V
4.5 V
5V
6V
80
30
I D [A]
5V
60
40
4.5 V
R DS(on) [m]
20
10 V
4V
20
3.5 V 3V
0 0 1 2 3 4 5
10 0 20 40 60 80 100 120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
60
8 Typ. forward transconductance g fs=f(I D); T j=25 C
50
50 40
40 30 30
g fs [S]
20 10
175 C 25 C
I D [A]
20
10
0 0 1 2 3 4 5
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 2.0
page 5
2008-12-09
IPD220N06L3 G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V
10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
50 45 40 35
2.5
2
110 A
R DS(on) [m]
30 25 20 15 10 5 0 -60 -20 20 60 100 140 180
max
typ
V GS(th) [V]
1.5
11 A
1
0.5
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
103
Ciss
103
102
175 C, 98%
C [pF]
I F [A]
Coss
25 C
102
101
175 C 25 C, 98%
Crss
101 0 20 40 60
100 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 2.0
page 6
2008-12-09
IPD220N06L3 G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=30 A pulsed parameter: V DD
12
30 V
10
12 V 48 V
8
10
V GS [V]
150 C 100 C 25 C
I AS [A]
6
4
2
1 1 10 100 1000
0 0 4 8 12 16 20
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
65
V GS
Qg
60
V BR(DSS) [V]
V g s(th)
55
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
50
T j [C]
Rev. 2.0
page 7
2008-12-09
IPD220N06L3 G
PG-TO-252-3
Packaging:
Rev. 2.0
page 8
2008-12-09
IPD220N06L3 G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.0
page 9
2008-12-09


▲Up To Search▲   

 
Price & Availability of IPD220N06L3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X