Part Number Hot Search : 
74HC37 3110LO50 L7812 ADE324 SD340YS L7812 2160B L7812
Product Description
Full Text Search
 

To Download IC-MB4ICSYMB4U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
preliminary
Rev B1, Page 1/5
FEATURES o o o o o o o o USB 2.0 high speed PC interface FPGA based logic Hardware implemented interface protocols Fast realtime data communication (10 MHz BiSS; 4 MHz SSI) API for Windows: BiSS-Interface DLL Field capable design: box, field interfaces, USB bus powerable USB powered 5 V and 12 V supplies for external applications Supported interfaces: BiSS / SSI controlled by FPGA application
APPLICATIONS o BiSS / SSI application development o BiSS / SSI debugging o Flexible interface configuration o Encoder calibration o Portable applications
SYSTEM VIEW
Copyright (c) 2010 iC-Haus
http://www.ichaus.com
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
preliminary
Rev B1, Page 2/5
DESCRIPTION The MB4U is a PC-USB 2.0 high speed interface BiSS master based on FPGA logic system design.
BiSS Interface Functions and Features: * * * * * * * * * * Up to 8 BiSS slaves RS422 10 MBit/s maximum data transfer rate SSI master BiSS C unidirectional and BiSS C master BiSS master MB100 BiSS IP based USB 2.0 interface up to 30 MBit/s data transfer USB 1.1 interface compatibility to 12 MBit/s data transfer Adapter and devices bus powerable Available drivers for Windows 2000, XP, Vista, 7 FPGA integrated 1st level RAM
CONNECTORS PIN CONFIGURATION BiSS PIN FUNCTIONS No. Name Function 1 2 3 4 5 6 7 8 9 VB MA+ MAVDD MOGND SL+ SLMO+ Field power supply Clock output P Clock output N Logic power supply Master data output N Ground (0 V) Device data input P Device data input N Master data output P
PIN CONFIGURATION Mini USB
PIN FUNCTIONS No. Name Function 1 2 3 4 5 VCC DD+ ID GND 5 V USB supply Data Data + Identifier: A = GND, B n.c. Ground (0 V)
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
preliminary
Rev B1, Page 3/5
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Item No. Symbol Parameter Conditions Min. see USB specifications 4.0 VDD = 5 V, I(VB) = 0 mA VB = 12 V, I(VDD) = 0 mA 250 9 90 Max. 500 5.5 350 13 125 mA V mA V mA Unit
G001 Power USB Maximum Power Consumption from USB Bus G002 VDD G003 I(VDD) G004 VB G005 I(VB) Logic Power Supply Logic Power Supply Interface Power Supply Interface Power Supply
THERMAL DATA
Item No. T01 T02 Symbol Temp HUM Parameter Temperature Range Humidity non condensating Conditions Min. 0 5 Typ. Max. 50 95 C % Unit
All voltages are referenced to ground unless otherwise stated. All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
preliminary
Rev B1, Page 4/5
BiSS MASTER IP MB100 The MB4U is based on the MB100 BiSS master IP. With this implementation it is possible to connect one or more BiSS C devices or a single SSI device to the adapter. BiSS C protocol is fully supported. The adapter supports an unlimited count of BiSS C slave devices. With BiSS there is 10 MBit/s RS422 maximum clocking available. The SSI protocol is also configurable. With high speed buffered transfer the real-time measured data can be block-wise transferred to a Windows PC application for analysis, documentation, data processing, etc..
BiSS SOFTWARE ENVIRONMENT
iC-Haus Evaluation Software iC-Haus BiSS software for PCs running on Windows operating systems as well as the required USB and/or LPT driver are available as a ZIP file. iC-Haus software built with LabVIEWTMrequires the installation of the LabVIEWTMRun-Time Engine (RTE). MB4U capable software and product DLLs are available on request (BiSS Reader GUI, iC-MN GUI, iC-LGC GUI, iC-NQC GUI, iC-MH GUI). iC-Haus BiSS Interface DLL For custom software running on Windows operating systems the BiSS Interface DLL enables rapid software development. Direct access to eval board adapter and high level protocol functions are directly available. BiSS Interface DLL: availability on request
iC-Haus expressly reserves the right to change its products and/or specifications. An Infoletter gives details as to any amendments and additions made to the relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by email. Copying - even as an excerpt - is only permitted with iC-Haus approval in writing and precise reference to source. iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of the product. iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark rights of a third party resulting from processing or handling of the product and/or any other use of the product. As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in Hanover (Hannover-Messe). We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can be put to.
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
preliminary
Rev B1, Page 5/5
ORDERING INFORMATION
Type MB4U
Package 105 mm x 33 mm x 16 mm Aluminium blue anodized
Order Designation iC-MB4 iCSY MB4U
For technical support, information about prices and terms of delivery please contact: iC-Haus GmbH Am Kuemmerling 18 D-55294 Bodenheim GERMANY Tel.: +49 (61 35) 92 92-0 Fax: +49 (61 35) 92 92-192 Web: http://www.ichaus.com E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


▲Up To Search▲   

 
Price & Availability of IC-MB4ICSYMB4U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X