Part Number Hot Search : 
2SD143 STS9015 AR0233AT E1307 ML9488 CR13003 68100 PHAWOZ
Product Description
Full Text Search
 

To Download FST20180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
FST20180 to FST20200
PRV : 180 - 200 Volts Io : 20 Ampere
FEATURES :
* Guard ring for reverse protection * Low power loss * High efficiency * High surge capacity * Pb / RoHS Free
Dual Schottky Barrier Rectifiers
TO-220AB
0.154(3.91)DIA. 0.415(10.54)MAX. 0.148(3.74) 0.113(2.87) 0.103(2.62) 0.635(16.13) 0.625(15.87) 123 PIN 1 PIN 2 CASE PIN 3 0.037(0.94) 0.027(0.68) 0.105(2.67) 0.095(2.41) 0.055(1.39) 0.045(1.14) 0.185(4.70) 0.175(4.44)
0.145(3.68) 0.135(3.43) 0.350(8.89) 0.330(8.39) 0.160(4.06) 0.140(3.56)
0.603(15.32) 0.573(14.55)
0.560(14.22) 0.530(13.46)
MECHANICAL DATA :
* Case : JEDEC TO-220AB molded plastic body * Terminals: Plated leads, solderable per MIL-STD-750 Method 2026 * Polarity: As marked * Mounting Position: Any * Weight : 2.24 grams (Approximately)
0.205(5.20) 0.195(4.95)
0.022(0.56) 0.014(0.36)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ta =25C unless otherwise noted.)
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum Average Forward Rectified Current at T C = 155 C Total device Per Leg SYMBOL VRRM IF(AV) FST20180 180 20 10 225 0.88 0.73 100 200 190 2.4 - 55 to + 175 - 55 to + 175 FST20200 200 UNIT V A
Maximum Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load Per Leg Maximum Instantaneous Forward Voltage Per Leg
(1)
IFSM
A
at I F = 10 A, T J = 25 C I F = 10 A, T J = 175 C TJ = 25C TJ = 125 C
VF IR IR(H) CJ RJC TJ TSTG
V A A pF C/W C C
Maximum Reverse Current Per Leg at Working Peak Reverse Voltage
(1)
Typical Junction Capacitance ( V R = 5 V, T J = 25 C) Typical Thermal Resistance, Junction to Case, Per Leg Operating Junction Temperature Range Storage Temperature Range
Note : (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%.
Page 1 of 2
Rev. 01 : October 13, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( FST20180~ FST20200 )
FIG.1 - FORWARD CURRENT DERATING PER LEG
10
FIG.2 - TYPICAL JUNCTION CAPACITANCE PER LEG
1000
AVERAGE FORWARD CURRENT, (A)
8
6
JUNCTION CAPACITANCE, (pF)
140 145 150 155 160 165 170 175
100
4
2
0
10 0.1 1.0 10 100
CASE TEMPERATURE, ( C)
REVERSE VOLTAGE, (V)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
1.0
INSTANTANEOUS FORWARD CURRENT, (A)
TJ = 175 C 10
TYPICAL REVERSE CURRENT, (A)
0.1
TJ = 125 C
1.0 TJ = 25 C
0.01
TJ = 75 C
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.001
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25 C 0.0001 0 40 80 120 160 200
REVERSE VOLTAGE, (V)
Page 2 of 2
Rev. 01 : October 13, 2006


▲Up To Search▲   

 
Price & Availability of FST20180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X