Part Number Hot Search : 
U5332K6 SD215 R3000 DC1FT7SC PM6344 S2222A LM239 CPC5604
Product Description
Full Text Search
 

To Download ESO02000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 celduc(R)
r e l a i s
S/ACC/ESO02000/B/22/09/08
PRELIMINARY
Page 1/5 UK
VOLTAGE PROTECTION FOR DC SOLID-STATE RELAYS
u Helps protecting solid-state relays against voltage transient due to the inductive effect of lines and loads. u Clamping function (D1) to limit voltage transients across the power element of the DC solid state relay without built-in voltage clamp (SCM)
ESO02000
u Fly wheel diode (D2), with fast response, low on-state voltage drop and connection polarity free, mounted on the metal base plate to be cooled by a heatsink for high switching frequency applications (PWM) Non-repetitive peak
u Decoupling capacitor (C1), connection polarity free and non polarized Max operating
(polyester) equipped with a discharging resistor
voltage
75VDC 80A Yes
Weight
u Led indicating voltage presence across the load
Operating voltage range Current range DC SSR clamping voltage function Isolations Connections
permanent current Clamping voltage function for DC relays (D1)
Dimensions (LxHxD) 45 x 58.5 x 30
0-130VDC Fig. 1
0-80A
Yes
4kV Fig. 2
Screw terminals
80g
HIGH SIDE WIRING DIAGRAM (Load connected to "-")
LOW SIDE WIRING DIAGRAM (Load connected to "+")
Red wires must be as short as possible
Red wires must be as short as possible
Fig. 3
INTERNAL DIAGRAM
Proud to serve you
Data given at Tambient=25C and subject to modification without previous notice
r
celduc
e l a i
(R)
s
celduc(R)
r e l a i s
S/ACC/ESO02000/B/22/09/08
PRELIMINARY
Page 2/5 UK
GENERAL CHARACTERISTICS
CHARACTERISTIC LABEL Uemax Uep dUe/dt Ie max Uimp Rio Cio Tstg Tamb Tc VALUE 40VDC 75V 125V/s 80A 4kV 1G <8pF -40C -> +100C -40C -> +90C 100C
Ue=Uep
INFO.
POWER CIRCUIT
DC mains max voltage Non repetitive peak voltage Max voltage rise Max nominal current Power output/case insulation Isolation resistance Isolation capacitance Storage ambient temperature Operating ambient temperature Max. case temperature
LINE CIRCUIT CHARACTERISTICS (C1 & Rd)
CHARACTERISTIC LABEL C1 Rd VALUE 4.4F 20% Polyester 1M / 0.5 W 1s INFO.
LINE CIRCUIT
Decoupling capacitor Technology Discharging resistor Discharging time constant
LOAD CIRCUIT CHARACTERISTICS (D2)
CHARACTERISTIC Voltage drop during fly wheel Instantaneous power dissipation Max nominal average current LABEL UD2
(VF)
VALUE 1.2V 0.96 + 0.003 x Ie 80A 500A 1000A = current in the ouput LED 190ns 0.35K/W 10K/W 10 minutes 125C
INFO.
@Ie=80A see fig. 6
PD2 ID2av
(IFav)
LOAD CIRCUIT
Max repetitive peak overload current Max non repetitive peak overload current Max leakage current Recovering time Junction/case thermal resistance Housing thermal resistance vertically mounted Housing thermal time constant Maximum junction temperature
ID2peak
(IFRM)
Tpulse=25s
ID2peak
(IFSM)
Tpulse=25s
-ID2
(IR)
See fig. 7
ID2=1A,di/dt=50A/s, Tc=25C
trr Rthjc Rthra Tthra Tjmax
@Tra=75C @Tra=60C
celduc(R)
r e l a i s
S/ACC/ESO02000/B/22/09/08
PRELIMINARY
Page 3/5 UK
CHARACTERISTICS OF THE BUILT-IN VOLTAGE PROTECTION (D1)
Fig. 4
1
LEAKAGE CURRENT (Ielk) VS DC OUTPUT SSR SWITCH VOLTAGE (Ut)
Fig. 5
OVERVOLTAGE DURATION AND FREQUENCY ABSOLUTE LIMITS
Ielk / Ie
Uto < Utp
t max = 2.5 (Uto - Ut max) x Ie
0,8 0,6 0,4 0,2 0 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 Ut (V)
U t max ( = U e max) Utp
P ( protection ) = 2W max (Uto - Ut max) x Ie x t 2 T
Utmax : Max. nominal voltage of the relay Uto : Possible overvoltage above Utmax Utn = Ue : User DC power supply voltage t : Overvoltage duration T: Time between 2 overvoltage
Ielk : Leakage current of the relay Ie : User load nominal current Utp : Relay max. non repetitive peak voltage
OUTPUT CHARACTERISTIC CURVES
Fig. 6 VOLTAGE DROP VS CURRENT (DIODE D2 DURING FLY WHEEL) Fig. 7 OUTPUT LED (D3) CURRENT VS LOAD VOLTAGE
3,5
30
3
VD2 (V)
Tj = 150C Tj = 25C
25
ID2 (mA)
2,5
20
2
15
1,5
10
1
0,5
5
I (A)
0 0 100 200 300 400 500 600 700 800 900 1000
VD2 (V)
0 0 10 20 30 40 50 60 70
Fig. 8
THERMAL IMPEDANCE (DIODE D2)
Fig. 9
OVERLOAD PERMITTED DURING ON-STATE (DIODE D2 DURING FLY WHEEL)
Not available
Not available
celduc(R)
r e l a i s
S/ACC/ESO02000/B/22/09/08
PRELIMINARY
Page 4/5 UK
OUTPUT CHARACTERISTIC CURVES (cont.)
Fig. 10
Average current Ie (ARMS)
POWER DISSIPATION AND AVERAGE CURRENT VS AMBIENT TEMPERATURE
Please refer to the installation notice for precautions about mounting the device on a heatsink.
0.75K/W 0.55K/W 0.3K/W
80 70 60 50 40 30 20 10
Power dissipation Pd (W)
96 82 68 55 43 31 20 10
10K/W
4K/W
2.2K/W
2.1K/W
1.2K/W
1.1K/W
0 0 10 20 30 40 50 60 70 80 90 100 110
0
Ambient temperature (C) 2.2K/W = WF262100 / WF151200 1.1K/W = WF131100 0.3K/W = WF031100
10K/W = No Heatsink / 1LD12020 2.1K/W = WF210000 0.75K/W = WF070000
4K/W = 150x150x3mm aluminium sheet 1.2K/W = WF121000 0.55K/W = WF050000
GENERAL INFORMATION
Mounting 2 screws (M4x12mm ; tightening = 1.2N.m) POZIDRIV2 2 N.m M5 Green LED (load supplied) UL94V0 80g
See mounting sheet
GENERAL INFORMATION
Screwdriver for connections tightening torque for connections Insulated crimp terminals (round tabs, eyelet type) Display Housing Weight
STANDARDS
Standards IEC60947-1 IP20 Yes Yes Pending
STANDARDS
Protection level Protection against direct touch CE marking UL, cULUS and VDE approvals
celduc(R)
r e l a i s
S/ACC/ESO02000/B/22/09/08
PRELIMINARY
Page 5/5 UK
DIMENSIONS ET ACCESSORIES
Fig. 11 DIMENSIONS (mm)
ACCESSORIES FLAT TAB CONNECTION ADAPTORS 1L587000
Please consult our website for other accessory references (Heatsinks, mounting adaptors, thermal grease...)
r
celduc(R)
e l a i s
www.celduc.com
5, rue Ampere B.P. 30004 42290 SORBIERS - France Phone : 33 (0) 4 77 53 90 21 Fax : 33 (0) 4 77 53 85 51 Email : celduc-relais@celduc.com


▲Up To Search▲   

 
Price & Availability of ESO02000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X