Part Number Hot Search : 
RD167 R1105W R9024N 18TRU DHCR15 SDR6RSMS R1105W JKC6761
Product Description
Full Text Search
 

To Download EGXE800E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
longer life
Long Life, Downsized, 125C
GXE
@For automobile modules and other high temperature applications @Downsize, long life, low impedance and better low temperature characteristics @Endurance with ripple current : 125C 2000 to 5000 hours @Solvent-proof type except 63 to 450V (see PRECAUTIONS AND GUIDELINES) @Pb-free design
downsized longer life GXD
GXL
?SPECIFICATIONS
Items Characteristics
Category Temperature Range -40 to +125C (10 to 250Vdc ) -25 to +125C (350 to 450Vdc) Rated Voltage Range Capacitance Tolerance Leakage Current (at 20C, 120Hz) 160 to 450Vdc CV[1000 I=0.1CV+40 CV>1000 I=0.04CV+100 (at 20C, 1 minute) Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) Rated voltage (Vdc) 10V 16V 25V 35V 50V 63V 80V 100V 160 to 250V 350 to 450V tanE (Max.) 0.20 0.16 0.14 0.12 0.10 0.10 0.08 0.08 0.20 0.24 (at 20C, 120Hz) When nominal capacitance exceeds 1000MF, add 0.02 to the above value for each 1000MF increase. Rated voltage (Vdc) 10V 16V 25V 35V 50V 63V 80V 100V 160 to 250V 350 to 450V Z(-25C)/Z(+20C) 3 2 2 2 2 2 2 2 3 6 (at 120Hz) Z(-40C)/Z(+20C) 6 4 4 4 4 4 4 4 6 The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for the specified time at 125C. 10 to 100Vdc 160 to 450Vdc Time F8 : 2000hours F10 : 3000hours F12.5 & F16 : 5000hours 2000hours Capacitance change [P30% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours (500 hours for 350 to 450WV) at 125C without voltage applied. 10 to 100Vdc 160 to 450Vdc Capacitance change [P30% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [500% of the initial specified value 10 to 450Vdc P20% (M) 10 to 100Vdc I=0.03CV or 4MA, whichever is greater.
Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : E
FP0.5 FP0.5 Fd Sleeve (PET) fD fd F fD' L' 8 0.6 3.5 10 12.5 16 0.6 0.6 0.8 5.0 5.0 7.5 FD+0.5max. L+2.0max.
FD'
Vent
L'
15min.
4min.
(F8 & F10)
(F12.5 & F16)
Gas escape end seal
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E GXE AAA E AA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100,100MF:101) Lead forming*taping code Terminal code Voltage code (ex. 10V:100,100V:101) Series code Category
Please refer to "A guide to global code (radial lead type)"
(1/2)
CAT. No. E1001E
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Long Life, Downsized, 125C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 220 330 470 1000 2200 3300 4700 100 220 330 470 1000 2200 3300 100 220 330 470 1000 2200 100 100 220 330 470 1000 10 22 33 47 100 220 330 470 1000 33 47 100 220 330 470 1000 22 33 Rated ripple Impedance current Case size (omax/ (mArms/ 20c, fDbL(mm) 125c, 100kHz) Note1) 8B 10B 10B 10B 12.5B 16B 16B 8B 10B 10B 10B 12.5B 16B 16B 8B 10B 10B 10B 12.5B 16B 8B 10B 10B 10B 12.5B 16B 8B 8B 8B 8B 10B 10B 12.5B 12.5B 16B 8B 10B 10B 12.5B 12.5B 12.5B 16B 8B 10B 12 12.5 12.5 20 25 25 31.5 12 12.5 12.5 16 20 25 31.5 12 12.5 16 20 25 31.5 12 12.5 16 20 20 25 12 12 12 12 12.5 20 20 25 31.5 12 12.5 16 20 25 30 31.5 12 12.5 0.32 0.15 0.15 0.075 0.040 0.031 0.025 0.32 0.15 0.15 0.094 0.058 0.031 0.025 0.32 0.15 0.094 0.075 0.040 0.025 0.32 0.15 0.094 0.075 0.058 0.031 0.75 0.50 0.50 0.50 0.20 0.098 0.081 0.059 0.032 1.5 0.59 0.41 0.16 0.12 0.097 0.059 1.5 0.8 340 620 620 950 1350 1620 1860 340 620 620 790 1080 1620 1860 340 620 790 950 1350 1860 340 620 790 950 1080 1620 180 250 280 280 520 880 990 1150 1590 150 530 690 1050 1290 1460 1850 150 480 Part No. WV (Vdc) Cap (mF) 47 100 220 330 470 4.7 10 22 33 47 100 220 330 22 33 47 68 100 150 10 22 33 47 68 100 10 22 33 47 68 4.7 10 22 33 47 4.7 10 22 33 47 4.7 10 22 33 Rated ripple Impedance current Case size (omax/ (mArms/ 20c, fDbL(mm) 125c, 100kHz) Note1) 10 B 12.5 10 B 20 12.5 B 25 12.5 B 30 16 B 25 8 B 12 8 B 12 10 B 12.5 10 B 12.5 10 B 16 12.5 B 20 16 B 25 16 B 31.5 10 B 20 10 B 25 12.5 B 20 12.5 B 25 16 B 25 16 B 31.5 10 B 20 10 B 25 12.5 B 20 12.5 B 25 16 B 20 16 B 25 10 B 20 12.5 B 20 12.5 B 25 16 B 25 16 B 31.5 10 B 20 10 B 25 12.5 B 25 16 B 25 16 B 31.5 10 B 20 10 B 25 12.5 B 30 16 B 25 16 B 31.5 10 B 25 12.5 B 20 16 B 25 16 B 31.5 0.80 0.39 0.18 0.16 0.11 2.0 1.5 0.80 0.80 0.55 0.25 0.11 0.079 480 790 1240 1390 1500 130 150 480 480 630 990 1500 1790 115 154 187 245 329 434 78 126 157 204 250 329 78 128 171 225 292 53 85 139 189 243 53 86 142 189 243 58 86 154 203
is non solvent-proof.
Part No.
10
16
25
35
50
63
80
EGXE100ESS221MH12D EGXE100ESS331MJC5S EGXE100ESS471MJC5S EGXE100ESS102MJ20S EGXE100ESS222MK25S EGXE100ESS332ML25S EGXE100ESS472MLN3S EGXE160ESS101MH12D EGXE160ESS221MJC5S EGXE160ESS331MJC5S EGXE160ESS471MJ16S EGXE160ESS102MK20S EGXE160ESS222ML25S EGXE160ESS332MLN3S EGXE250ESS101MH12D EGXE250ESS221MJC5S EGXE250ESS331MJ16S EGXE250ESS471MJ20S EGXE250ESS102MK25S EGXE250ESS222MLN3S EGXE350ESS101MH12D EGXE350ESS101MJC5S EGXE350ESS221MJ16S EGXE350ESS331MJ20S EGXE350ESS471MK20S EGXE350ESS102ML25S EGXE500ESS100MH12D EGXE500ESS220MH12D EGXE500ESS330MH12D EGXE500ESS470MH12D EGXE500ESS101MJC5S EGXE500ESS221MJ20S EGXE500ESS331MK20S EGXE500ESS471MK25S EGXE500ESS102MLN3S EGXE630ESS330MH12D EGXE630ESS470MJC5S EGXE630ESS101MJ16S EGXE630ESS221MK20S EGXE630ESS331MK25S EGXE630ESS471MK30S EGXE630ESS102MLN3S EGXE800ESS220MH12D EGXE800ESS330MJC5S
80
100
160
200
250
350
400
450
EGXE800ESS470MJC5S EGXE800ESS101MJ20S EGXE800ESS221MK25S EGXE800ESS331MK30S EGXE800ESS471ML25S EGXE101ESS4R7MH12D EGXE101ESS100MH12D EGXE101ESS220MJC5S EGXE101ESS330MJC5S EGXE101ESS470MJ16S EGXE101ESS101MK20S EGXE101ESS221ML25S EGXE101ESS331MLN3S EGXE161ESS220MJ20S EGXE161ESS330MJ25S EGXE161ESS470MK20S EGXE161ESS680MK25S EGXE161ESS101ML25S EGXE161ESS151MLN3S EGXE201ESS100MJ20S EGXE201ESS220MJ25S EGXE201ESS330MK20S EGXE201ESS470MK25S EGXE201ESS680ML20S EGXE201ESS101ML25S EGXE251ESS100MJ20S EGXE251ESS220MK20S EGXE251ESS330MK25S EGXE251ESS470ML25S EGXE251ESS680MLN3S EGXE351ESS4R7MJ20S EGXE351ESS100MJ25S EGXE351ESS220MK25S EGXE351ESS330ML25S EGXE351ESS470MLN3S EGXE401ESS4R7MJ20S EGXE401ESS100MJ25S EGXE401ESS220MK30S EGXE401ESS330ML25S EGXE401ESS470MLN3S EGXE451ESS4R7MJ25S EGXE451ESS100MK20S EGXE451ESS220ML25S EGXE451ESS330MLN3S
SS : Lead forming / Taping code (Note1) Ripple current frequency 10 to 100V = 100kHz 160 to 450V = 120Hz
?RATED RIPPLE CURRENT MULTIPLIERS
@(10 to 100Vdc) Frequency Multipliers
Capacitance (mF) Frequency (Hz)
@(160 to 450Vdc) Frequency Multipliers
10k 0.90 0.94 0.95 0.95 0.98 100k 1.00 1.00 1.00 1.00 1.00
Capacitance (mF) Frequency (Hz)
4.7 to 100 220 to 470 1000 2200 to 3300 4700
120 0.40 0.50 0.60 0.75 0.85
1k 0.75 0.85 0.87 0.90 0.95
4.7 to 33 47 to 150
50 0.75 0.80
120 1.00 1.00
300 1.25 1.15
1k 1.50 1.30
10k 1.75 1.40
100k 1.80 1.50
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EGXE800E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X