Part Number Hot Search : 
BXMF1027 618LP3E TDA1574T 60204 LTC5531 KBJ408G M29F4 08P06P
Product Description
Full Text Search
 

To Download DS9034PCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1643/DS1643P Nonvolatile Timekeeping RAM
www.dalsemi.com
FEATURES
Integrated NV SRAM, real time clock, crystal, power-fail control circuit and lithium energy source Clock registers are accessed identically to the static RAM. These registers are resident in the eight top RAM locations. Totally nonvolatile with over 10 years of operation in the absence of power Access times of 70 ns and 100 ns BCD coded year, month, date, day, hours, minutes, and seconds with leap year compensation valid up to 2100 Power-fail write protection allows for 10% VCC power supply tolerance Lithium energy source is electrically disconnected to retain freshness until power is applied for the first time DS1643 only (DIP Module) - Standard JEDEC byte-wide 8K x 8 RAM pinout DS1643P only (PowerCap Module Board) - Surface mountable package for direct connection to PowerCap containing battery and crystal - Replaceable battery (PowerCap) - Power-fail output - Pin-for-pin compatible with other densities of DS164XP Timekeeping RAM
PIN ASSIGNMENT
NC A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC WE CE2 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3
28-PIN Encapsulated Package (700-mil Extended)
NC NC NC PFO VCC WE OE CE DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
X1
GND VBAT
X2
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
NC NC NC NC A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
34-PIN PowerCap Module Board (USES DS9034PCX PowerCap)
ORDERING INFORMATION
DS1643-XXX 28-pin DIP module -70 70 ns access -100 100 ns access 34-pin PowerCap Module Board -70 70 ns access -100 100 ns access PowerCap (Required; must be ordered separately)
1 of 14 022101
*DS1643P-XXX
*DS9034PCX
DS1643/DS1643P
PIN DESCRIPTION
A0-A12
CE
CE2
OE WE
VCC
- Address Input - Chip Enable - Chip Enable 2 (DIP Module only) - Output Enable - Write Enable - +5 Volts
GND DQ0-DQ7 NC
RST
X1, X2 VBAT
- Ground - Data Input/Output - No Connect - Power-on Reset Output (PowerCap Module board only) - Crystal Connection - Battery Connection
DESCRIPTION
The DS1643 is a 8K x 8 nonvolatile static RAM with a full function Real Time Clock (RTC) which are both accessible in a byte-wide format. The nonvolatile timekeeping RAM is functionally equivalent to any JEDEC standard 8K x 8 SRAM. The device can also be easily substituted in ROM, EPROM and EEPROM sockets providing read/write nonvolatility and the addition of the real time clock function. The real time clock information resides in the eight uppermost RAM locations. The RTC registers contain year, month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for the day of the month and leap year are made automatically. The RTC clock registers are double-buffered to avoid access of incorrect data that can occur during clock update cycles. The double-buffered system also prevents time loss as the timekeeping countdown continues unabated by access to time register data. The DS1643 also contains its own power-fail circuitry which deselects the device when the VCC supply is in an out of tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by low VCC as errant access and update cycles are avoided.
PACKAGES
The DS1643 is available in two packages: 28-pin DIP module and 34-pin PowerCap module. The 28-pin DIP style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin PowerCap Module Board is designed with contacts for connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the DS1643P after the completion of the surface mount process. Mounting the PowerCap after the surface mount process prevents damage to the crystal and battery due to high temperatures required for solder reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap are ordered separately and shipped in separate containers. The part number for the PowerCap is DS9034PCX.
CLOCK OPERATIONS-READING THE CLOCK
While the double-buffered register structure reduces the chance of reading incorrect data, internal updates to the DS1643 clock registers should be halted before clock data is read to prevent reading of data in transition. However, halting the internal clock register updating process does not affect clock accuracy. Updating is halted when a one is written into the read bit, the seventh most significant bit in the control register. As long as a 1 remains in that position, updating is halted. After a halt is issued, the registers reflect the count, that is day, date, and time that was current at the moment the halt command was issued. However, the internal clock registers of the double-buffered system continue to update so that the clock accuracy is not affected by the access of data. All of the DS1643 registers are updated simultaneously after the clock status is reset. Updating is within a second after the read bit is written to 0.
2 of 14
DS1643/DS1643P
BLOCK DIAGRAM DS1643 Figure 1
DS1643 TRUTH TABLE Table 1
VCC 5 VOLTS 10% <4.5 VOLTS >VBAT CE
VIH X VIL VIL VIL X X
CE2 X VIL VIH VIH VIH X X
OE
WE
X X X VIL VIH X X
X X VIL VIH VIH X X
MODE DESELECT DESELECT WRITE READ READ DESELECT DESELECT
DQ HIGH Z HIGH Z DATA IN DATA OUT HIGH Z HIGH Z HIGH Z
POWER STANDBY STANDBY ACTIVE ACTIVE ACTIVE CMOS STANDBY DATA RETENTION MODE
SETTING THE CLOCK
The 8-bit of the control register is the write bit. Setting the write bit to a 1, like the read bit, halts updates to the DS1643 registers. The user can then load them with the correct day, date and time data in 24 hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off to minimize current drain from the battery. The OSC bit is the MSB for the seconds registers. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the seconds register is being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for access remain valid (i.e., CE low, OE low, CE2 high, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1643 is guaranteed to keep time accuracy to within 1 minute per month at 25C.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1643P and DS9034PCX are each individually tested for accuracy. Once mounted together, the module is guaranteed to keep time accuracy to within 1.53 minutes per month (35 ppm) at 25C.
3 of 14
DS1643/DS1643P
DS1643 REGISTER MAP - BANK1 Table 2
ADDRES S B7 1FFF 1FFE X 1FFD X 1FFC X 1FFB X 1FFA X 1FF9 OSC 1FF8 W OSC = STOP BIT W = WRITE BIT B6 X X FT X R B5 X X X DATA B4 B3 B2 X X X X X R = READ BIT X = UNUSED B1 X FUNCTION B0 YEAR 00-99 MONTH 01-12 DATE 01-31 DAY 01-07 HOUR 00-23 MINUTES 00-59 SECONDS 00-59 X CONTROL A FT = FREQUENCY TEST
NOTE:
All indicated "X" bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1643 is in the read mode whenever WE (write enable) is high and CE (chip enable) is low. The device architecture allows ripple-through access to any of the address locations in the NV SRAM. Valid data will be available at the DQ pins within tAA after the last address input is stable, providing that the CE and OE access times and states are satisfied. If CE or OE access times are not met, valid data will be available at the latter of chip enable access (tCEA) or at output enable access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE and OE . If the outputs are activated before tAA , the data lines are driven to an intermediate state until tAA. If the address inputs are changed while CE and OE remain valid, output data will remain valid for output data hold time (tOH) but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1643 is in the write mode whenever WE and CE are in their active state. The start of a write is referenced to the latter occurring transition of WE or CE . The addresses must be held valid throughout the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of another read or write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDH afterward. In a typical application, the OE signal will be high during a write cycle. However, OE can be active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE transitioning low the data bus can become active with read data defined by the address inputs. A low transition on WE will then disable the outputs tWEZ after WE goes active.
DATA RETENTION MODE
When VCC is within nominal limits (VCC > 4.5 volts) the DS1643 can be accessed as described above with read or write cycles. However, when VCC is below the power-fail point VPF (point at which write protection occurs) the internal clock registers and RAM are blocked from access. This is accomplished internally by inhibiting access via the CE signal. At this time the power-on reset output signal ( RST ) will be driven active low and will remain active until VCC returns to nominal levels. When VCC falls below the level of the internal battery supply, power input is switched from the VCC pin to the internal battery and clock activity, RAM, and clock data are maintained from the battery until VCC is returned to nominal
4 of 14
DS1643/DS1643P
level. The RST signal is an open drain output and requires a pull up. Except for the RST , all control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1643 has a lithium power source that is designed to provide energy for clock activity, and clock and RAM data retention when the VCC supply is not present. The capability of this internal power supply is sufficient to power the DS1643 continuously for the life of the equipment in which it is installed. For specification purposes, the life expectancy is 10 years at 25C with the internal clock oscillator running in the absence of VCC power. Each DS1643 is shipped from Dallas Semiconductor with its lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than VPF, the lithium energy source is enabled for battery backup operation. Actual life expectancy of the Ds1643 will be much longer than 10 years since no lithium battery energy is consumed when VCC is present.
5 of 14
DS1643/DS1643P
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature Storage Temperature Soldering Temperature -0.3V to +7.0V 0C to 70C -40C to +85C J-STD-020A Specification (See Note 7)
* This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER Logic 1 Voltage All Inputs Logic 0 Voltage All Inputs SYMBOL VIH VIL MIN 2.2 -0.3 TYP MAX VCC+0.3 0.8
(0C to 70C)
UNITS V V NOTES
DC ELECTRICAL CHARACTERISTICS
PARAMETER Active Supply Current TTL Standby Current ( CE =VIH, CE2=VIL) CMOS Standby Current ( CE =VCC-0.2V, CE2=GND+0.2V) Input Leakage Current (any input) Output Leakage Current (any output) Output Logic 1 Voltage (IOUT = -1.0 mA) Output Logic 0 Voltage (IOUT = +2.1 mA) Write Protection Voltage SYMBOL ICC ICC1 ICC2
(0C to=70C; VCC = 5.0V =10%)
MIN TYP 15 1 1 MAX 50 3 3 UNITS mA mA mA NOTES 2, 3 2, 3 2, 3
IIL IOL VOH VOL VPF
-1 -1 2.4
+1 +1
A A 1
0.4 4.25 4.37 4.50 V
1 1
6 of 14
DS1643/DS1643P
READ CYCLE, AC CHARACTERISTICS
PARAMETER Read Cycle Time Address Access Time CE and CE2 to DQ Low-Z CE Access Time CE2 Access Time CE and CE2 Data Off Time OE to DQ Low-Z OE Access Time OE Data Off Time Output Hold from Address SYMBOL tRC tAA tCEL tCEA tCE2A tCEZ tOEL tOEA tOEZ tOH
(0C to 70C; VCC = 5.0V =10%)
100 ns access MIN MAX 100 100 5 100 105 35 5 55 35 5 UNITS ns ns ns ns ns ns ns ns ns ns NOTES 4 4 4 4 4 4 4 4 4 4
70 ns access MIN MAX 70 70 5 70 80 25 5 35 25 5
READ CYCLE TIMING DIAGRAM
WRITE CYCLE, AC CHARACTERISTICS
PARAMETER Write Cycle Time Address Setup Time WE Pulse Width CE Pulse Width CE2 Pulse Width Data Setup Time Data Hold Time Address Hold Time WE Data Off Time Write Recovery Time SYMBOL tWC tAS tWEW tCEW tCE2W tDS tDH tAH tWEZ tWR
(0C to 70C; VCC = 5.0V =10%)
100 ns access MIN MAX 100 0 70 75 85 40 0 5 35 5 UNITS ns ns ns ns ns ns ns ns ns ns NOTES 4 4 4 4 4 4 4 4 4 4
70 ns access MIN MAX 70 0 50 60 65 30 0 5 25 5
7 of 14
DS1643/DS1643P
WRITE CYCLE TIMING DIAGRAM, WRITE-ENABLE CONTROLLED
WRITE CYCLE TIMING DIAGRAM, CE , CE2 CONTROLLED
8 of 14
DS1643/DS1643P
POWER-UP/DOWN AC CHARACTERISTICS
PARAMETER CE or WE at VIH, CE2 at VIL, Before Power-down VCC Fall Time: VPF(MAX) to VPF(MIN) VCC Fall Time: VPF(MIN) to VBAT VCC Rise Time: VPF(MIN) to VPF(MAX) Power-up Recover Time Expected Data Retention Time (Oscillator On) SYMBOL tPD tF tFB tR tREC tDR MIN 0 300 10 0
(0C to 70C; VCC = 5.0V =10%)
TYP MAX UNITS s s s s ms years NOTES
35 10
5, 6
POWER-UP/POWER-DOWN TIMING
CAPACITANCE
PARAMETER Capacitance on all pins Capacitance on all output pins SYMBOL CIN CO MIN TYP MAX 7 10
(tA = 25C)
UNITS pF pF NOTES
9 of 14
DS1643/DS1643P
AC TEST CONDITIONS
Output Load: 100 pF + 1TTL Gate Input Pulse Levels: 0.0 to 3.0 Volts Timing Measurement Reference Levels: Input: 1.5V Output: 1.5V Input Pulse Rise and Fall Times: 5 ns
NOTES:
1. Voltages are referenced to ground. 2. Typical values are at 25C and nominal supplies. 3. Outputs are open. 4. The CE2 control signal functions exactly the same as the CE signal except that the logic levels for active and inactive levels are opposite. 5. Data retention time is at 25C. 6. Each DS1643 has a built-in switch that disconnects the lithium source until VCC is first applied by the user. The expected tDR is defined for DIP modules as a cumulative time in the absence of VCC starting from the time power is first applied by the user. 7. Real-Time Clock Modules (DIP) can be successfully processed through conventional wave-soldering techniques as long as temperatures as long as temperature exposure to the lithium energy source contained within does not exceed +85C. Post-solder cleaning with water washing techniques is acceptable, provided that ultrasonic vibration is not used. In addition, for the PowerCap: a. Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder reflow oriented with the label side up ("live-bug"). b. Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than 3 seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To remove the part, apply flux, heat the lead frame pad until the solder reflow and use a solder wick to remove solder.
10 of 14
DS1643/DS1643P
DS1643 28-PIN PACKAGE
PKG DIM A IN. MM B IN. MM C IN. MM D IN. MM E IN. MM F IN. MM G IN. MM H IN. MM J IN. MM K IN. MM 28-PIN MIN MAX 1.470 1.490 37.34 37.85 0.675 0.740 17.75 18.80 0.315 0.335 8.51 9.02 0.075 0.105 1.91 2.67 0.015 0.030 0.38 0.76 0.140 0.180 3.56 4.57 0.090 0.110 2.29 2.79 0.590 0.630 14.99 16.00 0.010 0.018 0.25 0.45 0.015 0.025 0.43 0.58
11 of 14
DS1643/DS1643P
DS1643P
PKG DIM A B C D E F G MIN 0.920 0.980 0.052 0.048 0.015 0.025 INCHES NOM 0.925 0.985 0.055 0.050 0.020 0.027 MAX 0.930 0.990 0.080 0.058 0.052 0.025 0.030
NOTE:
Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder reflow oriented with the label side up ("live-bug"). Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than 3 (three) seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To remove the part, apply flux, heat the lead frame pad until the solder reflows and use a solder wick to remove solder.
12 of 14
DS1643/DS1643P
DS1643P WITH DS9034PCX ATTACHED
PKG DIM A B C D E F G MIN 0.920 0.955 0.240 0.052 0.048 0.015 0.020 INCHES NOM 0.925 0.960 0.245 0.055 0.050 0.020 0.025 MAX 0.930 0.965 0.250 0.058 0.052 0.025 0.030
13 of 14
DS1643/DS1643P
RECOMMENDED POWERCAP MODULE LAND PATTERN
PKG DIM A B C D E MIN INCHES NOM 1.050 0.826 0.050 0.030 0.112 MAX -
14 of 14


▲Up To Search▲   

 
Price & Availability of DS9034PCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X