Part Number Hot Search : 
NJU3504 RZ3538A FR101 BH5510KV N33T1G B0515 A3031 AN792
Product Description
Full Text Search
 

To Download CMX615P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMX615
Digital Line to POTS Interface
D/615/4 December 1999 Provisional Issue
Features
* Pre-Programmed Tone Generators * Fully Integrated DTMF Encoder * SPM Generator * Simple Serial Control Interface * `Zero-Power' (1A) Standby Mode * 3.58MHz Xtal/Clock * V23/Bell 202 FSK Generator * Digital Ringing Voltage Generator
Applications
* Digital Line to POTS Interface * Subscriber Terminal Adapters * Wireless Local Loop * Computer Telephony Integration * Telephone/Radio Patch Systems * Pair Gain Systems * Billing/SPM Systems
1.1
Brief Description
The CMX615 is an integrated telecom tone generator and DTMF encoder designed for ISDN interfaces, Wireless Local Loop and Analogue to Digital Phone Conversion systems. The tone generator covers an extensive range of pre-programmed tones used in analogue phone systems (POTS). Three outputs are provided: `Ringing signals', `In-band tones or FSK data', and `12kHz/16kHz Metering pulses'. Simple software control facilitates the interface to a wide range of commonly used Cs and SLICs, enabling a comprehensive analogue telephone line presentation. The DTMF encoder generates the appropriate DTMF tones for the POTS interface. DTMF tone pairs can be encoded along with each tone singly or with other dual tone signals, such as those used in CIDCW systems and `On Hook' signalling systems. Other tone standards supported are: Fax and Modem `answer' and `originate', ITU (CCITT) `R1' and `R2' signals, and sufficient tones for simple melody generation. Communication to and from the host Controller is performed by a `C-BUS' serial interface, which is compatible with the `SPI' interface.
(c) 1999 Consumer Microcircuits Limited
Digital Line to POTS Interface
CMX615
CONTENTS Section Page
1.1 Brief Description.........................................................................................1 1.2 Block Diagram ............................................................................................3 1.3 Signal List ...................................................................................................4 1.4 External Components.................................................................................6 1.5 General Description....................................................................................7 1.5.1 Xtal Osc and Clock Dividers.......................................................7 1.5.2 Uncommitted Amplifier...............................................................7 1.5.3 Tone/FSK Encoder and Tone Encoder ......................................7 1.5.4 SPM Generator ..........................................................................10 1.5.5 Transmit Operator.....................................................................10 1.5.6 Tx UART.....................................................................................10 1.5.7 `C-BUS' Interface.......................................................................11 1.5.8 `C-BUS' Registers......................................................................13 1.6 Application Notes .....................................................................................14 1.6.1 `Telecom Tones.........................................................................14 1.6.2 `C-BUS Timing...........................................................................17 1.7 Performance Specification.......................................................................21 1.7.1 Electrical Performance..............................................................21 1.7.2 Packaging..................................................................................25
(c) 1999 Consumer Microcircuits Limited
2
D/615/4
Digital Line to POTS Interface
CMX615
1.2
Block Diagram
Figure 1 Block Diagram
(c) 1999 Consumer Microcircuits Limited
3
D/615/4
Digital Line to POTS Interface
CMX615
1.3
Signal List
CMX615 D4/P3 Pin No. 1 Signal Name XTALN Type O/P The output of the on-chip Xtal oscillator inverter. The input to the oscillator inverter from the Xtal circuit or external clock source. The `C-BUS' serial clock input from the host C. See section 1.5.8 The `C-BUS' serial data input from the host C. A 3-state `C-BUS' serial data output to the host C. This output is high impedance when not sending data to the host C. The `C-BUS' transfer control input provided by the host C. A `wire-ORable' output for connection to a host C Interrupt Request input. This output is pulled down to VSS when active and is high impedance when inactive. An external pullup resistor is required. The negative supply rail (ground). The sinewave output of the Tones and FSK signal generators. The sinewave output of the SPM signal generator. Description
2
XTAL/CLOCK
I/P
3
SERCK
I/P
4
COMDATA
I/P
5
REPDATA
T/S
6
CSN
I/P
7
IRQN
O/P
8 9
VSS TONEFSK
Power O/P
10
SPM
O/P
(c) 1999 Consumer Microcircuits Limited
4
D/615/4
Digital Line to POTS Interface
CMX615
CMX615 D4/P3 Pin No. 11
Signal
Description
Name VBIAS
Type O/P An internally generated bias voltage of VDD/2, except when the device is in `Zero Power' mode when VBIAS will discharge to VSS. It should be decoupled to VSS by a capacitor mounted close to the device pins. The non-inverting input to the uncommitted amplifier. The inverting input to the uncommitted amplifier. The output of the uncommitted amplifier. The squarewave output of the Ringing Signal generator. The positive supply rail. Levels within the device are proportional to this voltage. It should be decoupled to VSS by a capacitor mounted close to the device pins.
12
OPPIN
I/P
13 14 15
OPNIN OPOUT RING
I/P O/P O/P
16
VDD
Power
Notes: I/P O/P T/S = = = Input Output 3-state Output
It is recommended that the printed circuit board is laid out with a ground plane in the CMX615 area to provide a low impedance connection between the VSS pin and the VDD and VBIAS decoupling capacitors.
(c) 1999 Consumer Microcircuits Limited
5
D/615/4
Digital Line to POTS Interface
CMX615
1.4
External Components
Figure 2 Recommended External Components
R1 X1
100kW 3.579545 MHz
C1, C2 C3, C4
18pF 1.0F
Resistors 5%, capacitors 10% unless otherwise stated.
(c) 1999 Consumer Microcircuits Limited
6
D/615/4
Digital Line to POTS Interface
CMX615
1.5
General Description
The CMX615 is a telecom tone generator and DTMF tone encoder. It has separate output ports for the three different classes of signals encoded. These include Ringing signal, In-band tones or FSK data at 1200bps and High frequency metering pulses (SPM tones). It has a transmit level attenuator for In-band tones or FSK data and an envelope control for SPM tones. It also has an uncommitted amplifier and uses the industry standard 3.58MHz Xtal for its oscillator. These functions are controlled over a `C-BUS` serial C interface, which also carries the transmit FSK data. The CMX615 may be powersaved into `Zero-Power' mode for minimum power consumption by issuing a `C-BUS' RESET command. Individual functions may be powersaved by the use of bits 6 and 7 in the SETUP Register. Not powersaving the Tx Powersave (set bit 6 of the SETUP Register to `1') will take the Tx functions (tone/FSK encoding, DTMF, SPM and Ringing signal generation) out of powersave. Not powersaving the Uncommitted Amplifier (Set bit 7 of the SETUP Register to `1') will take the amplifier out of powersave. Approximately 50ms should be allowed for the Tx dc level to settle at VBIAS before enabling the Tx functions (set bit 6 of the MODE Register to `1'). 1.5.1 Xtal Osc and Clock Dividers
Frequency and timing accuracy of the CMX615 is determined by a 3.579545MHz clock present at the XTAL/CLOCK pin. This may be generated by the on-chip oscillator inverter using the external components C1, C2 and X1 of Figure 2, or may be supplied from an external source to the XTAL/CLOCK input. If the clock is supplied from an external source, C1, C2 and X1 should not be fitted. The on-chip oscillator is turned off in the 'Zero-Power' mode. If the clock is provided by an external source which is not always running, then the 'Zero-Power' mode must be set when the clock is not available. Failure to observe this rule may cause a rise in the supply current drawn by CMX615. 1.5.2 Uncommitted Amplifier
This amplifier, with suitable external components, can be used for adjusting the transmit signal level (for the line hybrid). 1.5.3 Tone/FSK Encoder and Tone Encoder
When bit 5 of the MODE Register is set to `1' then these blocks generate FSK signals as determined by bit 0 of the SETUP Register and the Tx data bits from the UART block, as shown in the table below: SETUP Register Bit 0 0 1 Tone/FSK Generator V23 1200bps FSK Bell 202 1200bps FSK FSK Signal Frequency `0' (Space) 2100Hz 2200Hz FSK Signal Frequency `1' (Mark) 1300Hz 1200Hz
When bit 5 of the MODE Register is set to `0', these blocks generate single or dual tones from the range shown in the tables on the following pages. Bit 6 of the MODE Register is then used to enable or disable the block's output to the Tx Signal Control, RING and TONEFSK outputs. There are four tone fields addressed by bits 0 and 1 of the MODE Register.
(c) 1999 Consumer Microcircuits Limited
7
D/615/4
Digital Line to POTS Interface
CMX615
Tone Field 0, MODE Register bit 1 and bit 0 = `0' and `0' respectively. TX TONES Register Bits D7 D6 D5 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 4-7 D4 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF 252.4 268.7 285.3 315.5 330.5 375.2 404.3 468.0 495.8 520.6 548.0 562.8 578.4 595.0 612.5 TX TONES Register Bits D3 D2 D1 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 0-3 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF * 17.1 * 20.5 * 24.9 * 34.1 * 41.0 * 51.2 262.9 293.6 348.2 392.6 1600 1633 1827 587.2
NOTE: * These outputs are routed to the RING digital output instead of the TONEFSK output. Any single tone output level at TONEFSK output is 0dBm. Tone Field 1, MODE Register bit 1 and bit 0 = `0' and `1' respectively TX TONES Register Bits 4-7 D7 D6 D5 D4 0 0 0 0 0 0 0 1 0 0 1 0 0 0 1 1 0 1 0 0 0 1 0 1 0 1 1 0 0 1 1 1 1 0 0 0 1 0 0 1 1 0 1 0 1 0 1 1 1 1 0 0 1 1 0 1 1 1 1 0 1 1 1 1 Frequency (Hz) 0 = OFF 120 150 154 250 300 350 360 367 375 380 383 400 450 475 480 TX TONES Register Bits 0-3 D3 D2 D1 D0 0 0 0 0 0 0 0 1 0 0 1 0 0 0 1 1 0 1 0 0 0 1 0 1 0 1 1 0 0 1 1 1 1 0 0 0 1 0 0 1 1 0 1 0 1 0 1 1 1 1 0 0 1 1 0 1 1 1 1 0 1 1 1 1 Frequency (Hz) 0 = OFF 330 416 420 425 433 440 450 460 480 500 600 620 720 930 -
(c) 1999 Consumer Microcircuits Limited
8
D/615/4
Digital Line to POTS Interface
CMX615
Tone Field 2, MODE Register bit 1 and bit 0 = `1' and `0' respectively TX TONES Register Bits D7 D6 D5 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 4-7 D4 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF 700 900 1100 1300 1500 1700 950 1400 1800 2130 697 770 852 941 TX TONES Register Bits D3 D2 D1 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 0-3 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF 700 900 1100 1300 1500 1700 2100 2225 2750 1209 1336 1477 1633
Tone Field 3, MODE Register bit 1 and bit 0 = `1' and `1' respectively TX TONES Register Bits D7 D6 D5 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 4-7 D4 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF 540 660 780 900 1020 1140 1380 1500 1620 1740 1860 1980 TX TONES Register Bits D3 D2 D1 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 0 1 0 0 1 1 0 1 1 1 0 0 1 0 0 1 0 1 1 0 1 1 1 0 1 1 0 1 1 1 1 1 1 0-3 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Frequency (Hz) 0 = OFF 540 660 780 900 1020 1140 1380 1500 1620 1740 1860 1980 -
(c) 1999 Consumer Microcircuits Limited
9
D/615/4
Digital Line to POTS Interface
CMX615
1.5.4
SPM Generator
This block operates independently and has its own output pin. It can transmit 12kHz or 16kHz and is controlled by bit 4 of the SETUP Register. Bit 7 of the MODE Register is used to enable or disable this block. The signal has a rise and fall time each of about 4.5ms. The SPM signal rises from the bias level to 0dBm in 16 steps of 2dB magnitude, and falls from 0dBm to bias level in 16 steps of 2dB magnitude. 1.5.5 Transmit Signal Control
This block adjusts the amplitude of the FSK transmit signal output level, the level skew between DTMF tones and the signal routing to the output ports. Output signal levels are proportional to VDD. The nominal output signal levels (at 0dB attenuation and VDD = 5.0V) are: Single Tone Dual Tone (per tone) DTMF High Frequency Tone DTMF Low Frequency Tone FSK Signal 0dBm -3dBm -3dBm -5dBm 0dBm
The RING signal is digital: a square wave with amplitude of VDD peak to peak. When the RING signal is not selected, the RING output pin is connected to VSS. The level attenuator provides for level adjustment from 0dB to -14dB in -2dB steps. The typical level is determined by bits 2 to 4 of the MODE Register as shown in the table below: MODE Register Bit 4 Bit 3 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 1.5.6 Tx UART Signal Level Adjustment (dB) 0 -2 -4 -6 -8 -10 -12 -14
Bit 2 0 1 0 1 0 1 0 1
This block connects the C, via the `C-BUS' interface, to the FSK Encoder. The block can be programmed to convert transmit data from 8-bit bytes to asynchronous data characters by adding Start and Stop bits. The transmit data is then passed to the FSK Encoder. Data to be transmitted should be loaded by the C into the TX DATA Register when the Tx Data Ready bit (bit 6) of the STATUS Register goes high. It will then be treated by the Tx UART block in one of two ways, depending on the setting of bit 1 of the SETUP Register: If bit 1 of the SETUP Register is `0' (Tx Sync mode) then the 8 bits from the TX DATA Register will be transmitted sequentially at 1200bps, lsb (D0) first. If bit 1 of the SETUP Register is `1' (Tx Async mode) then bits will be transmitted as asynchronous data characters at 1200 bps according to the following format:
(c) 1999 Consumer Microcircuits Limited
10
D/615/4
Digital Line to POTS Interface
CMX615
One Start bit (Space) Eight Data bits (D0-D7) from the TX DATA Register, with the lsb (D0) transmitted first One Stop bit (Mark) Failure to load the TX DATA Register with a new value when required will result in bit 7 (Tx Data Underflow) of the STATUS Register being set to `1'. If the `Tx Async' mode of operation is selected then a continuous Mark (`1') signal will be transmitted until a new value is loaded into TX DATA. If the `Tx Sync' mode is selected then the byte already in the TX DATA Register will be re-transmitted.
Figure 3a Async mode
Figure 3b Sync mode 1.5.7 `C-BUS' Interface
This block provides for the transfer of data and control or status information between the CMX615's internal registers and the C over the `C-BUS' serial bus. Each transaction consists of a single Register Address byte sent from the C which may be followed by a single data byte sent from the C to be written into one of the CMX615's Write Only Registers, or a single byte of data read out from one of the CMX615's Read Only Registers, as illustrated in Figure 4. Data sent from the C on the Command Data (COMDATA) line is clocked into the CMX615 on the rising edge of the Serial Clock (SERCK) input. Reply Data (REPDATA) sent from the CMX615 to the C is valid when the Serial Clock is high. The interface is compatible with the most common C serial interfaces such as SCI, SPI and Microwire, and may also be easily implemented with general purpose C I/O pins controlled by a simple software routine. See Figure 8 for detailed `C-BUS' timing requirements.
(c) 1999 Consumer Microcircuits Limited
11
D/615/4
Digital Line to POTS Interface
CMX615
Figure 4 `C-BUS' Transactions
(c) 1999 Consumer Microcircuits Limited
12
D/615/4
Digital Line to POTS Interface
CMX615
1.5.8
`C-BUS' Registers
Write Only Registers
Command Data Byte (Bits 7 - 0) 5 4 3
N/A Reserved set to 0 N/A SPM: 0 = 12kHz 1 = 16kHz N/A Reserved set to 0
Addr. $01 $D0
Register RESET SETUP
7
N/A Uncommitted Amplifier: 0 = Powersave 1 = Not Powersave SPM O/P: 0 = Disable 1 = Enable D7 D7
6
N/A Tx Powersave: 0 = Powersave 1 = Not Powersave Tone/FSK: 0 = Disable 1 = Enable D6 D6
2
N/A Reserved set to 0
1
0
$D1 $D3 $D4
MODE TX DATA TX TONES
Tone/FSK: 0 = Tone 1 = FSK D5 D5
Tx Level: (msb) D4 D4
Tx Level:
Tx Level: (lsb) D2 D2
D3 D3
N/A N/A FSK mode: FSK 0 = Sync mode: 1 = Async 0 = V23 1 = Bell 202 Tone Tone Fields: Fields: (msb) (lsb) D1 D0 D1 D0
Read Only Registers
Reply Data Byte (Bits 7 - 0) 4 3
Reserved set to 0 Reserved set to 0
Addr. Register $DF STATUS
7
FSK Mode: FSK Tx Data Underflow
6
5
2
Reserved set to 0
1
Reserved set to 0
0
Reserved set to 0
FSK Mode: Reserved FSK Tx set to 0 Data Ready
Notes:
1. Accessing the RESET Register over the `C-BUS' clears all of the bits in the SETUP, MODE, TX DATA, TX TONES and STATUS registers. This will set the device into the Zero Power mode. Note that this is a single-byte `C-BUS' transaction consisting solely of the address byte value $01. 2. If any of bits 6 or 7 of the STATUS Register is `1' then the IRQN output will be pulled low. 3. Reading the STATUS Register clears the IRQN output. Bits 6 and 7 of the STATUS Register are cleared on writing to the TX DATA Register.
(c) 1999 Consumer Microcircuits Limited
13
D/615/4
Digital Line to POTS Interface
CMX615
1.6
Application Notes
When using the Tone/FSK bit (bit 6) of the MODE Register, each tone starts from VBIAS, and returns to VBIAS before ending:
Figure 5 Tone Starting and Stopping When switching between tones in the same column (bits 4 - 7 or bits 0 - 3) of the TX TONES Register), the transition will be phase continuous. However, switching to the "OFF" state will immediately take the output of that tone generator to VBIAS.
Figure 6 Tone Changing TX TONES Register decodes which do not have a frequency allocated are indicated by a dash (-) in the Tone Field tables. These values should not be used. 1.6.1 `Telecom Tones The following tables give the hex codes to be programmed into the particular tone field location for various telecommunications systems applications. The tables are not exhaustive, but list the more commonly used tones. Ringing Signals (f +-2.5%) (Hz) Off 16.7 20 25 35 40 50 Field 0 (Hex) $00 $01 $02 $03 $04 $05 $06
(c) 1999 Consumer Microcircuits Limited
14
D/615/4
Digital Line to POTS Interface
CMX615
On Hook `CPE Alert Tones Single Tone (Hz) 375.2 404.3 468 495.8 520.6 548 562.8 578.4 1633 Field 0 (Hex) $60 $70 $80 $90 $A0 $B0 $C0 $D0 $0D Dual Tone (Hz) 375.2+1827 404.3+1827 468+1827 495.8+1827 520.6+1827 548+1827 562.8+1827 578.4+1827 Field 0 (Hex) $6E 7E $8E $9E $AE $BE $CE $DE
NYNEX (MRAA) - AMR Alert Tones (Single Tone) Group A (Hz) 252.4 268.7 285.3 315.5 330.5 375.2 Field 0 (Hex) $10 $20 $30 $40 $50 $60 Group B (Hz) 468 495.8 520.6 562.8 595 612.5 Field 0 (Hex) $80 $90 $A0 $C0 $E0 $F0
Single Frequency Call Progress Tones Field 1 (Hex) $00 $10 $20 $30 $40 $50 $60 $C0 $04 $06 $07 $09 $0A $0B $0C
(Hz) Off 120 150 154 250 300 350 400 425 440 450 480 500 600 620
(c) 1999 Consumer Microcircuits Limited
15
D/615/4
Digital Line to POTS Interface
CMX615
Dual Frequency Call Progress Tones Additive Mixing Field 1 (Hex) $00 $66 $F6 $FC $C4 $C7 $D4 $F4 $1C $27
Multiplicative Mixing
(Hz) Off 350+440 440+480 480+620 400+425 400+450 425+450 425+480 120+620 150+450
(Hz) 400*16.2 400*20 400*25 400*33 400*40 400*50 450*25 600*120
Field 1 (Hex) $B2 $A3 $94 $85 $76 $67 $E4 $FD
Dual Tone Multi Frequency Generation (Hz) Off 941+1633 697+1209 697+1336 697+1477 770+1209 770+1336 770+1477 852+1209 852+1336 852+1477 941+1336 941+1209 941+1477 697+1633 770+1633 852+1633 Field 2 (Hex) $00 $FF $CC $CD $CE $DC $DD $DE $EC $ED $EE $FD $FC $FE $CF $DF $EF
Special Information Tones, Fax and Modem Tones and Customer Premises Alert Tones (Hz) Off 950 1100 1300 1400 1800 2100 2225 2130+2750 Field 2 (Hex) $00 $80 $30 $40 $90 $A0 $08 $09 $BB
(c) 1999 Consumer Microcircuits Limited
16
D/615/4
Digital Line to POTS Interface
CMX615
CCITT `R1' Signalling Tones Field 2 (Hex) $12 $13 $23 $14 $24 $34 $15 $25 $35 $45 $16 $26 $36 $46 $56
(Hz) 700+900 700+1100 900+1100 700+1300 900+1300 1100+1300 700+1500 900+1500 1100+1500 1300+1500 700+1700 900+1700 1100+1700 1300+1700 1500+1700 CCITT `R2' Signalling Tones Forward mode (Hz) Off 1380+1500 1380+1620 1500+1620 1380+1740 1500+1740 1620+1740 1380+1860 1500+1860 1620+1860 1740+1860 1380+1980 1500+1980 1620+1980 1740+1980 1860+1980 1.6.2
Backward mode Field 3 (Hex) $00 $89 $8A $9A $8B $9B $AB $8C $9C $AC $BC $8D $9D $AD $BD $CD (Hz) Off 1140+1020 1140+900 1020+900 1140+780 1020+780 900+780 1140+660 1020+660 900+660 780+660 1140+540 1020+540 900+540 780+540 660+540 Field 3 (Hex) $00 $65 $64 $54 $63 $53 $43 $62 $52 $42 $32 $61 $51 $41 $31 $21
`C-BUS Timing The relationship between bytes loaded onto the C-BUS and the transmission of FSK bytes is shown diagrammatically in Figures 7a, 7b and 7c. There are many ways in which the C-BUS can be used to program a device and three suggestions (one for asynchronous FSK - Figure 7a - and two for synchronous FSK -Figures 7b and 7c) are shown here, together with typical timings. Please note that the C-BUS timing is not shown to the same scale as the FSK output (it has been magnified by at least 20 times to make it visible on the same scale).
(c) 1999 Consumer Microcircuits Limited
17
D/615/4
Digital Line to POTS Interface
CMX615
Figure 7a ASYNC mode after General Reset
(c) 1999 Consumer Microcircuits Limited
18
D/615/4
Digital Line to POTS Interface
CMX615
Figure 7b SYNC mode after General Reset
(c) 1999 Consumer Microcircuits Limited
19
D/615/4
Digital Line to POTS Interface
CMX615
Figure 7c SYNC mode after General Reset (using alternative order of commands)
(c) 1999 Consumer Microcircuits Limited
20
D/615/4
Digital Line to POTS Interface
CMX615
1.7
1.7.1
Performance Specification
Electrical Performance
1.7.1.1 Absolute Maximum Ratings Exceeding these maximum ratings can result in damage to the device. Min. -0.3 -0.3 -50 -20 Max. 7.0 VDD + 0.3 +50 +20 Unit V V mA mA
Supply (VDD - VSS) Voltage on any pin to VSS Current into or out of VDD and VSS pins Current into or out of any other pin
D4/P3 Package Total Allowable Power Dissipation at Tamb = 25C ... Derating Storage Temperature Operating Temperature
Min.
-55 -40
Max. 800 13 +125 +85
Unit mW mW/C C C
1.7.1.2 Operating Limits Correct operation of the device outside these limits is not implied. Notes Supply (VDD - VSS) Operating Temperature Xtal Frequency Notes: Min. 2.7 -40 3.575965 Max. 5.5 +85 3.583125 Unit V C MHz
1
1. A Xtal frequency of 3.579545MHz 0.1% is required for correct operation.
(c) 1999 Consumer Microcircuits Limited
21
D/615/4
Digital Line to POTS Interface
CMX615
1.7.1.3 Operating Characteristics For the following conditions unless otherwise specified: VDD = 2.7V at Tamb = 25C and VDD = 3.0V to 5.5V at Tamb = -40 to +85C, Xtal Frequency = 3.579545MHz 0.1% 0dBm corresponds to 775mVrms. Notes Min. Typ. DC Parameters Zero-Power Mode OpAmp only Enabled, VDD = 5.0V OpAmp only Enabled, VDD = 3.3V All Enabled, VDD = 5.0V All Enabled, VDD = 3.3V Logic `1' Input Level Logic `0' Input Level Logic Input Leakage Current (Vin = 0 to VDD), (excluding XTAL/CLOCK input) Output Logic `1' Level (IOH = 360A) Output Logic `0' Level (IOL = 360A) IRQN O/P `Off State Current (VOUT = VDD) FSK Encoder and Tx UART Level at TONEFSK pin Twist (Mark level WRT Space level) Tx 1200bits/sec (V23 mode) Baud Rate (set by UART and Xtal frequency) Mark (Logical 1) Frequency Space (Logical 0) Frequency Tx 1200bits/sec (Bell 202 mode) Baud Rate (set by UART and Xtal frequency) Mark (Logical 1) Frequency Space (Logical 0) Frequency TONEFSK Signal Level Level at TONEFSK pin for: Single tone Dual tone (per tone) DTMF High Frequency Group DTMF Low Frequency Group Output Impedance Tone frequency resolution Tone output distortion Notes: IDD 1, 2 1 1 1 1 3 3 3 70% -1.0 VDD-0.4 Notes 4 Min. -1.0 -2.0 1194 1297 2097 1194 1197 2197 Notes 4 4 4 4 Min. -1.0 -4.0 -4.0 -6.0 -2.0 <1.0 1.5 0.75 5.0 3.0 Typ. 0.0 0 1200 1300 2100 1200 1200 2200 Typ. 0 -3.0 -3.0 -5.0 10.0 0.8
Max. 7.5 4.5 30% +1.0 0.4 1.0 Max. 1.0 +2.0 1206 1303 2103 1206 1203 2203 Max. 1.0 -2.0 -2.0 -4.0 2.0 -
Unit
A mA mA mA mA VDD VDD A
V V A Unit dBm dB Baud Hz Hz Baud Hz Hz Unit dBm dBm dBm dBm k Hz %
5
1. At 25C, not including any current drawn from the CMX615 pins by external circuitry other than X1, C1 and C2. 2. All logic inputs at VSS except for CSN input which is at VDD. 3. Excluding XTAL/CLOCK pin. 4. At VDD = 5.0V, load resistance greater than 40k, signal levels are proportional to VDD. 5. Frequency above 300Hz. 6. SPM has a soft rise and fall time of about 4.5ms. The level changes between VBIAS and 0dBm in 2dB steps, 16 steps per rise and fall. When SPM is disabled, an extra 4.5ms falling tail end of signal should be taken into consideration.
(c) 1999 Consumer Microcircuits Limited
22
D/615/4
Digital Line to POTS Interface
CMX615
SPM Signal Level Level at SPM pin Tone frequency accuracy Tone output distortion Output Impedance
Notes 4, 6 4,6,8 5
Min. -1.5 -1.0 -14.0 -
Typ. 0 0 1.2 10.0
Max. 1.0 0.5 14.0 -
Unit dBm dBm Hz % k
Uncommitted Amplifier Open Loop Gain (I/P = 1mVrms at 100Hz) Unity Gain Bandwidth Input Impedance (at 100Hz) Output Impedance (Open Loop)
Notes
Min. 10.0 -
Typ. 60.0 5.0 10.0
Max. -
Unit dB MHz M k
Power-Up Timing Zero-Power to reliable signal at OPOUT, RING, SPM or TONEFSK output pins.
Notes
Min. -
Typ. 50
Max. -
Unit ms
XTAL/CLOCK Input 'High' Pulse Width 'Low' Pulse Width Input Impedance (at 100Hz) Gain (I/P = 1mVrms at 100Hz) Notes:
Notes 7 7
Min. 100 100 20.0
Typ. 1.0 -
Max. -
Unit ns ns M dB
7. Timing for an external input to the XTAL/CLOCK pin. 8. Over the range VDD = 3.0 to 5.5V at Tamb = 25C.
(c) 1999 Consumer Microcircuits Limited
23
D/615/4
Digital Line to POTS Interface
CMX615
Notes `C-BUS' Timings (See Figure 8) tCSE tCSH tLOZ tHIZ tCSOFF tNXT tCK tCH tCL tCDS tCDH tRDS tRDH CSN-Enable to Clock-High time Last Clock-High to CSN-High time Clock-Low to Reply Output enable time CSN-High to Reply Output 3-state time CSN-High Time between transactions Inter-Byte Time Clock-Cycle time Serial Clock-High time Serial Clock-Low time Command Data Set-Up time Command Data Hold time Reply Data Set-Up time Reply Data Hold time
Min. 100 100 0.0 1.0 500 500 200 200 75 25 75 0
Typ. -
Max. 1.0 -
Unit ns ns ns s s ns ns ns ns ns ns ns ns
Note: These timings are for the latest version of the `C-BUS' as embodied in the CMX615, and allow faster transfers than the original `C-BUS' timings given in CML Publication D/800/Sys/3 July 1994. Notes Typical UART Timings (See Figure 3a and 3b) TFSK TDLY TDRDY TUFL (delay through the modulator) (1 bit-period) (1/4 bit-period) (3/4 bit-period) 106 833 208 625 s s s s Min. Typ. Max. Unit
Figure 8 `C-BUS' Timing
(c) 1999 Consumer Microcircuits Limited
24
D/615/4
Digital Line to POTS Interface
CMX615
1.7.2
Packaging
Figure 9 16-pin SOIC (D4) Mechanical Outline: Order as part no. CMX615D4
Figure 10 16-pin DIL (P3) Mechanical Outline: Order as part no. CMX615P3
Handling precautions: This product includes input protection, however, precautions should be taken to prevent device damage from electro-static discharge. CML does not assume any responsibility for the use of any circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at any time without notice to change the said circuitry and this product specification. CML has a policy of testing every product shipped using calibrated test equipment to ensure compliance with this product specification. Specific testing of all circuit parameters is not necessarily performed.
Oval Park - LANGFORD MALDON - ESSEX CM9 6WG - ENGLAND
Telephone: +44 (0)1621 875500 Telefax: +44 (0)1621 875600 e-mail: sales@cmlmicro.co.uk http://www.cmlmicro.co.uk
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CML Product Data
In the process of creating a more global image, the three standard product semiconductor companies of CML Microsystems Plc (Consumer Microcircuits Limited (UK), MX-COM, Inc (USA) and CML Microcircuits (Singapore) Pte Ltd) have undergone name changes and, whilst maintaining their separate new names (CML Microcircuits (UK) Ltd, CML Microcircuits (USA) Inc and CML Microcircuits (Singapore) Pte Ltd), now operate under the single title CML Microcircuits. These companies are all 100% owned operating companies of the CML Microsystems Plc Group and these changes are purely changes of name and do not change any underlying legal entities and hence will have no effect on any agreements or contacts currently in force. CML Microcircuits Product Prefix Codes Until the latter part of 1996, the differentiator between products manufactured and sold from MXCOM, Inc. and Consumer Microcircuits Limited were denoted by the prefixes MX and FX respectively. These products use the same silicon etc. and today still carry the same prefixes. In the latter part of 1996, both companies adopted the common prefix: CMX. This notification is relevant product information to which it is attached.
Company contact information is as below:
CML Microcircuits (UK)Ltd
COMMUNICATION SEMICONDUCTORS
CML Microcircuits (USA) Inc.
COMMUNICATION SEMICONDUCTORS
CML Microcircuits (Singapore)PteLtd
COMMUNICATION SEMICONDUCTORS
Oval Park, Langford, Maldon, Essex, CM9 6WG, England Tel: +44 (0)1621 875500 Fax: +44 (0)1621 875600 uk.sales@cmlmicro.com www.cmlmicro.com
4800 Bethania Station Road, Winston-Salem, NC 27105, USA Tel: +1 336 744 5050, 0800 638 5577 Fax: +1 336 744 5054 us.sales@cmlmicro.com www.cmlmicro.com
No 2 Kallang Pudding Road, 09-05/ 06 Mactech Industrial Building, Singapore 349307 Tel: +65 7450426 Fax: +65 7452917 sg.sales@cmlmicro.com www.cmlmicro.com
D/CML (D)/1 February 2002


▲Up To Search▲   

 
Price & Availability of CMX615P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X