Part Number Hot Search : 
TC124E SM101 FAM3D50J C8051 LTC23 WE301M BL12864J FN4854
Product Description
Full Text Search
 

To Download BSC265N10LSFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC265N10LSF G
OptiMOSTM2 Power-Transistor
Features * N-channel, logic level * Very low gate charge x R DS(on) product (FOM)
Product Summary V DS R DS(on),max ID PG-TDSON-8 100 26.5 40 V m A
* Ideal for high-frequency switching and synchronous rectification * Low on-resistance R DS(on) * Pb-free lead plating; RoHS compliant * Qualified according to JEDEC1) for target application * 150 C operating temperature * Halogen-free according to IEC61249-2-21
Type BSC265N10LSF G
Package PG-TDSON-8
Marking 265N10LS
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C T A=25 C, R thJA=50 K/W 2) Pulsed drain current3) Avalanche energy, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS V GS P tot T j, T stg T C=25 C T C=25 C I D=40 A, R GS=25 Value 40 26 6.5 160 68 20 78 -55 ... 150 55/150/56 mJ V W C Unit A
Rev. 2.08
page 1
2009-11-04
BSC265N10LSF G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC bottom top Thermal resistance, junction - ambient R thJA minimal footprint 6 cm2 cooling area 2) 1.6 18 62 50 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=43 A V DS=100 V, V GS=0 V, T j=25 C V DS=100 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=10 A V GS=10 V, I D=20 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=40 A 100 1.2 1.85 0.01 2.4 1 A V
21
10 1 27.7 20 1.5 41
100 100 36 26.5 S nA m
1) 2)
J-STD20 and JESD22
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. 3)
see figure 3
Rev. 2.08
page 2
2009-11-04
BSC265N10LSF G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 4) Gate to source charge Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=50 V, V GS=10 V, I D=25 A, R G=1.6 V GS=0 V, V DS=50 V, f =1 MHz
-
1200 280 8 10 24 20 4
1600 370 -
pF
ns
Q gs Q gd Q sw Qg V plateau Q oss V DD=50 V, V GS=0 V V DD=50 V, I D=25 A, V GS=0 to 10 V
-
5 3 6 16 4.1 27
21 36
nC
V nC
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=40 A, T j=25 C V R=50 V, I F=25 A, di F/dt =100 A/s
-
1 86 238
40 160 1.2 -
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 2.08
page 3
2009-11-04
BSC265N10LSF G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
80
50
40 60
30
P tot [W]
40
I D [A]
20 10 0 0 40 80 120 160 0 40 80 120 160
20
0
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
1 s
10
2
10 s 100 s
100
0.5
1 ms
Z thJC [K/W]
I D [A]
0.2 0.1 0.05
10
1
10 ms
DC
10-1
0.02
0.01
10
0
single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10
3
10-5
10-4
10-3
10-2
10-1
V DS [V]
t p [s]
Rev. 2.08
page 4
2009-11-04
BSC265N10LSF G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
160
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
40
4V 4.5 V
35
120
7.5 V
30
6V
R DS(on) [m]
6V
25
7.5 V 10 V
I D [A]
80
20
15
40
4V 3.5 V 3.2 V
4.5 V
10
5
0 0 1 2 3 4 5
0 0 20 40 60 80 100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
120
8 Typ. forward transconductance g fs=f(I D); T j=25 C
80
60 80
g fs [S]
40
150 C 25 C
I D [A]
40
20
0 0 2 4 6
0 0 20 40 60 80 100
V GS [V]
I D [A]
Rev. 2.08
page 5
2009-11-04
BSC265N10LSF G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=40 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
45 40 2.5 35 30
98 %
3
2
430 A
R DS(on) [m]
25
typ
V GS(th) [V]
43 A
1.5
20 15 10
1
0.5 5 0 -60 -20 20 60 100 140 180 0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
1000
Ciss
103
Coss
100
25 C
C [pF]
I F [A]
102
150 C
150 C, 98%
Crss
10
25 C, 98%
101
100 0 20 40 60 80
1 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 2.08
page 6
2009-11-04
BSC265N10LSF G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
10
8
80 V
25 C
50 V
6
V GS [V]
I AS [A]
100 C
20 V
10
125 C
4
2
1 1 10 100 1000
0 0 5 10 15 20
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
110
V GS
Qg
105
V BR(DSS) [V]
100
V g s(th)
95
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
90
T j [C]
Rev. 2.08
page 7
2009-11-04
BSC265N10LSF G
Package Outline: PG-TDSON-8
Rev. 2.08
page 8
2009-11-04
BSC265N10LSF G
Dimensions in mm Rev. 2.08 page 9 2009-11-04
BSC265N10LSF G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2009 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.08
page 10
2009-11-04


▲Up To Search▲   

 
Price & Availability of BSC265N10LSFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X