Part Number Hot Search : 
D4K05 CCA028V1 CCA028V1 KA7533 20M10 ASI10623 AD1838AS TLP361
Product Description
Full Text Search
 

To Download 71973-0204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0719730204 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) PCB Connector, Dual Row, Right Angle, Early Entry Receptacle, without Flange, 8 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-71973-9999 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Receptacles 71973 Board-to-Board cgrid__sl_products C-Grid(R)
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 8 Black 50 94V-0 No Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 15 0.38 75 1.90 No -40C to +105C Through Hole
Search Parts in this Series 71973Series Mates With 87911 Header
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 10 Wave Capable (TH only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
3 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71973-9999 SDA-71973-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71973-0204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X