Part Number Hot Search : 
AT49BV STD2NC6 16237 1SV287 DTD723YM SC458 NTE7018 F472J
Product Description
Full Text Search
 

To Download 71851-0206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0016021109 Active
cgrid__sl_products SLTM Crimp Terminal, Series 71851, Female, with 0.38m (15") Selective Gold (Au) Plated Contact, 24-30 AWG, Bag
Documents: Drawing (PDF) Product Specification PS-70400 (PDF)
Product Specification PS-71851 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 71851 Yes cgrid__sl_products SLTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Phosphor Bronze Gold Tin Bag 15 0.38 75 1.88 Crimp or Compression 1.52mm (.060") max. 24, 26, 28, 30 N/A
Material Info
Old Part Number 71851-0206
Search Parts in this Series 71851Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool, UL 0638118800 Approved Insertion Tool 0011020022
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0822 PS-70400, PS-71851 SD-71851-0206
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71851-0206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X