Part Number Hot Search : 
PTF20024 SE5561 00502 F2012 TDA1521 MAX153 M27C25 AN4460
Product Description
Full Text Search
 

To Download 5A800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low leakage
GALAXY ELECTRICAL
5A50 - - - 5A1000
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 5.0 A
PLASTIC SILICON RECTIFIER
Low cost Diffused junction Low forward voltage drop High current capability Easily cleaned witn Freon,Alcohol,lsopropanol and similar solvents The plastic material carries U/L recognition 94V-0
DO - 27
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces,1.15 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
5A 50
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
5A 100
100 70 100
5A 200
200 140 200
5A 400
400 280 400 5.0
5A 600
600 420 600
5A 800
800 560 800
5A 1000
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
300.0
A
Maximum instantaneous forw ard voltage @ 5.0 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA =100 (Note1) (Note2)
VF IR CJ RJA TJ TSTG
1.2 10.0 100.0 80 15 - 55 ---- + 150 - 55 ---- + 150
V A pF /W
Operating junction temperature range Storage temperature range
2. Thermal resistance f rom junction to ambient.
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
www.galaxycn.com
Document Number 0260012
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT INSTANTANEOUS FORWARD CURRENT AMPERES
5A50 - - - 5A1000
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
100 10 4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6
TJ=25 Pulse Width=300uS
8
7
6 5
AMPERES
4 3 2 1 0 0 25 50 75 100 125 150 175
S in g le P h a s e H a lf W a v e 6 0 H Z R e s is ti v e o r In d u c tiv e L o a d
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- MAXIMUM NON-REPETITIRE FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
400
200
CAPACITANCE, pF
PEAK FORWARD SURGE CURRENT
300
f=1MHz TJ=25
TJ=125ae 8.3ms Single Half Sine-Wave
200
100
AMPERES
100
0 1 2 4 8 10 20 40 60 80 100
10 .1
.2
.4
1.0
24
10
20
40 100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0260012
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 5A800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X