Part Number Hot Search : 
HD643 1SS400 UMF1C2 K3702 RF151 PT2250A 20040 437BET
Product Description
Full Text Search
 

To Download 5320-16AGS17F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0039534166 Active
2.54mm (.100") Pitch QF-50TM Receptacle, Vertical, Dual Row, Unloaded Upper Housing, 0.1m Gold Contact Plating, 16 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 5320 Unloaded Upper Housing Housing No QF-50TM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Stackable Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 16 Black 500 Vertical 94V-0 Yes Phosphor Bronze Gold Tin 2 No None Tray 0.050 In 1.27 mm 0.100 In 2.54 mm 0.004 0.10 Yes No -40C to +105C 1.14mm (.045") max. 26, 28 Ribbon Cable
Search Parts in this Series 5320Series Mates With 5330 , 5340 , 5332 , 5342 Use With 5328 Strain Relief
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 500V AC
Material Info
Old Part Number 5320-16AGS17F
Reference - Drawing Numbers
Sales Drawing SD-5320-001, SD-5320-002, SD-5320-007
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5320-16AGS17F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X