Part Number Hot Search : 
CMLM7387 CXA3038N CXA2000 SI6991DQ X1705 MOC3052M ON1234 TS1GJF2A
Product Description
Full Text Search
 

To Download 52045-2745 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0520452745 Active
1.25mm (.049") Vertical, Non-ZIF Receptacle, 27 Circuits
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 52045 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Contact Position Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 27 Gray N/A Vertical 0.315 In 8.00 mm Phosphor Bronze Tin Tin Polyester 1 Vertical 0.138 In 3.50 mm None Tray 0.049 In 1.25 mm 32.00, 36 0.800, 0.90 BARB 0.80, 0.90 Yes No No -40C to +85C Through Hole - Kinked Pin FFC/FPC
Search Parts in this Series 52045Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A, 1A 200V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-52045 PS-52045-001, RPS-52045-003, RPS-52045-006 SD-52045-**45
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52045-2745

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X