Part Number Hot Search : 
2SD1869 DA3653 EUP9287 100EL3 54560 EFEPBF BAS116L 480515T
Product Description
Full Text Search
 

To Download 51005-0500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0510050500 Active
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 5 Circuits
Product Specification PS-51005-001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series MolexKits Product Name Crimp Housings 51005 Yes N/A
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 5 Natural 94V-0 Female No None Polyester 1 Bag No 0.079 In 2.00 mm No -40C to +105C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 51005Series Mates With 51006 male housing Use With 50013
Electrical
Current - Maximum per Contact 2A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-51005-001 PS-51005-001, RPS-51005-001, RPS-51005-002 SD-51005-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51005-0500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X