Part Number Hot Search : 
FR201 FR201 FR201 T70RIA10 NTE934 571HR AUY14A2 05N4848
Product Description
Full Text Search
 

To Download 3206-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGILE TRANSMISSION MODULES
3205/3206 Tunable Laser Assembly
Key Features
* >35 nm operating range * 50 GHz channel spacing * Blanking to -30 dBm during switching * VOA function * SBS suppression function * Narrow linewidth for advanced system applications * Polarization maintaining fiber pigtail * Hermetically sealed laser package with integrated optical isolator * Self-contained microprocessor control and monitor electronics * I2CTM, SPI, or UART communication * Programmable wavelength control supports all C- and LBands channels * Integral wavelength locker for stable operation * Industry standard Tunable MSA interface
Applications
* DWDM sparing * Dynamic wavelength provisioning * Dynamic add/drop multiplexers * Optical cross connects * Wavelength conversion
The JDSU Agile Transmission Modules family includes tunable transponders and tunable lasers. The flexibility enabled by JDSU's transponders is critical to the successful and rapid deployment of next generation, IP-based voice, data and video services which are driving new network management challenges for communications service providers. They also support multiple modulation formats to allow multiple applications, from ultra long haul to metro networks, in a single platform. The 3205/3206 Widely Tunable Laser Assembly (TLA) is designed for use in DWDM systems where the capability to change wavelength on demand over the entire C- and L- Bands with up to 50 GHz channel spacing is essential. The key elements of the TLA are the Sampled Grating Distributed Bragg Reflector (SG-DBR) laser, monolithically integrated with a Semiconductor Optical Amplifier (SOA) and an integral wavelength locker, all enclosed in a highreliability, hermetically sealed package. The integrated SOA acts as a shutter during wavelength switching and as an optional Variable Optical Attenuator (VOA) for pre-emphasis of transmitter power levels to optimize link performance. The TLA also incorporates a digital controller and firmware. Polarization maintaining fiber pigtail is standard, with a ceramic ferrule termination. User control may be specified as I2CTM, SPI, or UART.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
3205/3206 TUNABLE LASER ASSEMBLY
2
Dimensions Diagram (Specifications in inches unless otherwise noted.)
See DETAIL A
DETAIL A
3205/3206 TUNABLE LASER ASSEMBLY
3
Pinout
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Description TEC Voltage TEC Voltage TEC Voltage TEC Voltage Ground Ground Ground Ground +3.3 V, Analog +3.3 V, Analog Ground Ground +3.3 V, Digital +3.3 V, Digital Ground Ground Reset, Active Low Communication Bus Select 1 Laser Disable, Active Low Communication Bus Select 2 Channel Tagging I2CTM NEC/SPI Output Data/UART Tx Data Reserved for Future Use--NEC 3 I2CTM Serial Data/SPI Input Data/UART Rx Data Reserved for Future Use--NEC I2CTM Serial Clock/SPI Input Clock/UART NEC Reserved for Future Use--NEC I2CTM NEC/SPI Slave Select/UART NEC Wavelength Lock Status, Active Low I2CTM A0/SPI Slave Ready/UART NEC Service Alarm, Active Low I2CTM A1/SPI NEC/UART NEC Urgent Alarm, Active Low I2CTM A2/SPI NEC/UART NEC Manufacturing Services--NEC Manufacturing Services--NEC Manufacturing Services--NEC Manufacturing Services--NEC Manufacturing Services--NEC Manufacturing Services--NEC
39
01
40
02
1. Module Connector type: Samtec FTS-120-03-F-DV-S or equivalent (pin) 2. PCB Connector type: Samtec CLP-120-02-G-D-P or equivalent (socket) 3. NEC = No External Connection
3205/3206 TUNABLE LASER ASSEMBLY
4
Absolute Maximum Ratings
Parameter TEC supply voltage 3.3 V supply voltage (analog) 3.3 V supply voltage (digital) Operating case temperature range Storage case temperature range Relative humidity (noncondensing) Minimum fiber-bend radius Maximum LVTTL input voltage (Pins 17-20, 24, 26, 28, 30, 32, & 34)
Symbol VCC VDDana VDDdig Top Tstg RH VIL
Minimum 0V 0V 0V -5C -40C 1 in. (25.4 mm) -
Maximum 6V 3.6 V 3.6 V 70C 85C 85% 3.6 V
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Electrical Specifications
Parameter TEC supply voltage1 TEC supply current 3.3 V supply voltage (analog)2 3.3 V supply current (analog)3 3.3 V supply voltage (digital)2 3.3 V supply current (digital)3 Power dissipation4
Symbol VCC ICC VDDana IDDana VDDdig IDDdig PDIS
Minimum 3.13 V 3.13 V 3.13 V -
Typical 5.0 V 1000 mA 3.3 V 550 mA 3.3 V 140 mA 5.5 W
Maximum 5.25 V 2300 mA 3.47 V 700 mA 3.47 V 200 mA 6.5 W
1. TEC supply voltage may be set to either 3.3 V or 5 V. Common 3.3 V supply may be used for analog, digital, and TEC. 2. 3.3 V analog and digital supplies can be linked. 3. Total current from 3.3 V supplies not to exceed 2300 mA. 4. Steady-state power dissipation over lifetime and case operating range of -5 to 70C.
Channel Switching Specifications
Parameter Blanked output power1 Locked frequency accuracy Wavelength switching time2
Symbol PBLANK Tswitch
Minimum -
Typical -
Maximum -30 dBm 2.5 GHz 10 ms
1. Output power is less than -30 dBm at frequencies more than 10 GHz away from new channel. 2. Switching time is duration from receipt of command to locked operation at new channel.
3205/3206 TUNABLE LASER ASSEMBLY
5
Optical Specifications
Parameter Output power1 3205 TLA 3206 TLA Power variation2 Within a channel, Tc = 0 - 70C Between channels, Tc = 25C Number of consecutive channels 3205 TLA 3206 TLA Channel spacing Tuning range 3205 TLA 3206 TLA Frequency accuracy over life & temperature3 Linewidth4 Relative intensity noise5 3205 TLA 3206 TLA Side mode suppression ratio6 3205 TLA 3206 TLA SBS dither specifications Peak-to-peak frequency modulation7 Residual amplitude modulation
1. Over lifetime and case temperature range of -5 to 70C
Symbol P
Minimum
Typical
Maximum
P C 1528.384 nm 191.70 THz 1570.42 nm 186.35 THz SMSR 40 dB 38 dB 0.1 GHz -
13 dBm 10 dBm 90 92 50 GHz -140 dB/Hz -138.5 dB/Hz 45 dB 45 dB -
0.5 dB 0.5 dB 1563.863 nm 196.15 THz 1608.76 nm 190.90 THz 2.5 GHz 10 MHz -135 dB/Hz -133.5 dB/Hz 1.2 GHz 1%
LW RIN
2. Power variation within and between channels under locked operation, BOL. 3. Frequency accuracy under locked operation. 4. Effective 3 dB linewidth corresponding to phase noise density measured using coherent discriminator method. 5. Measured at worst case point between 0.1 - 10 GHz. 6. Ratio of average power in the dominant mode to that in the highest side mode (in a 0.1 nm resolution bandwidth). 7. Dither frequency is 12 kHz. Peak-to-peak modulation is adjustable in 0.1 GHz steps.
Variable Optical Attenuator Specifications
Parameter Attenuation range 3205 TLA 3206 TLA
Symbol PVOA
Minimum
Typical
Maximum
6 dB 4 dB
-
-
3205/3206 TUNABLE LASER ASSEMBLY
6
Tunable Laser Assembly (TLA) Installation
The TLA electrical connector pins will withstand mating forces similar to those of internal personal computer ribbon cables. Because the complete TLA is not hermetically sealed, do not immerse it or spray it with cleaning solutions or solvents. The fiber connector handling/protection (dust) cap and the fiber pigtail materials can deform at temperatures above +85C.
TLA Handling Considerations
Although the TLA has been designed to be physically robust, use care during handing and installation. Keep optical connector clean and free of surface particles. Keep the optical connector handling/protection cap in place when the fiber pigtail is not mated. Oil-free canned air or nitrogen with an extension tube may be used to help remove surface particles. Observe normal industry procedures for handling and cleaning. Use care in controlling the minimum fiber bend radius. Make sure that the protection cap is debris-free and clean prior to reinstalling it on the optical connector.
Patents
This product is protected under U.S. Patent Number 4,896,325 and other patents pending worldwide.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 3205-00
320
Code 3205 3206 Model 3205 3206
Code 00 01 02 Connector Type1 ST/UPC ferrule 1 FC/UPC SC/UPC
1. Other connector styles and fiber lengths may be available by special order.
3205/3206 TUNABLE LASER ASSEMBLY
Qualification and Reliability
New product introduction follows a comprehensive gating structure that monitors time, costs, quality and reliability of the product from concept to volume manufacturing, and ensures that products meet all requirements during the life cycle. The product qualification will fully meet the intent of the Telcordia standards, and qualifies the product in stages of integration, building upon qualified Core Technology Platforms. The laser components will be tested under accelerated life tests using both temperature and current, to determine the MTTF. Hermetic Laser Diode Modules will be qualified to GR468-CORE.
Laser Safety
The 32XX versions of widely tunable lasers are classified as Class IM per IEC/EN 60825-1/A2:2001. This product complies with FDA/CDRH, 21 CFR 1040.10 and 1040.11 except for deviations pursuant to Laser Notice No. 50 dated 26 July, 2001. Viewing the laser output with certain optical instruments (for example, eye loupes, magnifiers, and microscopes) within a distance of 100 mm may pose an eye hazard. Laser power up to 40 mW at 1550 nm could be accessible if optical connector is open or fiber is broken.
CAUTION: Class 1M Invisible laser radiation when open. Do not view directly with optical instruments. Invisible Laser Radiation Do not view directly with optical instruments (magnifiers). Class 1M Laser Product per IEC/EN 60825-1/A2:2001 40 mW at 1550 nm
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in hazardous laser radiation exposure.
Telcordia is a registered trademark of Telcordia Technologies Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 30137442 Rev. 001 06/06 32053206TLA.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of 3206-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X