Part Number Hot Search : 
AS1D15 78D05 LD1085V MP804 25Q41 M62343GP 150K40 CX162
Product Description
Full Text Search
 

To Download 1N4448WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R)
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package Fast Switching Diode
Absolute Maximum Ratings
Symbol PD T STG TJ VRSM VRRM IFRM IO Power Dissipation
TA = 25C unless otherwise noted Value 200 -65 to +150 +150 100 75 300 150 Units mW C C V V mA mA
Parameter
Storage Temperature Range Operating Junction Temperature Non-Repetitive Peak Reverse Voltage Repetitive Peak Reverse Voltage Repetitive Peak Forward Current Continuous Forward Current
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:

Fast Switching Device (T RR <4.0 nS) General Purpose Diodes Flat Lead SOD-323 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode TA = 25C unless otherwise noted Parameter Breakdown Voltage Test Condition IR=100A IR=5A IR Reverse Leakage Current VR=20V VR=75V VF Forward Voltage 1N4448WS, 1N914BWS TC1N4448WS, 1N4148WS IF=5mA IF=10mA IF=100mA IF=10mA IR=60mA 4 RL=100 IRR=1mA C Capacitance VR=0V, f=1M HZ 4 pF nS 0.62 Limits Min BV 100 75 25 5 0.72 1.0 1.0 Volts Volts nA A Max Unit DEVICE MARKING CODE: Device Type Device Marking 1N4148WS S1 1N4448WS S2 1N914BWS S3
Electrical Characteristics
Symbol
1N4448WS, 1N914BWS TRR Reverse Recovery Time
Oct 2008 Release, Revision E Page 1
1N4148WS/1N4448WS/1N914BWS
TAK CHEONG
Typical Performance Characteristics
(R)
SEMICONDUCTOR
Total Capacitance
Forward Voltage vs Ambient Temperature
Oct 2008 Release, Revision E Page 2
TAK CHEONG
(R)
SEMICONDUCTOR
Reverse Current vs Reverse VoltageReverse
Oct 2008 Release, Revision E Page 3
TAK CHEONG
SOD-323 Package Outline
(R)
SEMICONDUCTOR
NOTE: The above package outline is similar to JEITA SC-90.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Oct 2008 Release, Revision E Page 4


▲Up To Search▲   

 
Price & Availability of 1N4448WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X