Part Number Hot Search : 
JV011 CS1608 UA741EJ NT72C SMAJ100 STAC9750 LA4557 SD1015
Product Description
Full Text Search
 

To Download 1N4448WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface mount fast switching Diode FEATURES
Fast Switching Speed. Surface Mount Package Ideally Suited For Automatic Insertion For General Purpose Switching Applications High Conductance
Production specification
1N4448WS
Pb
Lead-free
APPLICATIONS
Surface mount fast switching diode
SOD-323
ORDERING INFORMATION
Type No. 1N4448WS Marking T5 Package Code SOD-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Reverse Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @t=1.0 s @t=1.0 s Power Dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Rage Symbol VRM VRRM VRWM VR VR(RMS) IFM Io IFSM Pd RJA Tj,TSTG Value 100 75 Unit V V
53 500 250 4.0 2.0 200 625 -65 to+150
V mA mA A mW /W
Document number: BL/SSSDB003 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface mount fast switching Diode ELECTRICAL CHARACTERISTICS @ Ta=25
Characteristic Reverse Breakdown Voltage Forward Voltage Symbol V(BR)R VF Min 75 0.62 0.72 0.855 1.0 1.25 2.5 25 4.0 4.0
Production specification
1N4448WS
unless otherwise specified Unit V V Test Condition IR=1.0A IF=5mA IF=10mA IF=100mA IF=150mA VR=75V VR=20V VR=0,f=1.0MHz IF=IR=10mA, Irr=0.1xIR,RL=100
Max
Reverse Current Capacitance between terminals Reverse Recovery Time
IR CT trr
-
A nA pF ns
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDB003 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface mount fast switching Diode PACKAGE OUTLINE
Plastic surface mounted package
Production specification
1N4448WS
SOD-323
K B
SOD-323
C
Dim A Min 1.275 1.675 Max 1.325 1.725
D
A
B C D E H
0.9 Typical 0.25 0.27 0.02 0.35 0.37 0.1
J
E
H
J K
0.1 Typical 2.6 All Dimensions in mm 2.7
SOLDERING FOOTPRINT
Unit mm
PACKAGE
Device 1N4448WS
INFORMATION
Package SOD-323 Shipping 3000/Tape&Reel
Document number: BL/SSSDB003 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of 1N4448WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X