Part Number Hot Search : 
74S90 AKD4611 SMA10 PI74AVC HT82K628 STV9555 UTC200 ON1985
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W/1N4448W/1N914BW 400mW High Speed SMD Switching Diode
Small Signal Diode
SOD-123F
B
Features
Fast switching device(Trr<4.0nS) Surface device type mounting Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code
C
A
D E F Unit (mm) Min 1.5 3.3 0.5 2.5 0.8 0.05 Max 1.7 3.7 0.7 2.7 1.0 0.2 Unit (inch) Min Max 0.059 0.067 0.130 0.146 0.020 0.028 0.098 0.106 0.031 0.039 0.002 0.008
Mechanical Data
Case : Flat lead SOD-123 small outline plastic package Terminal: Matte tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed High temperature soldering guaranteed: 260C/10s Polarity : Indicated by cathode band Weight : 8.850.5 mg
Dimensions A B C D E F
Ordering Information
Part No. 1NxxxxW RH Package SOD-123F Packing 3Kpcs / 7" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Maximum Ratings
Type Number Power Dissipation Non-Repetitive Peak Reverse Voltage Repetitive Peak Reverse Voltage Repetitive Peak Forward Current Mean Forward Current Thermal Resistance (Junction to Ambient) (Note 1) Junction and Storage Temperature Range Symbol PD VRSM VRRM IFRM IO RJA TJ, TSTG Value 400 100 75 300 150 450 -65 to + 150 Units mW V V mA mA C/W C
Electrical Characteristics
Type Number Reverse Breakdown Voltage Forward Voltage 1N4448W, 1N914BW 1N4148W 1N4448W, 1N914BW Reverse Leakage Current Junction Capacitance Reverse Recovery Time (Note 2) IF=5.0mA IF=10.0mA IF=100.0mA VR=20V VR=75V VR=0, f=1.0MHz IR CJ Trr VF 0.62 0.72 1.0 1.0 25 5.0 4.0 4.0 nA A pF ns V IR=100uA IR=5uA Symbol V(BR) Min 100 75 Max Units V
Notes:1. Valid provided that electrodes are kept at ambient temperature Notes:2. Reverse Recovery Test Conditions: I F=10mA, IR=60mA, RL=100, IRR=1mA
Version : C09
1N4148W/1N4448W/1N914BW 400mW High Speed SMD Switching Diode
Small Signal Diode Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
100
FIG 2 Reverse Current vs Reverse Voltage
100
Instantaneous Forward Current (A)
Reverse Current (uA)
10 1
10
Ta=25C
Ta=25C
0.1
1
0.01
0.1
0.001 0 0.2
Instantaneous Forward Volatge (V)
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01 0 20
Reverse Volatge (V)
40
60
80
100
120
FIG 3 Admissible Power Dissipation Curve
500 6
FIG 4 Typical Junction Capacitance
Junction Capacitance (pF)
0 20 40 60 80 100 120 140 160
Power Dissipation (mW)
400 300 200 100 0
5 4 3 2 1 0 0 2 4 6 8 10
Ambient Temperature (C)
Reverse Voltage (V)
FIG 5 Forward Resistance vs. Forward Current
10000
Dynamic Forward Resistance ()
1000
100
10
1 0 0
Forward Current (mA)
1
10
100
Version : C09


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X