Part Number Hot Search : 
STM321 16210 BT101 MAX199 D1589 MC1350D TA7291P SL210
Product Description
Full Text Search
 

To Download 0528304422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0528304422 Active
modular_plugs_jacks Modular Jack, Right Angle, 4/4, 0.38m (15") Gold (Au) Plating, with Beveled Metal Pins, Tray Packaging, Lead-free
Documents: 3D Model Drawing (PDF) Product Specification PS-52830-002 (PDF)
Product Specification PS-52830-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E107635 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 52830 Beveled Metal Pins PCB Jack No modular_plugs_jacks 3 N/A RJ11
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Gray 200 94V-0 No None Phosphor Bronze Gold Tin Polyester Right Angle (Side Entry) Yes Yes 0.063 In 1.60 mm Tray 0.040 In 1.02 mm 0.040 In 1.02 mm 1 4/4 No -40C to +80C Through Hole No N/A
Search Parts in this Series 52830Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum
1.2A No 125V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-52830-002, PS-52830-003, RPS-52830-001 SD-52830-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0528304422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X