Part Number Hot Search : 
FCS06SG 25AA01 LM2423TE 67078 DC12V VICES SB3040PT DC12V
Product Description
Full Text Search
 

To Download 0520442445 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0520442445 Active
1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 24 Circuits
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 52044 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Entry Angle Flammability Mated Height (in) Mated Height (mm) Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 24 Top 90 Angle 94V-0 0.201 In 5.10 mm 1 Right Angle 0.138 In 3.50 mm None Tray 0.049 In 1.25 mm Yes No No -40C to +85C Through Hole FFC/FPC
Search Parts in this Series 52044Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A, 1A 200V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-52044 PS-52044-002, RPS-52044-003, RPS-52044-005, RPS-52044-006, RPS-52044-008 SD-52044-**45
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0520442445

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X