Part Number Hot Search : 
MA2C774 RFR3806 SSD20 MD1123 VA25X BDR2G 0EP16 MC529
Product Description
Full Text Search
 

To Download 0395214006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395214006 Active
5.00mm (.197") Pitch EurostyleTM Vertical PCB Header, Surface Mount Compatible, 6 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39521 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 6 N/A Yes 1 Vertical 0.154 In 3.90 mm 0.125 In 3.20 mm No 0.197 In 5.00 mm Yes Closed Ends No Yes -40C to +140C N/A
Search Parts in this Series 39521Series Mates With 39520 Horizontal Plug, 39523 Vertical Plug, Most 5.00mm (.197") Pitch Industry Standard Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39521-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395214002 395214003 395214004 395214005 395214006 395214007 395214008 395214009 395214010 395214011 395214012 395214013 395214014 395214015 395214016 395214017 395214018 395214019 395214020 395214021 395214022 395214023 395214024 10AV 395214302 395214303 395214304 395214305 395214306 395214307 395214308 395214309 395214310 395214311 395214312 395214313 395214314 395214315 395214316 395214317 395214318 395214319 395214320 395214321 395214322 395214323 395214324 11AV 395214402 395214403 395214404 395214405 395214406 395214407 395214408 395214409 395214410 395214411 395214412 395214413 395214414 395214415 395214416 395214417 395214418 395214419 395214420 395214421 395214422 395214423 395214424 None 395214502 395214503 395214504 395214505 395214506 395214507 395214508 395214509 395214510 395214511 395214512 395214513 395214514 395214515 395214516 395214517 395214518 395214519 395214520 395214521 395214522 395214523 395214524 30 u" Gold Printing Options 10AV 395214802 395214803 395214804 395214805 395214806 395214807 395214808 395214809 395214810 395214811 395214812 395214813 395214814 395214815 395214816 395214817 395214818 395214819 395214820 395214821 395214822 395214823 395214824 11AV 395214902 395214903 395214904 395214905 395214906 395214907 395214908 395214909 395214910 395214911 395214912 395214913 395214914 395214915 395214916 395214917 395214918 395214919 395214920 395214921 395214922 395214923 395214924 None 395219002 395219003 395219004 395219005 395219006 395219007 395219008 395219009 395219010 395219011 395219012 395219013 395219014 395219015 395219016 395219017 395219018 395219019 395219020 395219021 395219022 395219023 395219024 100% Tin Printing Options 10AV 395219302 395219303 395219304 395219305 395219306 395219307 395219308 395219309 395219310 395219311 395219312 395219313 395219314 395219315 395219316 395219317 395219318 395219319 395219320 395219321 395219322 395219323 395219324 11AV 395219402 395219403 395219404 395219405 395219406 395219407 395219408 395219409 395219410 395219411 395219412 395219413 395219414 395219415 395219416 395219417 395219418 395219419 395219420 395219421 395219422 395219423 395219424 None 395219502 395219503 395219504 395219505 395219506 395219507 395219508 395219509 395219510 395219511 395219512 395219513 395219514 395219515 395219516 395219517 395219518 395219519 395219520 395219521 395219522 395219523 395219524 Green 30 u" Gold Printing Options 10AV 395219802 395219803 395219804 395219805 395219806 395219807 395219808 395219809 395219810 395219811 395219812 395219813 395219814 395219815 395219816 395219817 395219818 395219819 395219820 395219821 395219822 395219823 395219824 11AV 395219902 395219903 395219904 395219905 395219906 395219907 395219908 395219909 395219910 395219911 395219912 395219913 395219914 395219915 395219916 395219917 395219918 395219919 395219920 395219921 395219922 395219923 395219924 mm 12.00 17.00 22.00 27.00 32.00 37.00 42.00 47.00 52.00 57.00 62.00 67.00 72.00 77.00 82.00 87.00 92.00 97.00 102.00 107.00 112.00 117.00 122.00 Dim. A inch 0.472 0.669 0.866 1.063 1.260 1.457 1.654 1.850 2.047 2.244 2.441 2.638 2.835 3.031 3.228 3.425 3.622 3.819 4.016 4.213 4.409 4.606 4.803 mm 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 Dim B inch 0.197 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 Dimensional Information
Description 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp 5.0mm, Euro Header, Vertical, High Temp


▲Up To Search▲   

 
Price & Availability of 0395214006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X