Part Number Hot Search : 
EECRG0 UG140 05E6L FR320 BAS316 CDNBS ACE50528 7002S
Product Description
Full Text Search
 

To Download 0359780540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0359780540 Planned for Obsolescence
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 5 Circuits, Natural, Natural, Polyester Alloy
Documents: Drawing (PDF) Product Specification PS-35978-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA TUV UL LR19980 R72090224 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 35978 Wire-to-Board MV-396TM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 4 10 Natural 30 No 94V-0 Yes No None Yes Brass Tin-Lead Tin-Lead Polyester Alloy 1 Right Angle 0.146 In 3.70 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 0.156 In 3.96 mm No No No Yes No -25C to +85C Through Hole
Search Parts in this Series 35978Series Mates With 35977 Wire-to-Board Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-35978-001 SD-35978-002
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0359780540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X