Part Number Hot Search : 
MBR15 70099 L320D PF3506 SC120 1FJEB SMCJ12C AN620
Product Description
Full Text Search
 

To Download UF200G09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF200G ~ UF206G
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
1.0(25.4)MIN.
50 to 600 Volts
CURRENT
2.0 Amperes
DO-15
Unit: inch(mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound * Exceeds environmental standards of MIL-S-19500/228. * Ultra Fast recovery for high efficiency. * In compliance with EU RoHS 2002/95/EC directives
.034(.86) .028(.71)
.300(7.6)
MECHANICALDATA
* Case: Molded plastic, DO-15 * Terminals: Axial leads, solderable per MIL-STD-750,Method 2026 * Polarity: Band denotes cathode * Mounting Position: Any * Weight: 0.014 ounce, 0.397 gram
.230(5.8)
.140(3.6)
1.0(25.4)MIN.
.104(2.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 5 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 2 . 0 A M a xi m um D C R e ve r s e C ur r e nt TJ = 2 5 O C a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 2 5 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 2 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR CJ RJ A trr TJ , TS T G
UF 2 0 0 G 50 35 50
UF 2 0 1 G 100 70 100
UF 2 0 2 G 200 140 200 2 .0 60
UF 2 0 4 G 400 280 400
UF 2 0 6 G 600 420 600
U N IT S V V V A A
1 .0 1 .0 200 35 45 50 -5 5 to +1 5 0
1 .3
1 .7
V A
pF
O
C/W ns
O
100
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Thermal Resistance from Junction to Ambient and from Junction to lead length 0.375"(9.5mm) P.C.B. mounted. 3. Reverse Recovery Time IF=.5A ,IR=1A , Irr=.25A
STAD-MAR.05.2009
PAGE . 1
UF200G ~ UF206G
RATING AND CHARACTERISTIC CURVES
10
AVERAGE FORWARD CURRENT, AMPERES
50-200V
6.0 5.0 4.0 3.0 2.0 1.0 0
FORWARD CURRENT, AMPERES
400V 1.0 600V
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" LEAD LENGTHS
0.1
T A =25 C 0.01 0.7 0.9 1.1 1.3 1.5 1.7 1.9
O
25
50
75
100
125
150
O
175
FORWARD VOLTAGE,VOLTS
AMBIENT TEMPERATURE, C Fig.2 FORWARD CURRENT DERATING CURVE
Fig.1 FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT ,uA
1000
70
FORWARD SURGE CURRENT,AMPERES
100
TJ = 1 C 50
O
60 50 40 30 20 10 0
10
TJ = 100 OC
1.0
TJ = 2 C 5
O
0.1
20
40
60
80
100
120
140
1
5
10
50
100 200
1000
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
NO. OF CYCLES AT 60Hz Fig.4 PEAK FORWARD SURGE CURRENT
Fig.3 TYPICAL REVERSE CHARACTERISTIC
STAD-MAR.05.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF200G09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X