Part Number Hot Search : 
CY7C130 LTC31 BCY78 24001 LTC31 24001 SPANSION 331M25
Product Description
Full Text Search
 

To Download UF2000CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF2000CT~UF2006CT
ULTRAFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Ultra fast recovery times, high voltage. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47)
50 to 600 Volts
CURRENT
20 Amperes
MECHANCALDATA
* Case: TO-220AB full molded plastic package * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0655 ounces, 1.859 grams.
.042(1.07)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt l e a d l e ng t h a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 . 0 A M a xi m um D C R e ve r s e C ur r e nt TJ = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TJ = 1 2 5 O C Ty p i c a l J u n c t i o n C a p a c i t a n c e ( N o t e 1 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR CJ trr RJ C TJ , TS T G
UF 2 0 0 0 C T UF 2 0 0 1 C T UF 2 0 0 2 C T UF 2 0 0 3 C T UF 2 0 0 4 C T UF 2 0 0 6 C T
U N IT S V V V A A
50 35 50
100 70 100
200 140 200 20 150
300 210 300
400 280 400
600 420 600
1 .0 1 .0 500 200 50 2 -6 5 to +1 5 0
1 .3 0
1.70
V A
pF 100
O
ns C/W
O
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Thermal resistance from Junction to ambient and from junction to lead
STAD-JUL.20.2009 1
PAGE . 1
UF2000CT~UF2006CT
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
24.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
300
T J =25 C
O
20.0
JUNCTION CAPACITANCE, pF
250 200 150 100 50 0 1
16.0
12.0
8.0
4.0
0 25 50 75 100 125
O
2
4
10
20
40
100
150
175
CASE TEMPERATURE, C Fig.1 FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE, VOLTS
Fig.2 TYPICAL JUNCTION CAPACITANCES
INSTANTANEOUS FORWARD CURRENT, Amperes
100
50-200V 300-400V
1000
INSTANTANEOUS REVERSE CURRENT,uA
TJ= 125 C 100
O
10
10
1
600V
1.0 TJ= 25 C
O
.01
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
20
40
60
80
100
120
1 40
FORWARD VOLTAGE, volts
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
210
FORWARD SURGE CURRENT,AMPERES
180
T J =25 OC 8.3ms Single Half Since-Wave JEDEC Method
150 120
90 60 30
1
1
5
10
50
100 200
1000
NO. OF CYCLES AT 60Hz Fig.5 PEAK FORWARD SURGE CURRENT
STAD-JUL.20.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF2000CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X